Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR260 Datasheet(PDF) 1 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

Part # SR260
Description  SCHOTTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFS [Shenzhen Ping Sheng Electronics Co., Ltd.]
Direct Link  http://ps-pfs.en.alibaba.com/
Logo PFS - Shenzhen Ping Sheng Electronics Co., Ltd.

SR260 Datasheet(HTML) 1 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

  SR260 Datasheet HTML 1Page - Shenzhen Ping Sheng Electronics Co., Ltd. SR260 Datasheet HTML 2Page - Shenzhen Ping Sheng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SR2100
280
260
250
240
230
220
100
0
2 T
U
SCHOTTTKY BARRIER RECTIFIER
VOLTAGE RANGE
20 to 100 Volts
SR2
HR
SR2
CURRENT
2.0 Ampere
FEATURES
Fast switching
Low forward voltage
Low power loss for high efficiency
High surge capability
High temperature soldering guaranteed
250℃/10 seconds,0.375”(9.5mm)lead length
MECHANICAL DATA
Case: Transfer molded plastic
Epoxy: UL94V-0 rate flame retardant
Lead: solderable per MIL-STD-202E
Method 208C
Polarity :Color band denoted cathode end
Mounting position: Any
Weight: 0.014ounce, 0.39 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load
For capacitive load derate current by 20%
SYMBOLS
SR
SR
SR
SR
SR
SR
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
20
30
40
50
60
80
100
Volts
Maximum RMS Voltage
VRMS
14
21
28
35
42
56
70
Volts
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
80
100
Volts
Maximum Average Forward Rectified Current
0.375”(9.5mm) lead length ,(NOTE 1)
T L =100℃
I(AV)
2.0
Amps
Peak Forward Surge Current
8.3mS single half sine-wave superimposed on
rated load (JEDEC method)
IFSM
60
Amps
Maximum Instantaneous Forward Voltage @2.0A
VF
0.55
0.70
0.85
Volts
TA = 25℃
0.5
Maximum DC Reverse Current at rated
DC blocking voltage per element(Note1) T
A = 100℃
IR
10
µA
Typical Junction Capacitance (NOTE 3)
CJ
200
pF
Typical Thermal Resistance (NOTE 2)
RθJA
20
/W
Operating Junction Temperature Range
TJ
(-55 to +150)
Storage Temperature Range
TSTG
(-55 to +150)
Notes:
1. Pulse test:300μs pulse width,1% duty cycle
2. Thermal Resistance from junction to ambient P.C.B. mounted with 0.375”(9.5mm)lead length with 1.5”×1.5”(38×38mm)
copper pads
3. Measured at 1.0MHz and applied reverse voltage of 4.0 Volts.
Dimensions in inches and (millimeters)
DIA.
.140(3.6)
.104(2.6)
.300(7.6)
.230(5.8)
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.034(0.9)
.028(0.7)
DIA.
DO-204AC(DO-15)
Web Site: WWW.PS-PFS.COM


Similar Part No. - SR260

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SR260 WTE-SR260 Datasheet
49Kb / 3P
   2.0A SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SR260 DGNJDZ-SR260 Datasheet
212Kb / 2P
   1.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
SR260 SEMTECH_ELEC-SR260 Datasheet
315Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
PACELEADER INDUSTRIAL
SR260 PACELEADER-SR260 Datasheet
524Kb / 2P
   2.0AMP SCHOTTKY BARRIER RECTIFIERS
logo
Frontier Electronics.
SR260 FRONTIER-SR260 Datasheet
432Kb / 2P
   2A SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SR260

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
SR202 MIC-SR202 Datasheet
50Kb / 2P
   SCHOTTTKY BARRIER RECTIFIER
logo
Formosa MS
GBU20005 FORMOSA-GBU20005 Datasheet
360Kb / 2P
   Barrier Rectifier
GBJ25005 FORMOSA-GBJ25005 Datasheet
227Kb / 2P
   Barrier Rectifier
GBJ15005 FORMOSA-GBJ15005 Datasheet
173Kb / 2P
   Barrier Rectifier
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com