Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV166A7 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HD74LV166A7
Description  Parallel-Load 8-bit Shift Register
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV166A7 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HD74LV166A7 Datasheet HTML 2Page - Renesas Technology Corp HD74LV166A7 Datasheet HTML 3Page - Renesas Technology Corp HD74LV166A7 Datasheet HTML 4Page - Renesas Technology Corp HD74LV166A7 Datasheet HTML 5Page - Renesas Technology Corp HD74LV166A7 Datasheet HTML 6Page - Renesas Technology Corp HD74LV166A7 Datasheet HTML 7Page - Renesas Technology Corp HD74LV166A7 Datasheet HTML 8Page - Renesas Technology Corp HD74LV166A7 Datasheet HTML 9Page - Renesas Technology Corp HD74LV166A7 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
HD74LV166A
Preliminary
R04DS0002EJ0400 Rev.4.00
Page 7 of 9
Aug 16, 2010
Switching Characteristics (cont)
(VCC = 5.0 ± 0.5 V)
Ta = 25°C
Ta = –40 to 85°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit
Test
Conditions
FROM
(Input)
TO
(Output)
110
165
90
CL = 15 pF
Maximum clock
frequency
fmax
95
125
85
MHz
CL = 50 pF
6.0
9.9
1.0
11.5
CL = 15 pF
tPLH/tPHL
7.7
11.9
1.0
13.5
CL = 50 pF
CLK
5.4
8.6
1.0
10.0
CL = 15 pF
Propagation
delay time
tPHL
6.9
10.6
1.0
12.0
ns
CL = 50 pF
CLR
QH
3.5
3.5
CLR inactive before
CLK
3.5
3.5
CLK INH before CLK
4.5
4.5
Data before CLK
4.0
4.0
SH/
LD high before CLK
Setup time
tsu
4.0
4.0
ns
SER before CLK
1.0
1.0
PAR data after SH/
LD 
1.0
1.0
SER data after CLK
Hold time
th
1.0
1.0
ns
SH/LD high after CLK
5.0
5.0
CLR low
Pulse width
tw
4.0
4.0
ns
CLK H or L
Operating Characteristics
(CL = 50 pF)
Ta = 25°C
Item
Symbol
VCC (V)
Min
Typ
Max
Unit
Test Conditions
3.3
36.1
Power dissipation capacitance
CPD
5.0
37.5
pF
f = 10 MHz
Test Circuit
Note: CL includes the probe and jig capacitance.
Measurement point
CL*


Similar Part No. - HD74LV166A7

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LV166A HITACHI-HD74LV166A Datasheet
73Kb / 16P
   Parallel-Load 8-bit Shift Register
logo
Renesas Technology Corp
HD74LV166A RENESAS-HD74LV166A Datasheet
88Kb / 10P
   Parallel-Load 8-bit Shift Register
HD74LV166AFPEL RENESAS-HD74LV166AFPEL Datasheet
88Kb / 10P
   Parallel-Load 8-bit Shift Register
HD74LV166AFPEL RENESAS-HD74LV166AFPEL Datasheet
108Kb / 10P
   Parallel-Load 8-bit Shift Register
HD74LV166ARPEL RENESAS-HD74LV166ARPEL Datasheet
88Kb / 10P
   Parallel-Load 8-bit Shift Register
More results

Similar Description - HD74LV166A7

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC166 HITACHI-HD74HC166 Datasheet
57Kb / 10P
   Parallel-load 8-bit Shift Register
logo
Unisonic Technologies
U74HC165 UTC-U74HC165_15 Datasheet
276Kb / 7P
   8-BIT PARALLEL-LOAD SHIFT REGISTER
U74HCT165 UTC-U74HCT165_15 Datasheet
259Kb / 8P
   8-BIT PARALLEL-LOAD SHIFT REGISTER
logo
Texas Instruments
SN74HC166A-Q1 TI1-SN74HC166A-Q1 Datasheet
620Kb / 16P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTER
SN74HC166A-EP TI1-SN74HC166A-EP Datasheet
384Kb / 13P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTER
logo
Hitachi Semiconductor
HD74LV165A HITACHI-HD74LV165A Datasheet
75Kb / 17P
   Parallel-Load 8-bit Shift Register
HD74LV166A HITACHI-HD74LV166A Datasheet
73Kb / 16P
   Parallel-Load 8-bit Shift Register
logo
Texas Instruments
SN74ALS166 TI-SN74ALS166_08 Datasheet
646Kb / 16P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTER
logo
Renesas Technology Corp
HD74LV166A RENESAS-HD74LV166A Datasheet
88Kb / 10P
   Parallel-Load 8-bit Shift Register
logo
Texas Instruments
SN74ALS166 TI-SN74ALS166_07 Datasheet
505Kb / 15P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com