Electronic Components Datasheet Search |
|
AD7441 Datasheet(PDF) 6 Page - Analog Devices |
|
AD7441 Datasheet(HTML) 6 Page - Analog Devices |
6 / 24 page AD7441/AD7451 Rev. D | Page 6 of 24 Parameter Test Conditions/Comments B Version Unit CONVERSION RATE Conversion Time 888 ns with an 18 MHz SCLK 16 SCLK cycles Track-and-Hold Acquisition Time1 Sine wave input 250 ns max Step input 290 ns max Throughput Rate 1 MSPS max POWER REQUIREMENTS VDD 2.7/5.25 V min/max IDD6, 7 Normal Mode (Static) SCLK on or off 0.5 mA typ Normal Mode (Operational) VDD = 4.75 V to 5.25 V 1.95 mA max VDD = 2.7 V to 3.6 V 1.45 mA max Full Power-Down Mode SCLK on or off 1 μA max Power Dissipation Normal Mode (Operational) VDD = 5 V; 1.55 mW typ for 100 ksps6 9.25 mW max VDD = 3 V; 0.6 mW typ for 100 ksps6 4 mW max Full Power-Down VDD = 5 V; SCLK on or off 5 μW max VDD = 3 V; SCLK on or off 3 μW max 1 See the Terminology section. 2 Analog inputs with slew rates exceeding 27 V/μs (full-scale input sine wave > 3.5 MHz) within the acquisition time can cause the converter to return an incorrect result. 3 A small dc input is applied to VIN– to provide a pseudo ground for VIN+. 4 The AD7441 is functional with a reference input in the range 100 mV to VDD. 5 Guaranteed by characterization. 6 See the Power vs. Throughput Rate section. 7 Measured with a full-scale dc input. |
Similar Part No. - AD7441_10 |
|
Similar Description - AD7441_10 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |