Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7441BRTZ-REEL7 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7441BRTZ-REEL7
Description  Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7441BRTZ-REEL7 Datasheet(HTML) 4 Page - Analog Devices

  AD7441BRTZ-REEL7 Datasheet HTML 1Page - Analog Devices AD7441BRTZ-REEL7 Datasheet HTML 2Page - Analog Devices AD7441BRTZ-REEL7 Datasheet HTML 3Page - Analog Devices AD7441BRTZ-REEL7 Datasheet HTML 4Page - Analog Devices AD7441BRTZ-REEL7 Datasheet HTML 5Page - Analog Devices AD7441BRTZ-REEL7 Datasheet HTML 6Page - Analog Devices AD7441BRTZ-REEL7 Datasheet HTML 7Page - Analog Devices AD7441BRTZ-REEL7 Datasheet HTML 8Page - Analog Devices AD7441BRTZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD7441/AD7451
Rev. D | Page 4 of 24
Parameter
Test Conditions/Comments
A Version
B Version
Unit
CONVERSION RATE
Conversion Time
888 ns with an 18 MHz SCLK
16
16
SCLK cycles
Track-and-Hold Acquisition Time1
Sine wave input
250
250
ns max
Full-scale step input
290
290
ns max
Throughput Rate
1
1
MSPS max
POWER REQUIREMENTS
VDD
2.7/5.25
2.7/5.25
V min/max
IDD6, 7
Normal Mode (Static)
SCLK on or off
0.5
0.5
mA typ
Normal Mode (Operational)
VDD = 4.75 V to 5.25 V
1.95
1.95
mA max
VDD = 2.7 V to 3.6 V
1.45
1.45
mA max
Full Power-Down Mode
SCLK on or off
1
1
μA max
Power Dissipation
Normal Mode (Operational)
VDD = 5 V; 1.55 mW typical for 100 ksps6
9.25
9.25
mW max
VDD = 3 V; 0.6 mW typical for 100 ksps6
4
4
mW max
Full Power-Down
VDD = 5 V; SCLK on or off
5
5
μW max
VDD = 3 V; SCLK on or off
3
3
μW max
1 See Terminology section.
2 Analog inputs with slew rates exceeding 27 V/μs (full-scale input sine wave > 3.5 MHz) within the acquisition time can cause the converter to return an incorrect result.
3 A small dc input is applied to VIN– to provide a pseudo ground for VIN+.
4 The AD7451 is functional with a reference input in the range of 100 mV to VDD.
5 Guaranteed by characterization.
6 See the Power vs. Throughput Rate section.
7 Measured with a full-scale dc input.


Similar Part No. - AD7441BRTZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7441BRT AD-AD7441BRT Datasheet
208Kb / 15P
   Pseudo Differential, 1MSPS, 12- & 10-Bit ADCs in 8-lead SOT-23
REV. PrC 24/05/02
More results

Similar Description - AD7441BRTZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7451 AD-AD7451_15 Datasheet
722Kb / 25P
   Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23
REV. D
AD7441 AD-AD7441_15 Datasheet
722Kb / 25P
   Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23
REV. D
AD7440 AD-AD7440_15 Datasheet
864Kb / 29P
   Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
REV. C
AD7450A AD-AD7450A_15 Datasheet
864Kb / 29P
   Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
REV. C
AD7440 AD-AD7440 Datasheet
771Kb / 28P
   Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
Rev. B
AD7440 AD-AD7440_V01 Datasheet
674Kb / 27P
   Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
Rev. D
AD7440BRT AD-AD7440BRT Datasheet
784Kb / 28P
   Differential Input, 1 MSPS ADCs in an 8-Lead SOT-23
REV. C
AD7451 AD-AD7451 Datasheet
208Kb / 15P
   Pseudo Differential, 1MSPS, 12- & 10-Bit ADCs in 8-lead SOT-23
REV. PrC 24/05/02
AD7476 AD-AD7476_15 Datasheet
560Kb / 25P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7478 AD-AD7478_15 Datasheet
560Kb / 25P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com