Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7441BRTZ-REEL7 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7441BRTZ-REEL7
Description  Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7441BRTZ-REEL7 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7441BRTZ-REEL7 Datasheet HTML 7Page - Analog Devices AD7441BRTZ-REEL7 Datasheet HTML 8Page - Analog Devices AD7441BRTZ-REEL7 Datasheet HTML 9Page - Analog Devices AD7441BRTZ-REEL7 Datasheet HTML 10Page - Analog Devices AD7441BRTZ-REEL7 Datasheet HTML 11Page - Analog Devices AD7441BRTZ-REEL7 Datasheet HTML 12Page - Analog Devices AD7441BRTZ-REEL7 Datasheet HTML 13Page - Analog Devices AD7441BRTZ-REEL7 Datasheet HTML 14Page - Analog Devices AD7441BRTZ-REEL7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD7441/AD7451
Rev. D | Page 11 of 24
5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
1
234
4.0
VREF (V)
POSITIVE DNL
NEGATIVE DNL
Figure 13. Change in DNL vs. VREF for VDD = 5 V
–2
–1
0
1
2
3
4
0
1
234
5
VREF (V)
5
POSITIVE DNL
NEGATIVE DNL
Figure 14. Change in INL vs. VREF for VDD = 5 V
6
7
8
9
10
11
012345
12
VREF (V)
VDD = 3V
VDD = 5V
Figure 15. ENOB vs. VREF for VDD = 5 V and 3 V
0
100
200
300
400
500
0
–20
–40
–60
–80
–100
–120
–140
VREF (V)
8192 POINT FFT
fSAMPLE = 1MSPS
fIN = 100kSPS
SINAD = 61.7dB
THD = –81.7dB
SFDR = –82dB
Figure 16. AD7441 Dynamic Performance
0
256
512
768
1024
0.5
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
CODE
Figure 17. Typical DNL for the AD7441
0
256
512
768
1024
0.5
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
CODE
Figure 18. Typical INL for the AD7441


Similar Part No. - AD7441BRTZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7441BRT AD-AD7441BRT Datasheet
208Kb / 15P
   Pseudo Differential, 1MSPS, 12- & 10-Bit ADCs in 8-lead SOT-23
REV. PrC 24/05/02
More results

Similar Description - AD7441BRTZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7451 AD-AD7451_15 Datasheet
722Kb / 25P
   Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23
REV. D
AD7441 AD-AD7441_15 Datasheet
722Kb / 25P
   Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23
REV. D
AD7440 AD-AD7440_15 Datasheet
864Kb / 29P
   Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
REV. C
AD7450A AD-AD7450A_15 Datasheet
864Kb / 29P
   Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
REV. C
AD7440 AD-AD7440 Datasheet
771Kb / 28P
   Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
Rev. B
AD7440 AD-AD7440_V01 Datasheet
674Kb / 27P
   Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
Rev. D
AD7440BRT AD-AD7440BRT Datasheet
784Kb / 28P
   Differential Input, 1 MSPS ADCs in an 8-Lead SOT-23
REV. C
AD7451 AD-AD7451 Datasheet
208Kb / 15P
   Pseudo Differential, 1MSPS, 12- & 10-Bit ADCs in 8-lead SOT-23
REV. PrC 24/05/02
AD7476 AD-AD7476_15 Datasheet
560Kb / 25P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7478 AD-AD7478_15 Datasheet
560Kb / 25P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com