Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN5354 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FAN5354
Description  3MHz, 3A Synchronous Buck Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5354 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN5354 Datasheet HTML 3Page - Fairchild Semiconductor FAN5354 Datasheet HTML 4Page - Fairchild Semiconductor FAN5354 Datasheet HTML 5Page - Fairchild Semiconductor FAN5354 Datasheet HTML 6Page - Fairchild Semiconductor FAN5354 Datasheet HTML 7Page - Fairchild Semiconductor FAN5354 Datasheet HTML 8Page - Fairchild Semiconductor FAN5354 Datasheet HTML 9Page - Fairchild Semiconductor FAN5354 Datasheet HTML 10Page - Fairchild Semiconductor FAN5354 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5354 • Rev. 1.0.4
7
Typical Characteristics
Unless otherwise specified, VIN=5V, VOUT=1.2V, circuit of Figure 1, and components per Table 1.
24.0
25.0
26.0
27.0
28.0
29.0
30.0
31.0
2.533.544.555.5
6
Input Voltage (V)
TJ = 85°C
TJ = 25°C
TJ = –40°C
Figure 15. PFM frequency, ILOAD = 0
Load Transient Response (Figure 16 – Figure 19). ILOAD tR = tF = 100ns
Figure 16. MODE=0, 100mA to 1.5A to 100mA, 5µs/div.
Figure 17. 500mA to 3A to 500mA, 5µs/div.
 
VOUT
IL
Iload
Figure 18. MODE=1, 100mA to 1.5A to 100mA, 5µs/div.
Figure 19. 24mA to 500mA to 24mA, MODE=0, 5µs/div.


Similar Part No. - FAN5354

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5354 FAIRCHILD-FAN5354 Datasheet
1Mb / 14P
   3MHz, 3A Synchronous Buck Regulator
logo
ON Semiconductor
FAN5354 ONSEMI-FAN5354 Datasheet
1Mb / 16P
   3 MHz, 3 A Synchronous Buck Regulator
Rev. 1.0.7
logo
Fairchild Semiconductor
FAN53541 FAIRCHILD-FAN53541 Datasheet
1Mb / 15P
   2.4 MHz, 5 A TinyBuck Synchronous Buck Regulator
logo
ON Semiconductor
FAN53541 ONSEMI-FAN53541 Datasheet
1Mb / 17P
   2.4 MHz, 5 A TinyBuck Synchronous Buck Regulator
Rev. 1.1
logo
Fairchild Semiconductor
FAN53541UCX FAIRCHILD-FAN53541UCX Datasheet
1Mb / 15P
   2.4 MHz, 5 A TinyBuck Synchronous Buck Regulator
More results

Similar Description - FAN5354

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5353 FAIRCHILD-FAN5353 Datasheet
983Kb / 13P
   3MHz, 3A Synchronous Buck Regulator
FAN5354 FAIRCHILD-FAN5354_11 Datasheet
1Mb / 14P
   3MHz, 3A Synchronous Buck Regulator
logo
Micrel Semiconductor
MIC23451 MICREL-MIC23451 Datasheet
3Mb / 20P
   3MHz, 2A Triple Synchronous Buck Regulator
logo
Unisonic Technologies
USR1021 UTC-USR1021 Datasheet
183Kb / 4P
   3A SYNCHRONOUS BUCK REGULATOR
USR1021 UTC-USR1021_15 Datasheet
183Kb / 4P
   3A SYNCHRONOUS BUCK REGULATOR
logo
Fairchild Semiconductor
FAN5362 FAIRCHILD-FAN5362 Datasheet
1Mb / 14P
   3MHz, 500mA / 750mA Synchronous Buck Regulator
logo
ON Semiconductor
FAN5362 ONSEMI-FAN5362 Datasheet
1Mb / 16P
   3MHz, 500mA / 750mA Synchronous Buck Regulator
Rev. 1.0.5
logo
Microchip Technology
MIC28511 MICROCHIP-MIC28511 Datasheet
1Mb / 34P
   60VIN, 3A Synchronous Buck Regulator
07/14/15
logo
Alpha & Omega Semicondu...
AOZ1031AI AOSMD-AOZ1031AI Datasheet
925Kb / 15P
   EZBuck??3A Synchronous Buck Regulator
AOZ1033AI AOSMD-AOZ1033AI Datasheet
908Kb / 15P
   EZBuck??3A Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com