Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN4603MM10X Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FAN4603MM10X
Description  600mA, Fully Integrated, Buck Power Supply Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN4603MM10X Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FAN4603MM10X Datasheet HTML 1Page - Fairchild Semiconductor FAN4603MM10X Datasheet HTML 2Page - Fairchild Semiconductor FAN4603MM10X Datasheet HTML 3Page - Fairchild Semiconductor FAN4603MM10X Datasheet HTML 4Page - Fairchild Semiconductor FAN4603MM10X Datasheet HTML 5Page - Fairchild Semiconductor FAN4603MM10X Datasheet HTML 6Page - Fairchild Semiconductor FAN4603MM10X Datasheet HTML 7Page - Fairchild Semiconductor FAN4603MM10X Datasheet HTML 8Page - Fairchild Semiconductor FAN4603MM10X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN4603 • Rev. 1.0.1
4
Electrical Specifications
Unless otherwise noted, VIN = 2.5 to 5.5V, EN = VIN. TA = -40°C to +85°C, using circuit of Figure 1. Typical values are at
3.6VIN, TA = 25°C.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Power Supplies
IQ
Quiescent Current
35
55
µA
ISD
Shutdown Supply Current
VIN = 3.6V, EN = GND
0.1
2.0
µA
VUVLO
Under-Voltage Lockout Threshold
Rising VIN
2.15
2.25
V
VUVHYST
Under-Voltage Lockout Hysteresis
150
mV
VENH
Enable HIGH-Level Input Voltage
1.05
V
VENL
Enable LOW-Level Input Voltage
0.4
V
VEN_HYS
Enable Logic Input Hysteresis
100
mV
IEN
Enable Input Leakage Current
EN = VIN or GND
0.01
1.00
µA
Oscillator
fOSC
Oscillator Frequency(3)
PWM Mode
5.4
6.0
6.6
MHz
Regulation
VO
Output Voltage Accuracy
1.82V
ILOAD = 0 to 600mA
1.784
1.820
1.890
V
PWM Mode
1.784
1.820
1.856
1.50V
ILOAD = 0 to 600mA
1.470
1.500
1.560
PWM Mode
1.470
1.500
1.530
1.30V
ILOAD = 0 to 600mA
1.274
1.300
1.352
PWM Mode
1.274
1.300
1.326
1.23V
ILOAD = 0 to 600mA
1.207
1.233
1.283
PWM Mode
1.207
1.233
1.260
1.00V
ILOAD = 0 to 600mA
0.975
1.000
1.050
PWM Mode
0.975
1.000
1.025
tSS
Soft-Start Time
Rising EN to VOUT Regulation
180
300
µs
Protection
ILIM
Peak Input Current Limit
850
1050
1250
mA
TTSD
Thermal Shutdown
+150
°C
THYS
Thermal Shutdown Hysteresis
+15
°C
Note:
3.
PWM frequency may be lower than specified when limited by tON-min (minimum on-time) or tOFF_min (minimum off-time), at
duty cycle extremes, but output regulation is maintained.


Similar Part No. - FAN4603MM10X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN400A FAIRCHILD-FAN400A Datasheet
567Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller without Secondary Feedback
FAN400A FAIRCHILD-FAN400A Datasheet
764Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller
FAN400ANY FAIRCHILD-FAN400ANY Datasheet
567Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller without Secondary Feedback
FAN400ANY FAIRCHILD-FAN400ANY Datasheet
764Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller
FAN400ATY FAIRCHILD-FAN400ATY Datasheet
567Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller without Secondary Feedback
More results

Similar Description - FAN4603MM10X

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6590A STMICROELECTRONICS-L6590A Datasheet
238Kb / 19P
   FULLY INTEGRATED POWER SUPPLY
L6590 STMICROELECTRONICS-L6590 Datasheet
360Kb / 23P
   FULLY INTEGRATED POWER SUPPLY FIPS
logo
Rohm
BZ6A1206GMP ROHM-BZ6A1206GMP Datasheet
1Mb / 23P
   0.65A Output, Fully Integrated Step-down Switching Power Supply Module
BZ6A7D06GM ROHM-BZ6A7D06GM Datasheet
690Kb / 19P
   0.65A Output, Fully Integrated, Step-down Switching Power Supply Module
logo
Enpirion, Inc.
EP5368QI ENPIRION-EP5368QI Datasheet
304Kb / 12P
   600mA Synchronous Buck Regulator With Integrated Inductor
EP5357LUI ENPIRION-EP5357LUI Datasheet
291Kb / 17P
   600mA Synchronous Buck Regulator with Integrated Inductor
logo
Altera Corporation
EP5358XUI ALTERA-EP5358XUI Datasheet
757Kb / 16P
   600mA PowerSoC Synchronous Buck Regulator with Integrated Inductor
EP5368QI ALTERA-EP5368QI Datasheet
896Kb / 14P
   600mA PowerSoC Synchronous Buck Regulator With Integrated Inductor
EP5357XUI ALTERA-EP5357XUI Datasheet
879Kb / 19P
   600mA PowerSoC Synchronous Buck Regulator With Integrated Inductor
logo
List of Unclassifed Man...
EN5312Q ETC1-EN5312Q Datasheet
253Kb / 12P
   Fully Integrated Voltage Mode Synchronous Buck PWM DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com