Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HRP-200-7.5 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # HRP-200-7.5
Description  200W Single Output with PFC Function
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

HRP-200-7.5 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  HRP-200-7.5 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. HRP-200-7.5 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
HRP-200-3.3
HRP-200-5
HRP-200-7.5
HRP-200-12
HRP-200-15
HRP-200-24
HRP-200-36
HRP-200-48
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
RIPPLE&NOISE(max.) Note.2
OUTPUT
VOLTAGE ADJ.RANGE
VOLTAGETOLERANCE Note.3
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
Note.5
FREQUENCY RANGE
POWERFACTOR (Typ.)
EFFICIENCY (Typ.)
INPUT
ENVIRONMENT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
OVERTEMPERATURE
SAFETY STANDARDS
HARMONICCURRENT
EMICONDUCTION&RADIATION
SAFETY &
EMSIMMUNITY
EMC
(Note4)
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
PROTECTION
ACCURRENT (Typ.)
3.3V
5V
7.5V
12V
15V
24V
36V
48V
40A
35A
26.7A
16.7A
13.4A
8.4A
5.7A
4.3A
0~40A
0~35A
0~26.7A
0~16.7A
0~13.4A
0~8.4A
0~5.7A
0~4.3A
132W
175W
200.3W
200.4W
201W
201.6W
205.2W
206.4W
80mVp-p
90mVp-p
100mVp-p
120mVp-p
150mVp-p
150mVp-p
250mVp-p
250mVp-p
2.8~3.8V
4.3~5.8V
6.8~9V
10.2~13.8V
13.5~18V
21.6~28.8V
28.8~39.6V
40.8~55.2V
2.0%
2.0%
2.0%
1.0%
1.0%
1.0%
1.0%
1.0%
0.5%
0.5%
0.5%
0.3%
0.3%
0.2%
0.2%
0.2%
1.5%
1.0%
1.0%
0.5%
0.5%
0.5%
0.5%
0.5%
1000ms,50ms/230VAC2500ms,50ms/115VACatfullload
16ms/230VAC16ms/115VACatfullload
85~264VAC120~370VDC
47~63Hz
PF>0.95/230VACPF>0.99/115VACatfullload
80%
84%
6~7V
9.4~10.9V
14.4~16.8V
18.8~21.8V
30~34.8V
41.4~48.6V
57.6~67.2V
86%
88%
88%
88%
89%
89%
2.2A/115VAC1.1A/230VAC
35A/115VAC70A/230VAC
<1.2mA /240VAC
105~135%ratedoutputpower
3.96~4.62V
Protectiontype: Constantcurrentlimiting,recoversautomaticallyafterfaultconditionisremoved
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
105
5
(TSW2)
power
detectonmain
outputchoke
Protectiontype:Shutdowno/pvoltage,recoversautomaticallyaftertemperaturegoesdown
UL60950-1, TUVEN60950-1approved
CompliancetoEN55022(CISPR22)ClassB
Complianceto EN61000-3-2,-3
CompliancetoEN61000-4-2,3,4,5,6,8,11;ENV50204,EN55024,heavyindustrylevel,criteria A
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC /25
/70%RH
-30~+70
(Refertooutputloadderatingcurve)
20~90%RHnon-condensing
-40~+85
,10~95%RH
0.03%/
(0~50
10~500Hz,5G10min./1cycle,60min.eachalongX, Y,Zaxes
209.4Khrsmin.MIL-HDBK-217F(25
)
199*98*38mm(L*W*H)
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
5. Derating may be needed under low input voltages. Please check the derating curve for more details.
H R P - 2 0 0 series
200WSingleOutputwithPFCFunction
Universal AC input / Full range
Built-in active PFC function, PF>0.95
High efficiency up to 89%
Protections: Short circuit / Overload / Over voltage / Over temperature
5 years warranty
Withstand 300VAC surge input for 5 seconds
Cooling by free air convection
Built-in constant current limiting circuit
1U low profile 38mm
Built-in remote sense function
Features :
FileName:HRP-200-SPEC2010-05-12
95
5
(TSW1)detectonheatsinkofpowertransistor
0.77Kg;18pcs/14.9Kg/0.81CUFT


Similar Part No. - HRP-200-7.5

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HRP-200-7.5 MEANWELL-HRP-200-7.5 Datasheet
371Kb / 2P
   200W Single Output with PFC Function
HRP-200-7.5 MEANWELL-HRP-200-7.5 Datasheet
371Kb / 2P
   200W Single Output with PFC Function
More results

Similar Description - HRP-200-7.5

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
PPS-200-5 XPPOWER-PPS-200-5 Datasheet
330Kb / 2P
   200W Single Output with PFC Function
logo
Mean Well Enterprises C...
PPS-200 MEANWELL-PPS-200 Datasheet
328Kb / 2P
   200W Single Output with PFC Function
EPP-200 MEANWELL-EPP-200 Datasheet
566Kb / 4P
   200W Single Output with PFC Function
logo
Astrodyne Corporation
SP-200 ASTRODYNE-SP-200 Datasheet
314Kb / 2P
   200W Single Output with PFC Function
logo
Mean Well Enterprises C...
SP-200 MEANWELL-SP-200 Datasheet
327Kb / 2P
   200W Single Output with PFC Function
HRP-200 MEANWELL-HRP-200_11 Datasheet
371Kb / 2P
   200W Single Output with PFC Function
SP-200 MEANWELL-SP-200_10 Datasheet
334Kb / 2P
   200W Single Output with PFC Function
logo
Total Power Internation...
SP-200 TOTAL-POWER-SP-200 Datasheet
367Kb / 2P
   200W Single Output with PFC Function
logo
RSG Electronic Componen...
PPS-200 RSG-PPS-200 Datasheet
204Kb / 2P
   200W Single Output with PFC Function
SP-200 RSG-SP-200 Datasheet
132Kb / 2P
   200W Single Output with PFC Function
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com