Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTS003A0X-SRZ Datasheet(PDF) 5 Page - Lineage Power Corporation

Part # APTS003A0X-SRZ
Description  12V Pico TLynx 3A: Non-Isolated DC-DC Power Modules
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

APTS003A0X-SRZ Datasheet(HTML) 5 Page - Lineage Power Corporation

  APTS003A0X-SRZ Datasheet HTML 1Page - Lineage Power Corporation APTS003A0X-SRZ Datasheet HTML 2Page - Lineage Power Corporation APTS003A0X-SRZ Datasheet HTML 3Page - Lineage Power Corporation APTS003A0X-SRZ Datasheet HTML 4Page - Lineage Power Corporation APTS003A0X-SRZ Datasheet HTML 5Page - Lineage Power Corporation APTS003A0X-SRZ Datasheet HTML 6Page - Lineage Power Corporation APTS003A0X-SRZ Datasheet HTML 7Page - Lineage Power Corporation APTS003A0X-SRZ Datasheet HTML 8Page - Lineage Power Corporation APTS003A0X-SRZ Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Data Sheet
January 28, 2010
12V Pico TLynxTM 3A: Non-isolated DC-DC Power Modules
4.5 – 14Vdc input; 0.59Vdc to 5.5Vdc output; 3A output current
LINEAGE POWER
5
Feature Specifications (cont.)
Parameter
Device
Symbol
Min
Typ
Max
Units
Input Undervoltage Lockout
Turn-on Threshold
All
4.3
Vdc
Turn-off Threshold
All
3.3
Vdc
Hysteresis
All
0.4
Vdc
PGOOD (Power Good)
Signal Interface Open Drain, Vsupply ≤ 5VDC
Output Voltage Limit for PGOOD
All
90%
110%
VO, set
Pulldown resistance of PGOOD pin
All
7
50
Ω


Similar Part No. - APTS003A0X-SRZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
APTS006A0X-SRZ LINEAGEPOWER-APTS006A0X-SRZ Datasheet
730Kb / 25P
   4.5 - 14Vdc input; 0.59Vdc to 5.5Vdc output; 6A output current
APTS006A0X-SRZ LINEAGEPOWER-APTS006A0X-SRZ Datasheet
826Kb / 25P
   12V Pico TLynxTM 6A: Non-Isolated DC-DC Power Modules
APTS006A0X-SRZ_0912 LINEAGEPOWER-APTS006A0X-SRZ_0912 Datasheet
826Kb / 25P
   12V Pico TLynxTM 6A: Non-Isolated DC-DC Power Modules
APTS006A0X4-SRZ LINEAGEPOWER-APTS006A0X4-SRZ Datasheet
730Kb / 25P
   4.5 - 14Vdc input; 0.59Vdc to 5.5Vdc output; 6A output current
APTS006A0X4-SRZ LINEAGEPOWER-APTS006A0X4-SRZ Datasheet
826Kb / 25P
   12V Pico TLynxTM 6A: Non-Isolated DC-DC Power Modules
More results

Similar Description - APTS003A0X-SRZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
APXH006A0X-SRZ_0910 LINEAGEPOWER-APXH006A0X-SRZ_0910 Datasheet
555Kb / 23P
   Pico TLynx 6A: Non-Isolated DC-DC Power Modules
APTH003A0X LINEAGEPOWER-APTH003A0X_10 Datasheet
834Kb / 24P
   Pico TLynxTM 3A: Non-Isolated DC-DC Power Modules
APXH003A0X-SRZ_0910 LINEAGEPOWER-APXH003A0X-SRZ_0910 Datasheet
771Kb / 23P
   Pico TLynxTM 3A: Non-Isolated DC-DC Power Modules
APTS006A0X LINEAGEPOWER-APTS006A0X_10 Datasheet
752Kb / 25P
   12V Pico TLynxTM 6A: Non-Isolated DC-DC Power Modules
APTS006A0X-SRZ_0912 LINEAGEPOWER-APTS006A0X-SRZ_0912 Datasheet
826Kb / 25P
   12V Pico TLynxTM 6A: Non-Isolated DC-DC Power Modules
APXS002A0X LINEAGEPOWER-APXS002A0X Datasheet
945Kb / 25P
   12V Pico TLynxTM 2A: Non-Isolated DC-DC Power Modules
APTS020A0X LINEAGEPOWER-APTS020A0X_10 Datasheet
765Kb / 26P
   12V TLynxTM Non-Isolated DC-DC Power Modules
APTH006A0X LINEAGEPOWER-APTH006A0X_11 Datasheet
578Kb / 23P
   Pico TLynxTM 6A: Non-Isolated DC-DC Power Modules
APTS030A0X LINEAGEPOWER-APTS030A0X Datasheet
763Kb / 23P
   12V Mega TLynxTM : Non-Isolated DC-DC Power Modules
APTS012A0X LINEAGEPOWER-APTS012A0X_10 Datasheet
1Mb / 26P
   12V Micro TLynxTM: Non-Isolated DC-DC Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com