Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTH003A0X-SRZ Datasheet(PDF) 6 Page - Lineage Power Corporation

Part # APTH003A0X-SRZ
Description  Pico TLynxTM 3A: Non-Isolated DC-DC Power Modules
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

APTH003A0X-SRZ Datasheet(HTML) 6 Page - Lineage Power Corporation

Back Button APTH003A0X-SRZ Datasheet HTML 2Page - Lineage Power Corporation APTH003A0X-SRZ Datasheet HTML 3Page - Lineage Power Corporation APTH003A0X-SRZ Datasheet HTML 4Page - Lineage Power Corporation APTH003A0X-SRZ Datasheet HTML 5Page - Lineage Power Corporation APTH003A0X-SRZ Datasheet HTML 6Page - Lineage Power Corporation APTH003A0X-SRZ Datasheet HTML 7Page - Lineage Power Corporation APTH003A0X-SRZ Datasheet HTML 8Page - Lineage Power Corporation APTH003A0X-SRZ Datasheet HTML 9Page - Lineage Power Corporation APTH003A0X-SRZ Datasheet HTML 10Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Data Sheet
October 8, 2009
Pico TLynxTM 3A: Non-isolated DC-DC Power Modules
2.4 – 5.5Vdc input; 0.6Vdc to 3.63Vdc output; 3A output current
LINEAGE POWER
6
Characteristic Curves
The following figures provide typical characteristics for the Pico TLynx
TM 3A modules at 0.6Vo and at 25oC.
70
72
74
76
78
80
82
84
86
00.5
11.5
22.5
3
Vin=5.5V
Vin=2.4V
Vin=3.3V
0
0.5
1
1.5
2
2.5
3
3.5
20
30
40
50
60
70
80
90
0 LFM
OUTPUT CURRENT, IO (A)
AMBIENT TEMPERATURE, TA
OC
Figure 1. Converter Efficiency versus Output Current.
Figure 2. Derating Output Current versus Ambient
Temperature and Airflow.
TIME, t (1
μs/div)
TIME, t (20
μs /div)
Figure 3. Typical output ripple and noise (VIN = 5V, Io =
Io,max).
Figure 4. Transient Response to Dynamic Load
Change from 0% to 50% to 0% with VIN=5V.
TIME, t (1ms/div)
TIME, t (1ms/div)
Figure 5. Typical Start-up Using On/Off Voltage (Io =
Io,max).
Figure 6. Typical Start-up Using Input Voltage (VIN =
5V, Io = Io,max).


Similar Part No. - APTH003A0X-SRZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
APTH003A0X-SRZ LINEAGEPOWER-APTH003A0X-SRZ Datasheet
565Kb / 23P
   2.4 - 5.5Vdc input; 0.6Vdc to 3.63Vdc output; 3A output current
More results

Similar Description - APTH003A0X-SRZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
APTH003A0X LINEAGEPOWER-APTH003A0X_10 Datasheet
834Kb / 24P
   Pico TLynxTM 3A: Non-Isolated DC-DC Power Modules
APTH006A0X LINEAGEPOWER-APTH006A0X_11 Datasheet
578Kb / 23P
   Pico TLynxTM 6A: Non-Isolated DC-DC Power Modules
APTS006A0X-SRZ_0912 LINEAGEPOWER-APTS006A0X-SRZ_0912 Datasheet
826Kb / 25P
   12V Pico TLynxTM 6A: Non-Isolated DC-DC Power Modules
APXK004A0X-SRZ LINEAGEPOWER-APXK004A0X-SRZ_10 Datasheet
660Kb / 25P
   16V Pico TLynxTM 4A: Non-Isolated DC-DC Power Modules
APXS002A0X LINEAGEPOWER-APXS002A0X Datasheet
945Kb / 25P
   12V Pico TLynxTM 2A: Non-Isolated DC-DC Power Modules
APTS006A0X LINEAGEPOWER-APTS006A0X_10 Datasheet
752Kb / 25P
   12V Pico TLynxTM 6A: Non-Isolated DC-DC Power Modules
APTH020A0X LINEAGEPOWER-APTH020A0X_10 Datasheet
525Kb / 23P
   TLynxTM: Non-Isolated DC-DC Power Modules
APTS020A0X LINEAGEPOWER-APTS020A0X_10 Datasheet
765Kb / 26P
   12V TLynxTM Non-Isolated DC-DC Power Modules
APTH012A0X LINEAGEPOWER-APTH012A0X_10 Datasheet
598Kb / 23P
   Micro TLynxTM: Non-Isolated DC-DC Power Modules
APTS003A0X-SRZ LINEAGEPOWER-APTS003A0X-SRZ Datasheet
627Kb / 25P
   12V Pico TLynx 3A: Non-Isolated DC-DC Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com