Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22946YZPR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22946YZPR
Description  ULTRA-LOW POWER, LOW INPUT VOLTAGE, CURRENT-LIMITED LOAD SWITCH WITH SHUT-OFF, AUTO-RESTART, AND OVER-CURRENT CONDITION TIME-OUT
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22946YZPR Datasheet(HTML) 5 Page - Texas Instruments

  TPS22946YZPR Datasheet HTML 1Page - Texas Instruments TPS22946YZPR Datasheet HTML 2Page - Texas Instruments TPS22946YZPR Datasheet HTML 3Page - Texas Instruments TPS22946YZPR Datasheet HTML 4Page - Texas Instruments TPS22946YZPR Datasheet HTML 5Page - Texas Instruments TPS22946YZPR Datasheet HTML 6Page - Texas Instruments TPS22946YZPR Datasheet HTML 7Page - Texas Instruments TPS22946YZPR Datasheet HTML 8Page - Texas Instruments TPS22946YZPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
*Default: AsdeterminedbyCL
OC – Overcurrent
HS – Hardshort
V =L
IN
Reset
V =H
ON=L (Default)
IN
ON=H
ON:L
H
OClimit=
H
t
=
6S
TIMEOUT_5S
ON=H
Switch=Open
OCsignal=L
OClimit=
H
ON=H
Reset
t
TIMEOUT_5S
Switch=Open
OCsignal=L
ON=L
Switch=Open
OCsignal=H
OClimit=
H
t
=8ms
TIMEOUT_600mA
Switch=Closed
Blanking=Waitfor
10ms
Currentislimited.
Thermalcircuit
isenabled.
AutoRestart=Waitfor
70ms
Currentlimit=600mA
Startt
=8ms
TIMEOUT_600mA
Setcurrentlimitback
todefault*
Switch=Closed
Waitfor63.5mS
Startt
TIMEOUT_5S
Yes
Yes
Yes
Yes
Yes
Yes
No
No
No
No
No
Yes
No
No
No
Yes
ModerateOCdetect
ON=0.5ms
No
A
B
C
-Commontoallthedetectionschemes
-CommontoOCandHSmodeonly
D
IfatanytimeON:H
L,then
switchreturnstothisstate
Reset
t
TIMEOUT_5S
Reset
t
TIMEOUT_5S
TPS22946
www.ti.com
SLVS984A – SEPTEMBER 2009 – REVISED FEBRUARY 2010
Figure 2. Moderate Over-Current Detection Flow Diagram
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS22946


Similar Part No. - TPS22946YZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22946YZPR TI-TPS22946YZPR Datasheet
695Kb / 30P
[Old version datasheet]   ULTRA-LOW POWER,LOW INPUT VOLTAGE, CURRENT-LIMITED LOAD SWITCH WITH SHUT-OFF,AUTO-RESTART,AND OVER-CURRENT CONDITION TIME-OUT
More results

Similar Description - TPS22946YZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22946 TI-TPS22946 Datasheet
695Kb / 30P
[Old version datasheet]   ULTRA-LOW POWER,LOW INPUT VOLTAGE, CURRENT-LIMITED LOAD SWITCH WITH SHUT-OFF,AUTO-RESTART,AND OVER-CURRENT CONDITION TIME-OUT
TPS22941 TI-TPS22941 Datasheet
542Kb / 19P
[Old version datasheet]   LOW-INPUT-VOLTAGE CURRENT-LIMITED LOAD SWITCHES WITH SHUT OFF AND AUTO-RESTART FEATURE
TPS22941 TI-TPS22941_10 Datasheet
542Kb / 19P
[Old version datasheet]   LOW-INPUT-VOLTAGE CURRENT-LIMITED LOAD SWITCHES WITH SHUT OFF AND AUTO-RESTART FEATURE
logo
Toshiba Semiconductor
TCK22XXXG TOSHIBA-TCK22XXXG Datasheet
696Kb / 13P
   Load Switch IC with Over current limited function
2022-06-09
logo
CUI INC
VSUU-120-D CUI-VSUU-120-D Datasheet
215Kb / 4P
   input surge current, over voltage, over load, and over current protections
logo
Texas Instruments
TPS22949_101 TI-TPS22949_101 Datasheet
1Mb / 28P
[Old version datasheet]   CURRENT-LIMITED LOAD SWITCH WITH LOW NOISE REGULATION CAPABILITY
TPS22949 TI-TPS22949 Datasheet
749Kb / 22P
[Old version datasheet]   CURRENT-LIMITED LOAD SWITCH WITH LOW NOISE REGULATION CAPABILITY
TPS22949 TI-TPS22949_10 Datasheet
759Kb / 24P
[Old version datasheet]   CURRENT-LIMITED LOAD SWITCH WITH LOW NOISE REGULATION CAPABILITY
logo
Eutech Microelectronics...
EUP3510 EUTECH-EUP3510 Datasheet
206Kb / 9P
   Current Limited Load Switch
logo
Global Mixed-mode Techn...
G5255 GMT-G5255 Datasheet
75Kb / 1P
   Current Limited Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com