Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NZX24B Datasheet(PDF) 3 Page - NXP Semiconductors

Part # NZX24B
Description  Single Zener diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NZX24B Datasheet(HTML) 3 Page - NXP Semiconductors

  NZX24B Datasheet HTML 1Page - NXP Semiconductors NZX24B Datasheet HTML 2Page - NXP Semiconductors NZX24B Datasheet HTML 3Page - NXP Semiconductors NZX24B Datasheet HTML 4Page - NXP Semiconductors NZX24B Datasheet HTML 5Page - NXP Semiconductors NZX24B Datasheet HTML 6Page - NXP Semiconductors NZX24B Datasheet HTML 7Page - NXP Semiconductors NZX24B Datasheet HTML 8Page - NXP Semiconductors NZX24B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
NZX_SER_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 3 June 2009
3 of 12
NXP Semiconductors
NZX series
Single Zener diodes
7.
Characteristics
[1]
Pulse test: tp ≤ 300 µs; δ≤ 0.02.
Fig 1.
Transient thermal impedance from junction to ambient as a function of pulse duration; typical values
006aab601
tp (ms)
10−1
104
105
103
102
110
102
10
103
Rth(j-a)
(K/W)
1
δ = 1
0.75
0.50
0.33
0.20
0.10
0.05
0.02
0.01
≤0.001
Table 7.
Characteristics
Tj =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VF
forward voltage
IF = 200 mA
[1] -
-
1.5
V
Table 8.
Characteristics per type; NZX2V4A to NZX18C
Tj =25 °C unless otherwise specified.
NZXxxx
Sel
Working voltage
VZ (V)
Differential
resistance
rdif (Ω)
Reverse current
IR (µA)
IZ =5mA
IZ =5mA
Min
Max
Max
Max
VR (V)
2V4
A
2.3
2.5
100
50
1
B
2.4
2.6
2V7
A
2.5
2.7
100
20
1
B
2.6
2.8
C
2.7
2.9
3V0
A
2.8
3.0
100
10
1
B
2.9
3.1
C
3.0
3.2
3V3
A
3.1
3.3
100
5
1
B
3.2
3.4
C
3.3
3.5


Similar Part No. - NZX24B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NZX20B133 NXP-NZX20B133 Datasheet
139Kb / 13P
   NZX series Single Zener diodes
Rev. 4-28 November 2011
logo
Nexperia B.V. All right...
NZX2V1B NEXPERIA-NZX2V1B Datasheet
937Kb / 13P
   Single Zener diodes
Rev. 4 - 28 November 2011
More results

Similar Description - NZX24B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NZX8V2B133 NXP-NZX8V2B133 Datasheet
139Kb / 13P
   Single Zener diodes
Rev. 4-28 November 2011
TDZ2V4J PHILIPS-TDZ2V4J Datasheet
247Kb / 12P
   Single Zener diodes
Rev. 2-29 July 2011
NZX12A-133 PHILIPS-NZX12A-133 Datasheet
139Kb / 13P
   Single Zener diodes
Rev. 4-28 November 2011
BZX84J-C11.115 NXP-BZX84J-C11.115 Datasheet
166Kb / 13P
   Single Zener diodes
Rev. 2-1 August 2011
logo
Nexperia B.V. All right...
NZH NEXPERIA-NZH Datasheet
227Kb / 10P
   Single Zener diodes
logo
NXP Semiconductors
BZX84J PHILIPS-BZX84J Datasheet
75Kb / 12P
   Single Zener diodes
Rev. 01-1 March 2007
BZX84J-B5V6.115 NXP-BZX84J-B5V6.115 Datasheet
166Kb / 13P
   Single Zener diodes
Rev. 2-1 August 2011
logo
Nexperia B.V. All right...
PDZ-B-Q_SER NEXPERIA-PDZ-B-Q_SER Datasheet
256Kb / 11P
   Single Zener diodes
Rev. 2 - 21 December 2022
NZH_SER NEXPERIA-NZH_SER Datasheet
205Kb / 9P
   Single Zener diodes
Rev. 01 - 27 January 2010
logo
NXP Semiconductors
NZH3V0B PHILIPS-NZH3V0B Datasheet
112Kb / 9P
   Single Zener diodes
Rev. 01-27 January 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com