Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCA8418E Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TCA8418E
Description  I2C CONTROLLED KEYPAD SCAN IC WITH INTEGRATED ESD PROTECTION
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCA8418E Datasheet(HTML) 5 Page - Texas Instruments

  TCA8418E Datasheet HTML 1Page - Texas Instruments TCA8418E Datasheet HTML 2Page - Texas Instruments TCA8418E Datasheet HTML 3Page - Texas Instruments TCA8418E Datasheet HTML 4Page - Texas Instruments TCA8418E Datasheet HTML 5Page - Texas Instruments TCA8418E Datasheet HTML 6Page - Texas Instruments TCA8418E Datasheet HTML 7Page - Texas Instruments TCA8418E Datasheet HTML 8Page - Texas Instruments TCA8418E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
TCA8418E
www.ti.com
SCPS222B – MAY 2010 – REVISED SEPTEMBER 2010
ELECTRICAL CHARACTERISTICS
over recommended operating free-air temperature range, VCC = 1.65 V to 3.6 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCCP
MIN
TYP
MAX
UNIT
VIK
Input diode clamp voltage
II = –18 mA
1.65 V to 3.6 V
–1.2
V
VPOR Power-on reset voltage
VI = VCCP or GND, IO = 0
1.65 V to 3.6 V
1
1.4
V
IOH = –1 mA
1.65 V
1.25
1.65 V
1.2
IOH = –8 mA
2.3 V
1.8
ROW0–7, COL0–9 high-level
VOH
3 V
2.6
V
output voltage
1.65 V
1.1
IOH = –10 mA
2.3 V
1.7
3 V
2.5
IOL = 1 mA
1.65 V
0.4
1.65 V
0.45
IOL = 8 mA
2.3 V
0.25
ROW0–7, COL0–9 low-level
VOL
3 V
0.25
V
output voltage
1.65 V
0.6
IOL = 10 mA
2.3 V
0.3
3 V
0.25
SDA
VOL = 0.4 V
1.65 V to 3.6 V
3
IOL
mA
INT and CAD_INT
VOL = 0.4 V
1.65 V to 3.6 V
3
SCL, SDA, ROW0–7, COL0–9,
II
VI = VCCI or GND
1.65 V to 3.6 V
1
mA
RESET
rINT
ROW0–7, COL0–9
55
k
Oscillator
13
OFF
fSCL = 0 kHz
1.65 V to 3.6 V
Oscillator
18
ON
1.65 V
15
fSCL = 400 kHz
3.6 V
30
VI on SDA,
1 key press
1.65 V
15
ROW0–7,
fSCL = 1 MHz
COL0–9 = VCC or
3.6 V
40
ICC
mA
GND,
fSCL = 400 kHz
GPI low
115
IO = 0, I/O =
(pullup
inputs,
fSCL = 1 MHz
125
enable)(1)
fSCL = 400 kHz
GPI low
25
1.65 V to 3.6 V
(pullup
fSCL = 1 MHz
35
disable)
fSCL = 400 kHz
115
1 GPO
active
fSCL = 1 MHz
125
CI
SCL
VI = VCCI or GND
1.65 V to 3.6 V
6
8
pF
SDA
10
12.5
Cio
VIO = VCC or GND
1.65 V to 3.6 V
pF
ROW0–7, COL0–9
5
6
(1)
Assumes that one GPIO is enabled.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TCA8418E


Similar Part No. - TCA8418E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA8418EYFPR TI1-TCA8418EYFPR Datasheet
1Mb / 54P
[Old version datasheet]   I2C Controlled Keypad Scan IC
TCA8418EYFPR TI1-TCA8418EYFPR Datasheet
1Mb / 50P
[Old version datasheet]   I2C Controlled Keypad Scan IC With Integrated ESD Protection
TCA8418E TI1-TCA8418E_15 Datasheet
1Mb / 50P
[Old version datasheet]   I2C Controlled Keypad Scan IC With Integrated ESD Protection
More results

Similar Description - TCA8418E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA8418 TI-TCA8418 Datasheet
853Kb / 37P
[Old version datasheet]   I2C CONTROLLED KEYPAD SCAN IC WITH INTEGRATED ESD PROTECTION
TCA8418E TI1-TCA8418E_15 Datasheet
1Mb / 50P
[Old version datasheet]   I2C Controlled Keypad Scan IC With Integrated ESD Protection
TCA8418 TI1-TCA8418_15 Datasheet
1Mb / 54P
[Old version datasheet]   I2C Controlled Keypad Scan IC
logo
Integrated Device Techn...
LDS6023 IDT-LDS6023 Datasheet
344Kb / 2P
   PureTouch??Capacitance Touch IC with Integrated Keypad LED Drivers
LDS6028 IDT-LDS6028 Datasheet
348Kb / 2P
   PureTouch??Capacitance Touch IC with Integrated Keypad LED Drivers
LDS6020 IDT-LDS6020 Datasheet
346Kb / 2P
   PureTouch??Capacitance Touch IC with Integrated Keypad LED Drivers
LDS6025 IDT-LDS6025 Datasheet
346Kb / 2P
   PureTouch??Capacitance Touch IC with Integrated Keypad LED Drivers
logo
ON Semiconductor
NUF2441FC ONSEMI-NUF2441FC Datasheet
51Kb / 4P
   Integrated Passive Filter with ESD Protection
May, 2005 ??Rev. 4
NUC2401MN ONSEMI-NUC2401MN_10 Datasheet
145Kb / 4P
   Integrated Common Mode Choke with Integrated ESD Protection
January, 2010 ??Rev. 2
NUC2401MN ONSEMI-NUC2401MN Datasheet
175Kb / 4P
   Integrated Common Mode Choke with Integrated ESD Protection
May, 2009 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com