Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-8984103LA Datasheet(PDF) 3 Page - ATMEL Corporation

Part # 5962-8984103LA
Description  High-performance Electrically Erasable Programmable Logic Device
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

5962-8984103LA Datasheet(HTML) 3 Page - ATMEL Corporation

  5962-8984103LA Datasheet HTML 1Page - ATMEL Corporation 5962-8984103LA Datasheet HTML 2Page - ATMEL Corporation 5962-8984103LA Datasheet HTML 3Page - ATMEL Corporation 5962-8984103LA Datasheet HTML 4Page - ATMEL Corporation 5962-8984103LA Datasheet HTML 5Page - ATMEL Corporation 5962-8984103LA Datasheet HTML 6Page - ATMEL Corporation 5962-8984103LA Datasheet HTML 7Page - ATMEL Corporation 5962-8984103LA Datasheet HTML 8Page - ATMEL Corporation 5962-8984103LA Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
0250M–PLD–7/10
Atmel ATF22V10B
3.1
DC Characteristics
Notes:
1. Not more than one output at a time should be shorted. Duration of short circuit test should not exceed 30 sec
2. The shaded devices are obsolete
Symbol
Parameter
Condition
Min
Typ
Max
Units
I
IL
Input or I/O
Low Leakage Current
0
V
IN
V
IL (Max)
-35
-100
µA
I
IH
Input or I/O
High Leakage Current
3.5
V
IN VCC
10
µA
I
CC
Power Supply Current,
Standby
V
CC = Max,
V
IN = Max,
Outputs Open
B-7
Com.
85
120
mA
Ind., Mil.
85
140
mA
I
CC
Power Supply Current,
Standby
V
CC = Max,
V
IN = Max,
Outputs Open
B-10
Com./Ind.
85/85
120/140
mA
Mil.
85
140
mA
B-15
Com./Ind.
65/65
90/115
mA
Mil.
65
115
mA
B-25
Com.
65
90
mA
Ind., Mil.
65
115
mA
BQ-15
Com.
35
55
mA
BQL-20, -25
Com.
5
10
mA
Ind., Mil.
5
15
mA
I
CC2
Clocked Power
Supply Current
V
CC = Max,
Outputs Open,
f = 15MHz
B-7
Com.
90
120
mA
Mil., Ind.
90
145
mA
B-10
Com./Ind.
90/90
120/145
mA
Mil.
90
150
mA
B-15
Com./Ind.
65/65
90/120
mA
Mil.
65
150
mA
B-25
Com.
65
90
mA
Ind., Mil.
65
120
mA
BQ-15
Com.
40
60
mA
BQL-20, -25
Com.
20
50
mA
Ind., Mil.
20
70
mA
I
OS
(1)
Output Short
Circuit Current
V
OUT = 0.5V
-130
mA
V
IL
Input Low Voltage
-0.5
0.8
V
V
IH
Input High Voltage
2.0
V
CC + 0.75
V
V
OL
Output Low Voltage
V
IN =VIH or VIL,
V
CC = Min
I
OL = 16mA
Com., Ind.
0.5
V
I
OL = 12mA
Mil.
0.5
V
V
OH
Output High Voltage
V
IN =VIH or VIL,
V
CC = Min
I
OH = -4.0mA
2.4
V


Similar Part No. - 5962-8984103LA

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
5962-8984103LA ATMEL-5962-8984103LA Datasheet
537Kb / 15P
   Highperformance EE PLD
More results

Similar Description - 5962-8984103LA

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF22LV10C ATMEL-ATF22LV10C Datasheet
1Mb / 19P
   High-performance Electrically Erasable Programmable Logic Device
ATF22V10CZ ATMEL-ATF22V10CZ_10 Datasheet
1Mb / 19P
   High-performance Electrically Erasable Programmable Logic Device
ATF22LV10CZ ATMEL-ATF22LV10CZ_10 Datasheet
1Mb / 19P
   High-performance Electrically Erasable Programmable Logic Device
ATF22V10C ATMEL-ATF22V10C_10 Datasheet
1Mb / 22P
   High-performance Electrically Erasable Programmable Logic Device
ATF2500C ATMEL-ATF2500C_14 Datasheet
620Kb / 24P
   High-performance, High-density, Electrically-erasable Programmable Logic Device
logo
Anachip Corp
PEEL18CV8Z ANACHIP-PEEL18CV8Z Datasheet
442Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18LV8Z-25 ANACHIP-PEEL18LV8Z-25 Datasheet
260Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL22LV10AZ ANACHIP-PEEL22LV10AZ Datasheet
683Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL16CV8 ANACHIP-PEEL16CV8 Datasheet
386Kb / 11P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
PEEL22CV10 ETC-PEEL22CV10 Datasheet
247Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com