Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5971PWP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5971PWP
Description  12-Channel 16-Bit, Enhanced Spectrum PWM, RGB LED Driver with 3.3-V Linear Regulator
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5971PWP Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLC5971PWP Datasheet HTML 3Page - Texas Instruments TLC5971PWP Datasheet HTML 4Page - Texas Instruments TLC5971PWP Datasheet HTML 5Page - Texas Instruments TLC5971PWP Datasheet HTML 6Page - Texas Instruments TLC5971PWP Datasheet HTML 7Page - Texas Instruments TLC5971PWP Datasheet HTML 8Page - Texas Instruments TLC5971PWP Datasheet HTML 9Page - Texas Instruments TLC5971PWP Datasheet HTML 10Page - Texas Instruments TLC5971PWP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
Write
Command
Decode
6
218
SDTO
Refe ence
r
Current
Control
SCKI
IREF
GND
224-BitShiftRegister
218-BitDataLatch
GSClock
Counter
SCKO
12-ChannelConstantSinkCurrent Driver
with7-Bit,3-GroupedBC
3-GroupedSwitchingDelay
12
LSB
MSB
0
223
LSB
MSB
0
217
VCC
SDTI
OUTB3
OUTG3
OUTR3
OUTB0
OUTG0
OUTR0
26
UVLO
21
Thermal
Detection
Clock
Timing
Adjust
3.3V
REG
VREG
Data
Latch
Control
reset
reset
Clock
Select
Internal
Oscillator
16-BitES-PW
TimingControl
M
intlat
192
1
intlat
3
16
wrtena
EXTCLK
BLANK
TMGRST
BCX
GSX
BLANK
DSPRPT
OUTTMG
12
2
TLC5971
www.ti.com
SBVS146 – AUGUST 2010
FUNCTIONAL BLOCK DIAGRAM
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TLC5971


Similar Part No. - TLC5971PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5971PWP TI1-TLC5971PWP Datasheet
1Mb / 45P
[Old version datasheet]   12-Channel, 16-Bit, Enhanced Spectrum, PWM, RGB, LED Driver
TLC5971PWPR TI1-TLC5971PWPR Datasheet
1Mb / 45P
[Old version datasheet]   12-Channel, 16-Bit, Enhanced Spectrum, PWM, RGB, LED Driver
More results

Similar Description - TLC5971PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC59711 TI1-TLC59711 Datasheet
963Kb / 36P
[Old version datasheet]   12-Channel, 16-Bit, Enhanced Spectrum PWM, RGB, LED Driver
TLC5971 TI1-TLC5971_15 Datasheet
1Mb / 45P
[Old version datasheet]   12-Channel, 16-Bit, Enhanced Spectrum, PWM, RGB, LED Driver
TLC5946 TI1-TLC5946_16 Datasheet
1Mb / 41P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5942 TI-TLC5942 Datasheet
1Mb / 33P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
TLC59461 TI-TLC59461 Datasheet
840Kb / 33P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5946 TI-TLC5946 Datasheet
793Kb / 35P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5946_0806 TI-TLC5946_0806 Datasheet
795Kb / 35P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5942 TI1-TLC5942_16 Datasheet
884Kb / 29P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
TLC5946 TI1-TLC5946_17 Datasheet
1Mb / 41P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5947 TI-TLC5947 Datasheet
688Kb / 25P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com