Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5971RGET Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5971RGET
Description  12-Channel 16-Bit, Enhanced Spectrum PWM, RGB LED Driver with 3.3-V Linear Regulator
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5971RGET Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLC5971RGET Datasheet HTML 4Page - Texas Instruments TLC5971RGET Datasheet HTML 5Page - Texas Instruments TLC5971RGET Datasheet HTML 6Page - Texas Instruments TLC5971RGET Datasheet HTML 7Page - Texas Instruments TLC5971RGET Datasheet HTML 8Page - Texas Instruments TLC5971RGET Datasheet HTML 9Page - Texas Instruments TLC5971RGET Datasheet HTML 10Page - Texas Instruments TLC5971RGET Datasheet HTML 11Page - Texas Instruments TLC5971RGET Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
IREF
GND
OUTR0
OUTG0
OUTB0
OUTR1
OUTG1
OUTB1
SDTI
SCKI
VREG
VCC
OUTB3
OUTG3
OUTR3
OUTB2
OUTG2
OUTR2
SDTO
SCKO
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
PowerPAD
(BottomSide)
SDTI
SCKI
NC
(1)
NC
SCKO
SDTO
GND
NC
IREF
VREG
NC
VCC
1
2
3
4
5
6
18
17
16
15
14
13
ThermalPad
(BottomSide)
TLC5971
SBVS146 – AUGUST 2010
www.ti.com
PIN CONFIGURATIONS
PWP PACKAGE
RGE PACKAGE
HTSSOP-20 PowerPAD
QFN-24
(TOP VIEW)
(TOP VIEW)
(1) NC = not connected
TERMINAL FUNCTIONS
TERMINAL
NAME
PWP
RGE
I/O
DESCRIPTION
SDTI
9
1
I
Serial data input for the 224-bit shift register
Serial data shift clock input.
Data present on SDTI are shifted to the LSB of the 224-bit shift register with the SCKI rising edge
SCKI
10
2
I
Data in the shift register are shifted toward the MSB at each SCKI rising edge.
The MSB data of the shift register appear on SDTO.
Serial data output of the 224-bit shift register.
SDTO
12
6
O
SDTO is connected to the MSB of the 224-bit shift register.
Data are clocked out at the SCKI rising edge.
Serial data shift clock output.
SCKO
11
5
O
The input shift clock signal from SCKI is adjusted to the timing of the serial data output for SDTO
and the signal is then output at SCKO.
Internal linear voltage regulator output.
A decoupling capacitor of 1 µF must be connected. This output can be used for external devices
VREG
20
15
I/O
as a 3.3-V power supply. This terminal can be connected with the VREG terminal of other
devices to increase the supply current. Also, this pin can be supplied with 3 V to 5.5 V from an
external power supply by connecting it to VCC.
Maximum current programming terminal.
A resistor connected between IREF and GND sets the maximum current for every
IREF
1
16
I/O
constant-current output. When this terminal is directly connected to GND, all outputs are forced
off. The external resistor should be placed close to the device.
OUTR0
3
19
O
RED constant-current outputs.
OUTR1
6
22
O
Multiple outputs can be configured in parallel to increase the constant-current capability.
OUTR2
13
7
O
Different voltages can be applied to each output.
OUTR3
16
10
O
OUTG0
4
20
O
GREEN constant-current outputs.
OUTG1
7
23
O
Multiple outputs can be configured in parallel to increase the constant-current capability.
OUTG2
14
8
O
Different voltages can be applied to each output.
OUTG3
17
11
O
8
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TLC5971


Similar Part No. - TLC5971RGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5971RGET TI1-TLC5971RGET Datasheet
1Mb / 45P
[Old version datasheet]   12-Channel, 16-Bit, Enhanced Spectrum, PWM, RGB, LED Driver
More results

Similar Description - TLC5971RGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC59711 TI1-TLC59711 Datasheet
963Kb / 36P
[Old version datasheet]   12-Channel, 16-Bit, Enhanced Spectrum PWM, RGB, LED Driver
TLC5971 TI1-TLC5971_15 Datasheet
1Mb / 45P
[Old version datasheet]   12-Channel, 16-Bit, Enhanced Spectrum, PWM, RGB, LED Driver
TLC5946 TI1-TLC5946_16 Datasheet
1Mb / 41P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5942 TI-TLC5942 Datasheet
1Mb / 33P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
TLC59461 TI-TLC59461 Datasheet
840Kb / 33P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5946 TI-TLC5946 Datasheet
793Kb / 35P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5946_0806 TI-TLC5946_0806 Datasheet
795Kb / 35P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5942 TI1-TLC5942_16 Datasheet
884Kb / 29P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
TLC5946 TI1-TLC5946_17 Datasheet
1Mb / 41P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5947 TI-TLC5947 Datasheet
688Kb / 25P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com