Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61251DSGT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61251DSGT
Description  BOOST CONVERTER FOR BATTERY BACKUP CHARGING WITH ADJUSTABLE CONSTANT CURRENT AND SNOOZE MODE
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61251DSGT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS61251DSGT Datasheet HTML 6Page - Texas Instruments TPS61251DSGT Datasheet HTML 7Page - Texas Instruments TPS61251DSGT Datasheet HTML 8Page - Texas Instruments TPS61251DSGT Datasheet HTML 9Page - Texas Instruments TPS61251DSGT Datasheet HTML 10Page - Texas Instruments TPS61251DSGT Datasheet HTML 11Page - Texas Instruments TPS61251DSGT Datasheet HTML 12Page - Texas Instruments TPS61251DSGT Datasheet HTML 13Page - Texas Instruments TPS61251DSGT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
OUT(CL)
IN(DC)
I
= (1 D)
I
-
g
IN
OUT
V
D
1
V
h
=
-
g
TPS61251
SLVSAF7 – SEPTEMBER 2010
www.ti.com
DETAILED DESCRIPTION
OPERATION
The TPS61251 Boost Converter operates as a quasi-constant frequency adaptive on-time controller. In a typical
application the frequency will be 3.5 MHz and is defined by the input to output voltage ratio and does not vary
from moderate to heavy load currents. At light load the converter will automatically enter Power Save Mode and
operates in PFM (Pulse Frequency Modulation) mode. During PWM operation the converter uses a unique fast
response quasi-constant on-time valley current mode controller scheme which offers excellent line and load
regulation and the use of small ceramic input capacitors.
Based on the VIN/VOUT ratio, a simple circuit predicts the required on-time. At the beginning of the switching
cycle, the low-side NMOS switch is turned-on and the inductor current ramps up to a peak current that is defined
by the on-time and the inductance. In the second phase, once the peak current is reached, the current
comparator trips, the on-timer is reset turning off the switch, and the current through the inductor then decays to
an internally set valley current limit. Once this occurs, the on-timer is set to turn the boost switch back on again
and the cycle is repeated.
The TPS61251 directly and accurately controls the average input current through intelligent adjustment of the
valley current limit, allowing an accuracy of ±10%. Together with an external bulk capacitor the TPS61251 allows
an application to be interfaced directly to its load, without overloading the input source due to appropriate set
average input current limit .
High values of output capacitance are mainly achieved by putting capacitors in parallel. This reduces the overall
series resistance (ESR) to very low values. This results in almost no voltage ripple at the output and therefore
the regulation circuit has no voltage drop to react on. Nevertheless to guarantee accurate output voltage
regulation even with very low ESR the regulation loop can switch to a pure comparator regulation scheme.
During this operation the output voltage is regulated between two thresholds. The upper threshold is defined by
the programmed output voltage and the lower value is about 10 mV lower. If the upper threshold is reached the
off-time is increased to reduce the current in the inductor. Therefore the output voltage will slightly drop until the
lower threshold is tripped. Now the off-time will be reduced to increase the current in the inductor to charge up
the output voltage to the steady-state value. The current swing during this operation mode is strongly depending
on the current drawn by the load but will not exceed the programmed current limit. The output voltage during
comparator operation stays within the specified accuracy with minimum voltage ripple.
This architecture with adaptive slope compensation provides excellent transient load response and requiring
minimal output filtering. Internal softstart and loop compensation simplifies the design process while minimizing
the number of external components.
CURRENT LIMIT OPERATION
The current limit circuit employs a valley current sensing scheme. Current limit detection occurs during the
off-time through sensing of the voltage drop across the synchronous rectifier. The output voltage is reduced as
the power stage of the device operates in a constant current mode. The maximum continuous output current
(IOUT(CL)), before entering current limit (CL) operation, can be defined by Equation 1 as shown below:
(1)
The duty cycle (D) can be estimated by following Equation 2
(2)
SOFTSTART
The TPS61251 has an internal charging circuit that controls the current during the output capacitor charging and
prevents the converter from inrush current that exceeds the set current limit. For typical 100 µs the current is
ramped to the set current limit. After reaching the current limit threshold the output capacitor is charged with a
constant current until the programmed output voltage is reached. During the phase where VIN > VOUT the
rectifying switch is controlled by the current limit circuit and works as a linear regulator in constant current mode.
If then VIN = VOUT the converter starts switching and boosting up the voltage to its nominal output voltage by still
10
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPS61251


Similar Part No. - TPS61251DSGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61251 TI-TPS61251_15 Datasheet
424Kb / 24P
[Old version datasheet]   TPS61251 Boost Converter for Battery Backup Charging With Adjustable Constant Current and Snooze Mode
More results

Similar Description - TPS61251DSGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61251 TI-TPS61251_15 Datasheet
424Kb / 24P
[Old version datasheet]   TPS61251 Boost Converter for Battery Backup Charging With Adjustable Constant Current and Snooze Mode
TPS65510 TI-TPS65510 Datasheet
824Kb / 19P
[Old version datasheet]   LOW-POWER BATTERY BACKUP IC WITH INTEGRATED BOOST CONVERTER
logo
Maxim Integrated Produc...
MAX20094 MAXIM-MAX20094 Datasheet
1Mb / 32P
   Backup Battery Charger and Boost Controller
2020
logo
Shenzhen Huazhimei Semi...
HM5063 HMSEMI-HM5063 Datasheet
1Mb / 11P
   constant current/constant voltage charging for single-cell lithium battery
logo
Texas Instruments
TPS3631-01 TI1-TPS3631-01 Datasheet
469Kb / 19P
[Old version datasheet]   ADJUSTABLE BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
logo
Unisonic Technologies
UM608 UTC-UM608 Datasheet
142Kb / 4P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS
UC34363 UTC-UC34363 Datasheet
172Kb / 6P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS
logo
Richtek Technology Corp...
RT9527 RICHTEK-RT9527 Datasheet
210Kb / 14P
   Single Cell Li-Ion Battery Charger with Adjustable Charging Current for Portable Applications
logo
STMicroelectronics
TSM1051 STMICROELECTRONICS-TSM1051 Datasheet
108Kb / 9P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
logo
IK Semicon Co., Ltd
IK3051 IKSEMICON-IK3051 Datasheet
298Kb / 5P
   Constant Voltage and Constant Current Controller for Adaptors and Battery Chargers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com