Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS658622AZQZT Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS658622AZQZT
Description  Advanced Power Management Unit
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS658622AZQZT Datasheet(HTML) 1 Page - Texas Instruments

  TPS658622AZQZT Datasheet HTML 1Page - Texas Instruments TPS658622AZQZT Datasheet HTML 2Page - Texas Instruments TPS658622AZQZT Datasheet HTML 3Page - Texas Instruments TPS658622AZQZT Datasheet HTML 4Page - Texas Instruments TPS658622AZQZT Datasheet HTML 5Page - Texas Instruments TPS658622AZQZT Datasheet HTML 6Page - Texas Instruments TPS658622AZQZT Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TPS658622A
www.ti.com
SLVSAJ7 – SEPTEMBER 2010
Advanced Power Management Unit
Check for Samples: TPS658622A
1
Introduction
1.1
Main Features
1
Converter Mode Control
• BATTERY CHARGER
• SYSTEM MANAGEMENT
– Complete Charge Management Solution for a
Single-Cell Li-Ion/Li-Pol Cell With Dynamic
– Dual-Input Power Path
Power Management and Thermal Foldback
USB Current Limiting
– Maximum 1-A Charge Current
Max. 18-V Overvoltage Protection
– Programmable Adapter and USB Charge
– Power-Good Monitoring on All Supply
Operation
Outputs
• INTEGRATED POWER SUPPLIES
– Software Reset Function
– 3 Programmable Step-Down Converters
– Hardware On/Off and Reboot Control
Software-Controlled Enable/Forced PWM
– 11-Channel ADC With 3 Operating Modes
Mode
Single Conversion
Automatic Power-Saving Mode
Peak Detection
Maximum 1.5-A Outputs (SM0, SM2)
Averaging
Maximum 2-A Output (SM1)
– 11 Programmable General-Purpose LDOs
1.2
Applications
7 With Output Voltages of 1.25 V to 3.3 V
Smart Phones
2 With Output Voltages of 0.725 V to 1.5 V
Portable Navigation Devices
or 1.25 V to 2.586 V (Factory
Configurable)
Portable Media Players
1 Always On With Output Voltages of
1.25 V to 3.3 V
1 With Output Voltage of 1.7 V to 2.475 V
• DISPLAY SUPPORT FUNCTIONS
– 4 PWM Outputs With Programmable
Frequency and Duty Cycle
– Dual RGB LED Drivers
– Constant-Current WLED Driver
26.5 V (Max.) at 25 mA
Overvoltage Protection
Programmable Current-Level and
Brightness Control
• HOST INTERFACE
– Interrupt Controller With Maskable Interrupts
– External ADC Triggering and Step-Down
1.3
Overview
The TPS658622A provides an easy-to-use, fully integrated solution for handheld devices, integrating
charge management, multiple regulated power supplies, system management, and display functions in a
small 6-mm × 6-mm package. The I2C interface enables control of a wide range of subsystem parameters.
Internal registers have a complete set of status information, enabling easy diagnostics and host-controlled
handling of fault conditions.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS658622AZQZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS658622B TI-TPS658622B Datasheet
287Kb / 7P
[Old version datasheet]   Advanced Power Management Unit
TPS658622BZQZR TI-TPS658622BZQZR Datasheet
287Kb / 7P
[Old version datasheet]   Advanced Power Management Unit
TPS658622BZQZT TI-TPS658622BZQZT Datasheet
287Kb / 7P
[Old version datasheet]   Advanced Power Management Unit
More results

Similar Description - TPS658622AZQZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS658623 TI-TPS658623 Datasheet
363Kb / 8P
[Old version datasheet]   Advanced Power Management Unit
TPS658623 TI-TPS658623 Datasheet
363Kb / 8P
[Old version datasheet]   Advanced Power Management Unit
TPS658621A TI-TPS658621A_1 Datasheet
3Mb / 107P
[Old version datasheet]   Advanced Power Management Unit
logo
Active-Semi, Inc
ACT8892 ACTIVE-SEMI-ACT8892_17 Datasheet
1Mb / 32P
   Advanced Power Management Unit
Rev 3, 28-June-17
logo
Texas Instruments
TPS658629-Q1 TI1-TPS658629-Q1 Datasheet
849Kb / 9P
[Old version datasheet]   Advanced Power Management Unit
TPS658620 TI-TPS658620 Datasheet
4Mb / 104P
[Old version datasheet]   Advanced Power Management Unit
TPS658622B TI-TPS658622B Datasheet
287Kb / 7P
[Old version datasheet]   Advanced Power Management Unit
TPS658643 TI-TPS658643_V01 Datasheet
804Kb / 9P
[Old version datasheet]   Advanced Power Management Unit
TPS658621A TI-TPS658621A Datasheet
3Mb / 105P
[Old version datasheet]   Advanced Power Management Unit
TPS658621C TI-TPS658621C Datasheet
368Kb / 8P
[Old version datasheet]   Advanced Power Management Unit
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com