Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC24610DRBR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # UCC24610DRBR
Description  GREEN Rectifier Controller Device
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC24610DRBR Datasheet(HTML) 4 Page - Texas Instruments

  UCC24610DRBR Datasheet HTML 1Page - Texas Instruments UCC24610DRBR Datasheet HTML 2Page - Texas Instruments UCC24610DRBR Datasheet HTML 3Page - Texas Instruments UCC24610DRBR Datasheet HTML 4Page - Texas Instruments UCC24610DRBR Datasheet HTML 5Page - Texas Instruments UCC24610DRBR Datasheet HTML 6Page - Texas Instruments UCC24610DRBR Datasheet HTML 7Page - Texas Instruments UCC24610DRBR Datasheet HTML 8Page - Texas Instruments UCC24610DRBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
UCC24610
SLUSA87B – AUGUST 2010 – REVISED SEPTEMBER 2010
www.ti.com
ELECTRICAL CHARACTERISTICS
At VCC = 5 VDC, CGATE = 0 pF, RTON = 200 kΩ, REN/TOFF = 100 kΩ, −40°C < TJ = TA < 125°C, all voltages are with respect to
GND, and currents are positive into and negative out of the specified terminal, unless otherwise noted. Typical values are at
TJ = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Bias Supply
VCC current,
ICCSTART
VCC = 4.05 V
-
70
100
undervoltage
mA
ICCSTBY
VCC current, disabled
VCC = 5.5 V, REN/TOFF = 0 Ω
-
130
200
ICCON
VCC current, enabled
VCC = 5.5 V, REN/TOFF = 100 kΩ
1.40
2.15
2.80
mA
EN/TOFF turn-on
VENON
EN/TOFF driven, ICC > 1 mA
1.31
1.40
1.49
threshold, rising
V
EN/TOFF turn-off
VENOFF
EN/TOFF driven, ICC < 200 µA
0.74
0.80
0.86
threshold, falling
EN/TOFF input
IEN-START
EN/TOFF = 1.3 V, rising from zero
-21.5
-20.0
-18.5
current, disabled
mA
EN/TOFF input
IEN-ON
EN/TOFF = 2 V
-10.7
-10.0
-9.3
current, enabled
Under-Voltage Lockout (UVLO)
VCCON
VCC turn-on threshold Turn-on detected by VEN > 1.0 V
4.15
4.40
4.65
VCCOFF
VCC turn-off threshold Turn-off detected by VEN < 0.5 V
3.96
4.20
4.44
V
VCCHYST UVLO hysteresis
VCCHYST = VCCON - VCCOFF
0.15
0.20
0.25
MOSFET Voltage Sensing
GATE re-arming
VTHARM
VD to GND, rising
1.3
1.5
1.7
V
threshold
GATE turn-on
VTHON
(VD – VS) falling, VS = 0 V
-220
-150
-80
threshold
mV
GATE turn-off
VTHOFF
(VD – VS) rising, VS = 0 V
-8
-5
-2
threshold
GATE turn-on
tDON
From VTHON to GATE > 1 V
-
44
70
propagation delay
ns
GATE turn-off
tDOFF
From VTHOFF to GATE < 4 V
-
16
35
propagation delay
VD input bias current,
IDH
VD = 50 V, VS = 0 V
-
0.05
2.00
high
VD input bias current,
mA
IDL
VD = -0.15 V, VS = 0 V
-250
-150
-50
low
IS
VS input bias current
VD = 0 V, VS = 0 V
-250
-150
-50
Minimum On-Time Setting
Minimum on-time, low
TONLR
RTON = 16.5 kΩ
0.17
0.25
0.33
resistance
ms
Minimum on-time,
TONHR
RTON = 200 kΩ
2.2
3.0
3.8
high resistance
4
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): UCC24610


Similar Part No. - UCC24610DRBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC24610DRBR TI1-UCC24610DRBR Datasheet
1Mb / 35P
[Old version datasheet]   GREEN Rectifier Controller Device
More results

Similar Description - UCC24610DRBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HPA01055DRBR TI1-HPA01055DRBR Datasheet
1Mb / 35P
[Old version datasheet]   GREEN Rectifier Controller Device
UCC24610 TI-UCC24610_15 Datasheet
1Mb / 41P
[Old version datasheet]   UCC24610 GREEN Rectifier??Controller Device
logo
OKI electronic componet...
ML60851C OKI-ML60851C Datasheet
413Kb / 67P
   USB Device Controller
logo
Mitsubishi Electric Sem...
M66290AGP MITSUBISHI-M66290AGP Datasheet
435Kb / 53P
   USB DEVICE CONTROLLER
logo
Renesas Technology Corp
M66290AGP RENESAS-M66290AGP Datasheet
451Kb / 54P
   USB DEVICE CONTROLLER
logo
OKI electronic componet...
ML60851D OKI-ML60851D Datasheet
705Kb / 82P
   USB Device Controller
ML60852A OKI-ML60852A Datasheet
335Kb / 81P
   USB Device Controller
logo
List of Unclassifed Man...
PL-2351 ETC-PL-2351 Datasheet
31Kb / 1P
   USB Device Controller
logo
OKI electronic componet...
ML60851A OKI-ML60851A Datasheet
325Kb / 45P
   USB Device Controller
ML60851E OKI-ML60851E Datasheet
358Kb / 84P
   USB Device Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com