Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL431ASA-7 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # TL431ASA-7
Description  ADJUSTABLE PRECISION SHUNT REGULATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

TL431ASA-7 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button TL431ASA-7 Datasheet HTML 6Page - Diodes Incorporated TL431ASA-7 Datasheet HTML 7Page - Diodes Incorporated TL431ASA-7 Datasheet HTML 8Page - Diodes Incorporated TL431ASA-7 Datasheet HTML 9Page - Diodes Incorporated TL431ASA-7 Datasheet HTML 10Page - Diodes Incorporated TL431ASA-7 Datasheet HTML 11Page - Diodes Incorporated TL431ASA-7 Datasheet HTML 12Page - Diodes Incorporated TL431ASA-7 Datasheet HTML 13Page - Diodes Incorporated TL431ASA-7 Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
TL431/TL432
ADJUSTABLE PRECISION SHUNT REGULATOR
TL431/432
Document number: DS35050 Rev. 2 - 2
11 of 14
www.diodes.com
September 2010
© Diodes Incorporated
Ordering Information
Pinout variation
Tolerance
Package
Packing
1: Standard pinout
2: Reversed pinout in SOT23
A:
±1.0%
B:
±0.5%
SA: SOT23
W5: SOT25
7: Tape & Reel
TL43 X X XX -7
Pinout variation
Tolerance
Package
Packing
1: Standard pinout
2: Reversed pinout in SOT23
A:
±1.0%
B:
±0.5%
SA: SOT23
W5: SOT25
7: Tape & Reel
TL43 X X XX -7
Device
(Note 7)
Package
Code
Packaging
(Note 5)
7” Tape and Reel
Ammo Box
Quantity
Part Number
Suffix
Quantity
Part Number Suffix
TL431A(B)SA-7
SA
SOT23
3000/Tape & Reel
-7
NA
NA
TL431A(B)W5-7
W5
SOT25
3000/Tape & Reel
-7
NA
NA
TL432A(B)SA-7
SA
SOT23
3000/Tape & Reel
-7
NA
NA
Notes:
7. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
8. Suffix “B” denotes TL431B device.


Similar Part No. - TL431ASA-7

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
TL431AS IKSEMICON-TL431AS Datasheet
3Mb / 12P
   Programmable Precision Reference
logo
NXP Semiconductors
TL431ASDT NXP-TL431ASDT Datasheet
214Kb / 23P
   Adjustable precision shunt regulator
Rev. 02-20 January 2010
TL431ASDT PHILIPS-TL431ASDT Datasheet
277Kb / 27P
   Adjustable precision shunt regulator
Rev. 4-30 June 2011
TL431ASDT NXP-TL431ASDT Datasheet
277Kb / 27P
   Adjustable precision shunt regulator
Rev. 4-30 June 2011
logo
HTC Korea TAEJIN Techno...
TL431ASF HTC-TL431ASF Datasheet
671Kb / 12P
   PROGRAMMABLE PRECISION SHUNT REGULATOR
More results

Similar Description - TL431ASA-7

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com