Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

62P16-N4 Datasheet(PDF) 1 Page - Grayhill, Inc

Part # 62P16-N4
Description  Low Cost, PC Mount
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

62P16-N4 Datasheet(HTML) 1 Page - Grayhill, Inc

  62P16-N4 Datasheet HTML 1Page - Grayhill, Inc 62P16-N4 Datasheet HTML 2Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Optical Encoders
FEATURES
• Low Cost
• Compact Size
• PC Mount
• No De-Bouncing Required
• Reliable, Up to 2 Million Cycles
• Choice of Detent and
Pushbutton Force
• Available in 16 Positions
• Quadrature Output
DIMENSIONS In inches (and millimeters)
APPLICATION
• Automotive Controls
• White Goods
• Audio
SERIES 62P
Low Cost, PC Mount
CIRCUITRY
Encoder
5
1
POWER (+5.0 V)
OUTPUT B
OUTPUT A
GROUND
PUSHBUTTON
PUSHBUTTON
10K
*
10K
*
150
*
*10K
EXTERNAL PULL-UP RESISTORS REQUIRED ON PIN 3 AND PIN 4
*150 EXTERNAL RESISTOR REQUIRED ON PIN 1
2
3
4
5
6
TOLERANCE: ±.002
SUGGESTED HOLE LAYOUT DETAIL
.109
(2,77)
4 PLCS.
.525
(13,34)
.403
(10,24)
.403
(10,24)
Ø.187±.004
(4,75±0,1)
Ø.375
(9,53)
Ø.059±.002
(1,5±0,05)
.335
(8,51)
.805
(20,45)
.156±.004
(3,96±0,1)
.030
(0,76)
.700
(17,78)
.220
(5,59)
.325
(8,26)
.660±.015
(16,76±0,38)
.038
(0,96)
4 PLCS.
.332
(8,43)
.366
(9,29)
CHAMFER
.025 X 45°
.403
(10,24)
6 PLCS.
.202
(5,14)
.655
(16.64)
.400
(10,16)
.250
(6,35)
.100
(2,54)
.625
(15,88)
.200
(5,08)
.080
(2,03)
.250
(6,35)
.070
(1,78)
4 PLCS.
.064
(1,63)
.100
(2,54)
2 PLCS.
.250
(6,35)
.263
(6,67)
.400
(10,16)
.042
(1,07)
6 PLCS.
.365
(9,27)
.730
(18,54)
.200
(5,08)
2 PLCS.
3 2 1
5
6
4
.030
(0,76)
.250±.004
(6.35±0,1)
.660±.0
(16,76±0
.219±.002
(5,56±0,1)
.625
(15,88)
.403
(10,24)
6 PLCS.
.250
(6,35)
.080
(2,03)
.805
(20,45)
.335
(8,51)
Ø.059±.002
(1,5±0,05)
.025 X 45°
.366
(9,29)
.332
(8,43)
CHAMFER
.030
(0,76)
Ø.375
(9,53)
.700
(17,78)
.030
(0,76)
.038
(0,96)
4 PLCS.
.220
(5,59)
.325
(8,26)
.100
(2,54)
.250
(6,35)
.201
(5,14)
.400
(10,16)
.200
(5,08)
.655
(16.64)
±.010 TOLERANCE APPLIES TO ALL DIMENSIONS UNLESS OTHERWISE NOTED
PIN DESIGNATION


Similar Part No. - 62P16-N4

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
62P1603 BELDEN-62P1603 Datasheet
148Kb / 2P
   Inst PVC/PVC, 3 Pr #16 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, TC-ER NPLF 90C Dry 75C Wet
12-20-2022
62P1603-0105000 BELDEN-62P1603-0105000 Datasheet
148Kb / 2P
   Inst PVC/PVC, 3 Pr #16 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, TC-ER NPLF 90C Dry 75C Wet
12-20-2022
62P1604 BELDEN-62P1604 Datasheet
152Kb / 2P
   Inst PVC/PVC, 4 Pr #16 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, TC-ER NPLF 90C Dry 75C Wet
04-14-2023
62P1604-0105000 BELDEN-62P1604-0105000 Datasheet
152Kb / 2P
   Inst PVC/PVC, 4 Pr #16 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, TC-ER NPLF 90C Dry 75C Wet
04-14-2023
62P160401010000 BELDEN-62P160401010000 Datasheet
152Kb / 2P
   Inst PVC/PVC, 4 Pr #16 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, TC-ER NPLF 90C Dry 75C Wet
04-14-2023
More results

Similar Description - 62P16-N4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T9AS1D12-12 ETC-T9AS1D12-12 Datasheet
100Kb / 3P
   Low Cost 30 Amp PC Board or Panel Mount Relay
logo
Analog Devices
ADM1025 AD-ADM1025 Datasheet
164Kb / 16P
   Low-Cost PC Hardware Monitor ASIC
REV. A
logo
ON Semiconductor
ADM1025 ONSEMI-ADM1025 Datasheet
302Kb / 21P
   Low Cost PC Hardware Monitor ASIC
February 2008 ??Rev. P5
logo
List of Unclassifed Man...
K1536BLC ETC-K1536BLC Datasheet
22Kb / 1P
   LOW COST SURFACE MOUNT VCXOS
SME900-17 ETC-SME900-17 Datasheet
2Mb / 4P
   Low Cost Surface Mount Mixer
3022-005-P ETC2-3022-005-P Datasheet
154Kb / 4P
   PC Board Mountable Accelerometer Millivolt Output Low Cost
logo
Bi technologies
HM61 BITECH-HM61 Datasheet
252Kb / 2P
   Low Cost Miniature Surface Mount Inductors
logo
List of Unclassifed Man...
NPTB00004 ETC2-NPTB00004 Datasheet
953Kb / 10P
   Low cost, surface mount SOIC package
logo
AVAGO TECHNOLOGIES LIMI...
MSA-0311 AVAGO-MSA-0311 Datasheet
170Kb / 4P
   Low Cost Surface Mount Plastic Package
logo
CTS Corporation
357 CTS-357 Datasheet
501Kb / 3P
   5x7mm Low Cost Surface Mount VCXO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com