Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A30XX Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS7A30XX
Description  -36V, -200mA, Ultralow-Noise, Negative LINEAR REGULATOR
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS7A30XX Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS7A30XX Datasheet HTML 3Page - Texas Instruments TPS7A30XX Datasheet HTML 4Page - Texas Instruments TPS7A30XX Datasheet HTML 5Page - Texas Instruments TPS7A30XX Datasheet HTML 6Page - Texas Instruments TPS7A30XX Datasheet HTML 7Page - Texas Instruments TPS7A30XX Datasheet HTML 8Page - Texas Instruments TPS7A30XX Datasheet HTML 9Page - Texas Instruments TPS7A30XX Datasheet HTML 10Page - Texas Instruments TPS7A30XX Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
-40
V
(V)
IN
0
100
90
80
70
60
50
40
30
20
10
0
-35
-30
-25
-20
-15
-10
-5
+105 C
°
+85 C
°
+25 C
°
-
°
40 C
+125 C
°
I
=0mA
OUT
3.5
3
2.5
2
1.5
1
0.5
0
-40
V
(V)
IN
0
-35
-30
-25
-20
-15
-10
-5
+105 C
°
+85 C
°
+25 C
°
-
°
40 C
+125 C
°
V
= 0.4V
-
EN
450
400
350
300
250
200
150
100
50
0
0
I
(mA)
OUT
200
+105 C
°
+85 C
°
+25 C
°
-
°
40 C
+125 C
°
20
40
60
80
100
120
140
160
180
-40 -25 -10
5
20
35
50
65
80
95
110
Temperature( C)
°
125
500
450
400
350
300
250
200
150
100
50
0
10mA
50mA
100mA
200mA
-10
V
(V)
IN
-3
450
400
350
300
250
200
150
100
50
0
-9
-8
-7
-6
-5
-4
+105°C
+85°C
+25°C
-
°
40
C
+125°C
V
=90%V
OUT
OUT(NOM)
500
450
400
350
300
250
200
-40 -25 -10
5
20
35
50
65
80
95
110
Temperature( C)
°
125
TPS7A30xx
www.ti.com
SBVS125 – AUGUST 2010
TYPICAL CHARACTERISTICS (continued)
At TJ = –40°C to +125°C, |VIN| = |VOUT(NOM)| + 1.0V or |VIN| = 3.0V (whichever is greater), VEN = VIN, IOUT = 1mA, CIN = 2.2mF,
COUT = 2.2mF, CNR/SS = 0nF, and the FB pin tied to OUT, unless otherwise noted.
QUIESCENT CURRENT vs INPUT VOLTAGE
SHUTDOWN CURRENT vs INPUT VOLTAGE
Figure 7.
Figure 8.
DROPOUT VOLTAGE vs OUTPUT CURRENT
DROPOUT VOLTAGE vs TEMPERATURE
Figure 9.
Figure 10.
CURRENT LIMIT vs INPUT VOLTAGE
CURRENT LIMIT vs TEMPERATURE
Figure 11.
Figure 12.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
7


Similar Part No. - TPS7A30XX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A30xx TI-TPS7A30xx Datasheet
699Kb / 24P
[Old version datasheet]   -36V, -200mA, Ultralow-Noise, Negative LINEAR REGULATOR
TPS7A30XX TI-TPS7A30XX_11 Datasheet
699Kb / 24P
[Old version datasheet]   -36V, -200mA, Ultralow-Noise, Negative LINEAR REGULATOR
More results

Similar Description - TPS7A30XX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A30XX TI-TPS7A30XX_11 Datasheet
699Kb / 24P
[Old version datasheet]   -36V, -200mA, Ultralow-Noise, Negative LINEAR REGULATOR
TPS7A4901 TI1-TPS7A4901 Datasheet
843Kb / 23P
[Old version datasheet]   36V, 150mA, Ultralow-Noise, Positive LINEAR REGULATOR
TPS7A49XX TI-TPS7A49XX_10 Datasheet
755Kb / 23P
[Old version datasheet]   36V, 150mA, Ultralow-Noise, Positive LINEAR REGULATOR
TPS7A3001 TI1-TPS7A3001 Datasheet
847Kb / 24P
[Old version datasheet]   ??6V, ??00mA, Ultralow-Noise, Negative LINEAR REGULATOR
TPS7A3001-EP TI-TPS7A3001-EP_15 Datasheet
884Kb / 25P
[Old version datasheet]   ??6V, ??00mA, ULTRALOW-NOISE, NEGATIVE LINEAR REGULATOR
logo
Analog Devices
LT3094 AD-LT3094 Datasheet
2Mb / 34P
   Ultralow Noise, Ultrahigh PSRR Negative Linear Regulator
logo
Texas Instruments
TPS7A3001-EP TI1-TPS7A3001-EP Datasheet
981Kb / 25P
[Old version datasheet]   ??6V, ??00mA, ULTRALOW-NOISE, NEGATIVE LINEAR REGULATOR
logo
Analog Devices
LT3093 AD-LT3093 Datasheet
4Mb / 32P
   Ultralow Noise, Ultrahigh PSRR Negative Linear Regulator
logo
Linear Technology
LT3042 LINER-LT3042_15 Datasheet
900Kb / 30P
   20V, 200mA, Ultralow Noise, Ultrahigh PSRR RF Linear Regulator
logo
Texas Instruments
TPS7A30 TI1-TPS7A30 Datasheet
1Mb / 40P
[Old version datasheet]   TPS7A30 ??5-V, ??00-mA, Ultralow-Noise, Negative Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com