Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

61KS50-060 Datasheet(PDF) 5 Page - Grayhill, Inc

Part # 61KS50-060
Description  High Resolution, 4-Pin
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

61KS50-060 Datasheet(HTML) 5 Page - Grayhill, Inc

  61KS50-060 Datasheet HTML 1Page - Grayhill, Inc 61KS50-060 Datasheet HTML 2Page - Grayhill, Inc 61KS50-060 Datasheet HTML 3Page - Grayhill, Inc 61KS50-060 Datasheet HTML 4Page - Grayhill, Inc 61KS50-060 Datasheet HTML 5Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Optical Encoders
Available from your local Grayhill Distributor. For prices and discounts, contact a local Sales Office, an authorized local Dstributor or Grayhill.
Shock Resistance: Test 1: 100g for 6 mS, half-
sine wave with velocity change of 12.3 ft/s. Test
2: 100g for 6 mS, sawtooth wave with velocity
change of 9.7 ft/s.
Materials and Finishes
Bushing: Aluminum
Code Housing: Hiloy 610B
Shaft: Stainless steel
Retaining Ring: Stainless steel
Code Rotor and Aperture: Chemically etched
stainless steel/electroformed nickel
Printed Circuit Board: NEMA Grade FR-4.
Five microinches minimum gold over 100
microinches minimum nickel over copper
Optical Barrier: Polyphenylene sulfide, 94 V-0
Backplate: Polyester
Header: Phosphor bronze, 200 microinches tin
over 50 microinches nickel (pin version only)
Infrared Emitter: Gallium aluminum arsenide
Photo IC: Planar silicon
Cable: 26 AWG, stranded/tinned wire, PVC
coated on .100 (2,54) centers (cable version
only)
ACCESSORIES
Non-Turn Washer
The Series 61 bushing is 3/8 inches in diameter
and has a non-turn keyway to prevent rotation
of the switch body when the panel is cut to fit.
Another way to keep the switch from turning is
to use a non-turn washer. The washer is
cadmium-plated brass.
Part number: 12C1087-1
Part number: SHH694-11, 302-2B stainless
steel, no plating
DIMENSIONS In inches (and millimeters)
Shaft and Panel Seal
For shaft and panel seal version, the shaft is
sealed by an o-ring inside the bushing. The
panel is sealed by a flat gasket .045" thick at the
base of the bushing. The panel seals will increase
the behind panel dimension by .020" to .040",
when the switch is mounted. The panel seal is
silicon rubber.
Part Number: 12C1087-1
Part Number: SHH694-11
C
L
.125 ± .010
(3,16 ± 0,25)
.005 ± .003
(0,38 ± 0,08)
RADIUS
.032 ± .002
(0,81 ± 0,05)
90˚ ± 1˚
.625 ± .010 DIA.
(15,89 ± 0,25)
.120 ± .003
(3,05 ± 0,08)
.437 + .010 –.000
(11,10 + 0,25 –0,00)
.032
± .002
(0,81
± 0,05)
.110
± .003
(2,79
± 0,08)
.030 (0,76)
RADIUS MAX.
.625 ± .010
(15,88 ± 0,25) DIA.
.120 ± .003
(3,05 ± 0,08)
.530 ± .005
(13,46 ± 0,13)
90˚ ± 1˚
ORDERING INFORMATION
Series
Style: K = Standard, 4-pin, high resolution
KS = Sealed, 4-pin, high resolution
R = Standard, 5-pin, high resolution
RS = Sealed, 5-pin, high resolution
Cycles: per channel per revolution = 25, 32, 50, 64, 100, 128, 256
61RS256 – 020
Cable Termination: 060 = 6.0in. Cable is terminated with Molex Connector P/N
14-56-3056. To purchase an Molex Mating Connector visit www.avnet.com.
Encoder
46


Similar Part No. - 61KS50-060

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
61KS256-060 GRAYHILL-61KS256-060 Datasheet
42Kb / 1P
   Optical Encoders
More results

Similar Description - 61KS50-060

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
63KS256-060 GRAYHILL-63KS256-060 Datasheet
349Kb / 2P
   High Resolution, Ball Bearing, 4-Pin
63RS256-060 GRAYHILL-63RS256-060 Datasheet
355Kb / 2P
   High Resolution, Ball Bearing, 5-pin (Polarized Connection)
logo
Hitachi Semiconductor
CML174SXW HITACHI-CML174SXW Datasheet
113Kb / 2P
   High Resolution
logo
Digital View Ltd
SVX-1920-V3 DIGITALVIEW-SVX-1920-V3 Datasheet
769Kb / 2P
   High-Resolution Controller
November 2014 v1.2
logo
Analog Devices
ADADC72 AD-ADADC72_15 Datasheet
2Mb / 8P
   COMPLETE HIGH RESOLUTION
REV. B
logo
Digital View Ltd
HX-1920V3 DIGITALVIEW-HX-1920V3 Datasheet
921Kb / 2P
   High-Resolution Controller
August 2014 v1.2
logo
Extech Instruments Corp...
380560 EXTECH-380560_15 Datasheet
176Kb / 1P
   High Resolution Milliohm Meter
logo
TE Connectivity Ltd
MS5806-02BA TEC-MS5806-02BA Datasheet
513Kb / 19P
   High resolution module, 20cm
logo
ON Semiconductor
NCP81231 ONSEMI-NCP81231 Datasheet
195Kb / 21P
   High Resolution Buck Controller
December, 2017 ??Rev. 1
logo
Texas Instruments
DLPC7540 TI1-DLPC7540_V01 Datasheet
117Kb / 8P
[Old version datasheet]   DLPC7541 High Resolution Controller
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com