Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARM2815T Datasheet(PDF) 10 Page - International Rectifier

Part # ARM2815T
Description  HYBRID - HIGH RELIABILITY 1 MEGA-RAD HARDENED DC/DC CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ARM2815T Datasheet(HTML) 10 Page - International Rectifier

Back Button ARM2815T Datasheet HTML 5Page - International Rectifier ARM2815T Datasheet HTML 6Page - International Rectifier ARM2815T Datasheet HTML 7Page - International Rectifier ARM2815T Datasheet HTML 8Page - International Rectifier ARM2815T Datasheet HTML 9Page - International Rectifier ARM2815T Datasheet HTML 10Page - International Rectifier ARM2815T Datasheet HTML 11Page - International Rectifier ARM2815T Datasheet HTML 12Page - International Rectifier ARM2815T Datasheet HTML 13Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
www.irf.com
ARM28XXT Series
Performance Characteristics (Typical @ 25°C)
50
55
60
65
70
75
80
85
0
5
10
15
20
25
30
35
Output Power (Watts)
18V
28V
50V
Figure VII.
Efficiency vs Output Power
for Three Line Voltages.
Figure VIII.
5 V Output Regulation Limits
Including all conditions of Line, Load and Cross Regulation.
4.7
4.8
4.9
5.0
5.1
5.2
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Output Current (Amps)
Upper Limit
Lower Limit


Similar Part No. - ARM2815T

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ARM2815T IRF-ARM2815T Datasheet
132Kb / 13P
   HYBRID - HIGH RELIABILITY 1 MEGA-RAD HARDENED DC/DC CONVERTER
ARM2815T IRF-ARM2815T Datasheet
461Kb / 14P
   HYBRID-HIGH RELIABILITY 1MEGA-RAD HARDENED DC-DC CONVERTER
ARM2815TCK IRF-ARM2815TCK Datasheet
132Kb / 13P
   HYBRID - HIGH RELIABILITY 1 MEGA-RAD HARDENED DC/DC CONVERTER
ARM2815TEM IRF-ARM2815TEM Datasheet
132Kb / 13P
   HYBRID - HIGH RELIABILITY 1 MEGA-RAD HARDENED DC/DC CONVERTER
More results

Similar Description - ARM2815T

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ARM2815TCK IRF-ARM2815TCK Datasheet
132Kb / 13P
   HYBRID - HIGH RELIABILITY 1 MEGA-RAD HARDENED DC/DC CONVERTER
ARM2800T IRF-ARM2800T_15 Datasheet
132Kb / 13P
   HYBRID - HIGH RELIABILITY 1 MEGA-RAD HARDENED DC/DC CONVERTER
ARM2815T IRF-ARM2815T Datasheet
461Kb / 14P
   HYBRID-HIGH RELIABILITY 1MEGA-RAD HARDENED DC-DC CONVERTER
GHP2805S IRF-GHP2805S Datasheet
392Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G7003R3S IRF-M3G7003R3S_16 Datasheet
400Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3GB2805S IRF-M3GB2805S Datasheet
263Kb / 13P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP7005S IRF-GHP7005S Datasheet
392Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G5003R3S IRF-M3G5003R3S_16 Datasheet
402Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LS2801R5S IRF-LS2801R5S_12 Datasheet
249Kb / 16P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LSO2805S IRF-LSO2805S Datasheet
516Kb / 18P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com