Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7105 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF7105
Description  HEXFET POWER MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7105 Datasheet(HTML) 1 Page - International Rectifier

  IRF7105 Datasheet HTML 1Page - International Rectifier IRF7105 Datasheet HTML 2Page - International Rectifier IRF7105 Datasheet HTML 3Page - International Rectifier IRF7105 Datasheet HTML 4Page - International Rectifier IRF7105 Datasheet HTML 5Page - International Rectifier IRF7105 Datasheet HTML 6Page - International Rectifier IRF7105 Datasheet HTML 7Page - International Rectifier IRF7105 Datasheet HTML 8Page - International Rectifier IRF7105 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
IRF7105
HEXFET® Power MOSFET
07/18/03
l
Advanced Process Technology
l
Ultra Low On-Resistance
l
Dual N and P Channel Mosfet
l
Surface Mount
l
Available in Tape & Reel
l
Dynamic dv/dt Rating
l
Fast Switching
Fifth Generation HEXFETs from International Rectifier
utilize advanced processing techniques to achieve
the lowest possible on-resistance per silicon area.
This benefit, combined with the fast switching speed
and ruggedized device design that HEXFET Power
MOSFETs are well known for, provides the designer
with an extremely efficient device for use in a wide
variety of applications.
The SO-8 has been modified through a customized
leadframe for enhanced thermal characteristics and
multiple-die capability making it ideal in a variety of
power applications. With these improvements,
multiple devices can be used in an application with
dramatically reduced board space. The package is
designed for vapor phase, infra red, or wave soldering
techniques. Power dissipation of greater than 0.8W
is possible in a typical PCB mount application.
SO-8
Description
Max.
N-Channel
P-Channel
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
3.5
-2.3
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
2.8-1.8
IDM
Pulsed Drain Current 
14
-10
PD @TC = 25°C
Power Dissipation
2.0
Linear Derating Factor
0.016
W/°C
VGS
Gate-to-Source Voltage
± 20
V
dv/dt
Peak Diode Recovery dv/dt ‚
3.0
-3.0
V/nS
TJ,TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
Parameter
Units
A
Absolute Maximum Ratings
W
Parameter
Min.
Typ.
Max.
Units
RθJA
Maximum Junction-to-Ambient
„
–––
–––
62.5
°C/W
Thermal Resistance Ratings
N-Ch P-Ch
VDSS
25V
-25V
RDS(on) 0.10Ω 0.25Ω
ID
3.5A
-2.3A
D1
D1
D2
D2
G1
S2
G2
S1
Top View
8
1
2
3
4
5
6
7
P-CHANNEL MOSFET
N-CHANNEL MOSFET
www.irf.com
1
PD - 91097E


Similar Part No. - IRF7105

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
IRF7105 MICROSEMI-IRF7105 Datasheet
339Kb / 18P
   EVALUATION KIT
logo
International Rectifier
IRF7105PBF IRF-IRF7105PBF Datasheet
302Kb / 10P
   HEXFET짰 Power MOSFET
IRF7105PBF IRF-IRF7105PBF Datasheet
307Kb / 10P
   Advanced Process Technology
IRF7105PBF IRF-IRF7105PBF Datasheet
307Kb / 10P
   ADVANCED PROCESS TECHNOLOGY
IRF7105PBF-1 IRF-IRF7105PBF-1 Datasheet
615Kb / 10P
   Industry-standard pinout SO-8 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com