Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

62D02-01-040P Datasheet(PDF) 3 Page - Grayhill, Inc

Part # 62D02-01-040P
Description  1/2' Package
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

62D02-01-040P Datasheet(HTML) 3 Page - Grayhill, Inc

  62D02-01-040P Datasheet HTML 1Page - Grayhill, Inc 62D02-01-040P Datasheet HTML 2Page - Grayhill, Inc 62D02-01-040P Datasheet HTML 3Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Optical Encoders
SPECIFICATIONS
Electrical and Mechanical Ratings
Rating: 5 Vdc, 10 mA, resistive
Contact Resistance: less than 10 ohms (TTL
or CMOS compatible)
Pushbutton Life: 3 million actuations minimum
Contact Bounce: less than 4 mS at make and
less than 10 mS at break
Actuation Force: 1000 ±300 grams
Pushbutton Travel: .010/.025 inch
Coding: 2-bit quadrature coded output
Operating Voltage: 5.0 ±.25 Vdc, 3.30±.125
Vdc (style V only)
Voltage Breakdown: 250 Vac between mutually
insulated parts
Supply Current: 30 mA maximum
Logic Output Characterisitics:
Logic High: 3.8 Vdc (5.0 Vdc); 2.3 (3.3 Vdc)
minimum
Logic Low: 0.8 Vdc maximum
Rotational Life: 1,000,000 cycles minimum
(One cycle is a rotation through all positions
and a full return)
Minimum Sink Current: 2.0 mA for 5 Vdc; 1.0
mA for 3.3 Vdc
Power Consumption: 150 mW maximum for 5
Vdc; 80 mW for 3.3 Vdc
Optical Rise and FallTimes: less than 30 mS
maximum
Operating Torque:
Style A and V: 2.0 ±1.4 in-oz. initially
Style D: 3.5 ±1.4 in-oz initially
Non-detent: less than 1.5 in-oz initially
Shaft Push Out Force: 45 lbs minimum
Mounting Torque: 15 in-lbs maximum
Terminal Strength: 15 lbs cable pull-out force
minimum
Operating Speed: 100 RPM maximum
Axial Shaft Play: .010 maximum
Environmental Ratings
Operating Temperature Range: -40°C to 85°C
Storage Temperature Range: -55°C to 100°C
Relative Humidity: 90–95% at 40°C for 96 hours
Vibration Resistance: Harmonic motion with
amplitude of 15G, within a varied 10 to 2000 Hz
frequency for 12 hours per MIL-STD-202, Method
204
Mechanical Shock: Test 1: 100G for 6 mS, half
sine, 12.3 ft/s; Test 2: 100G for 6 mS, sawtooth,
9.7 ft/s
Materials and Finishes
Code Housing: Reinforced thermoplastic
Shaft: Zinc or aluminum
Bushing: Zinc casting
Shaft Retaining Ring: Stainless steel
Detent Spring: Stainless steel
Printed Circuit Boards: NEMA grade FR-4
gold over nickel or palladium
Terminals: Brass, tin-plated
Mounting Hardware: One brass, nickel-plated
nut and stainless steel lockwasher supplied with
each switch. Nut is 0.094 inches thick by 0.562
inches across flats.
Rotor: Thermoplastic
Code Housing: Thermoplastic
Pushbutton Dome: Stainless steel
Dome Retaining Disk: Thermoplastic
Pushbutton Housing: Thermoplastic
Phototransistor: Planar Silicon NPN
Infrared Emitter: Gallium aluminum arsenide
Pushbutton Contact: Brass, nickel-plated
Flex Cable: 28 AWG, stranded/top coated wire,
PVC coated on .050 or .100" centers (cabled
version)
Header Pins: Phospher bronze, tin-plated
Spacer: ABS
Backplate/Strain Relief: Stainless steel
Series
Style: A = 1/2" package, 5.0 Vdc Input, D = high torque w/5.0 Vdc input, V = 3.3 Vdc input
Angle of Throw:
Detent
Non-detent (Styles A&V only)
11 = 11.25° or 32 positions
01 = 11.25° or 32 positions
15 = 15° or 24 positions
05 = 15° or 24 positions
18= 18° or 20 positions
08= 18° or 20 positions
22 = 22.5° or 16 positions
02 = 22.5° or 16 positions
30 = 30° or 12 positions
03 = 30° or 12 positions
Pushbutton Option: 01 = w/o pushbutton, 02 = with pushbutton
62A22-01-040S
Termination: S = Stripped cable; .050" centers
SH = Stripped cable; .100" centers
C = Connector; .050" centers
CH = Connector; .100" centers
P = Pin; .100" centers
Cable Length: Cable Terminination: 040 = 4.0in. Cable is terminated with
Amp P/N 215083-6. See Amp Mateability Guide for Mating Connector details.
*Eliminate cable length if ordering pins. (Ex: 62A22-02-P).
ORDERING INFORMATION
These switches have Quadrature 2-bit code output and an optional shaft actuated pushbutton switch.
Available from your local Grayhill Component Distributor.
For prices and discounts, contact a local Sales Office, an authorized local Distributor, or Grayhill.
Custom materials, styles, colors, and markings are available. Control knobs available.
Encoder
9


Similar Part No. - 62D02-01-040P

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
62D02-01-040P GRAYHILL-62D02-01-040P Datasheet
5Mb / 33P
   Custom, Absolute
More results

Similar Description - 62D02-01-040P

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
62S GRAYHILL-62S Datasheet
484Kb / 2P
   Compact 1/2' Package
62N22-040S GRAYHILL-62N22-040S Datasheet
725Kb / 2P
   1/2 Package, non-turn, Dedicated Shaft
62HR45-H9-020S GRAYHILL-62HR45-H9-020S Datasheet
1Mb / 2P
   1/2 Package, Redundant Circuitry High Torque
logo
Analog Devices
ADG749 AD-ADG749_15 Datasheet
299Kb / 12P
   2:1 Mux/SPDT Switch in SC70 Package
REV. C
ADG859 AD-ADG859_15 Datasheet
393Kb / 16P
   Switch/2:1 MUX in SOT-66 Package
REV. A
logo
Texas Instruments
TPS62290 TI-TPS62290 Datasheet
755Kb / 23P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 SON Package
TPS62290 TI1-TPS62290_16 Datasheet
1Mb / 27P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 DRV Package
TPS62290 TI-TPS62290_08 Datasheet
986Kb / 24P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 SON Package
TPS62590DRVR TI-TPS62590DRVR Datasheet
583Kb / 24P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 QFN Package
TPS62290 TI-TPS62290_1 Datasheet
986Kb / 25P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 SON Package
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com