Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRMCK343TR Datasheet(PDF) 1 Page - International Rectifier

Part # IRMCK343TR
Description  Sensorless Motor Control IC for Appliances
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCK343TR Datasheet(HTML) 1 Page - International Rectifier

  IRMCK343TR Datasheet HTML 1Page - International Rectifier IRMCK343TR Datasheet HTML 2Page - International Rectifier IRMCK343TR Datasheet HTML 3Page - International Rectifier IRMCK343TR Datasheet HTML 4Page - International Rectifier IRMCK343TR Datasheet HTML 5Page - International Rectifier IRMCK343TR Datasheet HTML 6Page - International Rectifier IRMCK343TR Datasheet HTML 7Page - International Rectifier IRMCK343TR Datasheet HTML 8Page - International Rectifier IRMCK343TR Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
www.irf.com
© 2007 International Rectifier
.
Data Sheet No. PD60336
IRMCK343
Sensorless Motor Control IC for Appliances
Features
MCE
TM (Motion Control Engine) - Hardware based
computation engine for high efficiency sinusoidal
sensorless control of permanent magnet AC motor
Integrated Power Factor Correction control
Supports both interior and surface permanent
magnet motors
Built-in hardware peripheral for single shunt
current feedback reconstruction
No external current or voltage sensing operational
amplifier required
Three/two-phase Space Vector PWM
Three-channel analog output (PWM)
Embedded 8-bit high speed microcontroller (8051)
for flexible I/O and man-machine control
JTAG programming port for emulation/debugger
Serial communication interface (UART)
I
2C/SPI serial interface
Watchdog timer with independent analog clock
Three general purpose timers/counters
Two special timers: periodic timer, capture timer
Internal ‘One-Time Programmable’ (OTP) memory
and internal RAM for final production usage
Pin compatible with IRMCK343, RAM version
1.8V/3.3V CMOS
Product Summary
Maximum crystal frequency
60 MHz
Maximum internal clock (SYSCLK) frequency
128 MHz
Maximum 8051 clock frequency
33 MHz
Sensorless control computation time
11 μsec typ
MCE
TM computation data range
16 bit signed
8051 OTP Program memory
56K bytes
MCE program and Data RAM
8K bytes
GateKill latency (digital filtered)
2 μsec
PWM carrier frequency counter
16 bits/ SYSCLK
A/D input channels
5
A/D converter resolution
12 bits
A/D converter conversion speed
2 μsec
8051 instruction execution speed
2 SYSCLK
Analog output (PWM) resolution
8 bits
UART baud rate (typ)
57.6K bps
Number of I/O (max)
23
Package (lead-free)
QFP64
Operating temperature
-40°C ~ 85°C
Description
IRMCK343 is a high performance OTP based motion control IC designed primarily for appliance applications. IRMCK343 is
designed to achieve low cost and high performance control solutions for advanced inverterized appliance motor control.
IRMCK343 contains two computation engines. One is Motion Control Engine (MCE
TM) for sensorless control of permanent
magnet motors; the other is an 8-bit high-speed microcontroller (8051). Both computation engines are integrated into one
monolithic chip. The MCE
TM contains a collection of control elements such as Proportional plus Integral, Vector rotator, Angle
estimator, Multiply/Divide, Low loss SVPWM, Single Shunt IFB. The user can program a motion control algorithm by
connecting these control elements using a graphic compiler. Key components of the sensorless control algorithms, such as the
Angle Estimator, are provided as complete pre-defined control blocks implemented in hardware. A unique analog/digital circuit
and algorithm to fully support single shunt current reconstruction is also provided. The 8051 microcontroller performs 2-cycle
instruction execution (60MIPS at 120MHz). The MCE and 8051 microcontroller are connected via dual port RAM to process
signal monitoring and command input. An advanced graphic compiler for the MCE
TM is seamlessly integrated into the
MATLAB/Simulink environment, while third party JTAG based emulator tools are supported for 8051 developments.
IRMCK343 comes with a small QFP64 pin lead-free package.


Similar Part No. - IRMCK343TR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRMCK343 IRF-IRMCK343 Datasheet
659Kb / 35P
   Sensorless Motor Control IC
IRMCK343 IRF-IRMCK343_15 Datasheet
659Kb / 35P
   Sensorless Motor Control IC
More results

Similar Description - IRMCK343TR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRMCK341 IRF-IRMCK341 Datasheet
642Kb / 36P
   Sensorless Motor Control IC for Appliances
IRMCK371 IRF-IRMCK371 Datasheet
562Kb / 33P
   Sensorless Motor Control IC for Appliances
IRMCF371 IRF-IRMCF371_07 Datasheet
582Kb / 30P
   Sensorless Motor Control IC for Appliances
IRMCF341 IRF-IRMCF341_15 Datasheet
659Kb / 32P
   Sensorless Motor Control IC for Appliances
IRMCF343 IRF-IRMCF343_15 Datasheet
748Kb / 34P
   Sensorless Motor Control IC for Appliances
IRMCF371 IRF-IRMCF371_15 Datasheet
582Kb / 30P
   Sensorless Motor Control IC for Appliances
IRMCF371 IRF-IRMCF371 Datasheet
398Kb / 8P
   Sensorless Motor Control IC for Appliances
IRMCF343 IRF-IRMCF343 Datasheet
741Kb / 34P
   Sensorless Motor Control IC for Appliances
IRMCK311 IRF-IRMCK311 Datasheet
671Kb / 36P
   Dual Channel Sensorless Motor Control IC for Appliances
IRMCK312 IRF-IRMCK312 Datasheet
622Kb / 37P
   Dual Channel Sensorless Motor Control IC for Appliances
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com