Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32674D6225 Datasheet(PDF) 10 Page - EPCOS

Part # B32674D6225
Description  Film Capacitors Metallized Polyester Film Capacitors (MKT)
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32674D6225 Datasheet(HTML) 10 Page - EPCOS

Back Button B32674D6225 Datasheet HTML 6Page - EPCOS B32674D6225 Datasheet HTML 7Page - EPCOS B32674D6225 Datasheet HTML 8Page - EPCOS B32674D6225 Datasheet HTML 9Page - EPCOS B32674D6225 Datasheet HTML 10Page - EPCOS B32674D6225 Datasheet HTML 11Page - EPCOS B32674D6225 Datasheet HTML 12Page - EPCOS B32674D6225 Datasheet HTML 13Page - EPCOS B32674D6225 Datasheet HTML 14Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
Pulse handling capability
"dV/dt" represents the maximum permissible voltage change per unit of time for non-sinusoidal
voltages, expressed in V/
µs.
Note:
The values of dV/dt provided below must not be exceeded in order to avoid damaging the
capacitor.
dV/dt values
Lead spacing
27.5 mm
37.5 mm
52.5 mm
Type
B32674
B32676
B32678
VR (V DC)
300 450 630 750 875 300 450 630 750 875 300 450 630 750 875
CR (µF)
dV/dt in V/µs
0.47
150
0.68
125 150
1.0
100 125 150
1.5
75 100 125 150
2.2
40
75 100 125 150
3.0
40
150
3.3
40
75 100 125
100
4.0
125
100
4.7
40
75 100
85 100
5.0
40
75 100
5.6
40
75
85
6.0
75
6.8
75
73
85 100
7.5
75
73
100
8.0
8.2
54
73
9.0
85
10
54
73
85 100
12
73
85
14
73
15
22
54
73
60
70
20
22
54
50
60
22
22
25
22
54
50
30
22
35
35
22
35
40
15
35
47
15
60
15
B32674 ... B32678
MKP DC link
high power series
Page 10 of 32
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32674D6225

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32674D6225 EPCOS-B32674D6225 Datasheet
308Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
B32674D6225+000 EPCOS-B32674D6225+000 Datasheet
326Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
B32674D6225K EPCOS-B32674D6225K Datasheet
312Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
More results

Similar Description - B32674D6225

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32520 TDK-B32520 Datasheet
1Mb / 49P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32671L_672L EPCOS-B32671L_672L Datasheet
552Kb / 31P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32794_798 EPCOS-B32794_798 Datasheet
304Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32601L_602L EPCOS-B32601L_602L Datasheet
484Kb / 25P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32572 TDK-B32572 Datasheet
276Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32522C1225K EPCOS-B32522C1225K Datasheet
1Mb / 31P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32612_614 EPCOS-B32612_614 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32651_656 EPCOS-B32651_656 Datasheet
652Kb / 40P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32520_529 EPCOS-B32520_529 Datasheet
881Kb / 46P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32231 TDK-B32231 Datasheet
339Kb / 17P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32559C TDK-B32559C Datasheet
410Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com