Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRUH50P333B1M Datasheet(PDF) 1 Page - International Rectifier

Part # IRUH50P333B1M
Description  Ultra Low Dropout Fixed Positive Linear Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRUH50P333B1M Datasheet(HTML) 1 Page - International Rectifier

  IRUH50P333B1M Datasheet HTML 1Page - International Rectifier IRUH50P333B1M Datasheet HTML 2Page - International Rectifier IRUH50P333B1M Datasheet HTML 3Page - International Rectifier IRUH50P333B1M Datasheet HTML 4Page - International Rectifier IRUH50P333B1M Datasheet HTML 5Page - International Rectifier IRUH50P333B1M Datasheet HTML 6Page - International Rectifier IRUH50P333B1M Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Ultra Low Dropout
IRUH50P333B1M
Fixed Positive Linear Regulator
+5.0Vin to +3.3Vout at 3.0A
www.irf.com
1
Features:
n Total dose to 1.0 Mrad(Si) and low dose
capability to 500 Krad(Si) allows use in
space applications
n Single Event latchup Immune
LET = 84 MeV/(mg/cm2)
Fluency = 1 x 109 Ions/cm2
n Low noise, higher efficiency
n Ultra low dropout voltage of 0.4V@ 3A out
significantly reduces power consumption
n Remote shutdown permits power
sequencing to be easily implemented
n Hermetic MO-078AA (TO-258AA)
pack ensures higher reliability
n Space Level Screened
n This part is also available in 8- Lead Flat Pack
Package as IRUH50P333A1M
The IRUH50P333B1M is a space qualified, ultra low
dropout linear regulator designed specifically for space
applications. This product has been characterized to a total
ionizing dose of 1.0 Mrad(Si) per MIL-STD-883, Method
1019 at both high and low dose rates under biased and
unbiased conditions to account for ELDRS effects in bipolar
devices. The ultra low dropout voltage of 0.4V@ 3A makes
the part particularly useful for applications requiring low
noise and higher efficiency.
11/15/05
MO-078AA
Absolute Maximum Ratings
Parameter
Symbol
Value
Units
Output Current
IO
3.5
A
Input Voltage
VIN
7.0
V
Power Dissipation, TC = 25°C
PTOT
19
W
Thermal Resistance, Junction to Case
RTHJC
6.5
°C/W
Operating Temperature Range
TJ
-55 to +125
Storage Temperature Range
TS
-65 to +150
°C
Lead Temperature
TL
300
Product Summary
Part Number
Dropout
IO
Vin
Vout
IRUH50P333B1M
0.4V
3.0A
5.0V
3.3V
PD-97027


Similar Part No. - IRUH50P333B1M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRUH50P333A1M IRF-IRUH50P333A1M Datasheet
63Kb / 7P
   Ultra Low Dropout Fixed Positive Linear Regulator
More results

Similar Description - IRUH50P333B1M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRUH33P183A1M IRF-IRUH33P183A1M Datasheet
65Kb / 7P
   Ultra Low Dropout Positive Fixed Linear Regulator
IRUH50P253B1M IRF-IRUH50P253B1M Datasheet
63Kb / 7P
   Ultra Low Dropout Positive Fixed Linear Regulator
IRUH33P183B1M IRF-IRUH33P183B1M Datasheet
63Kb / 7P
   Ultra Low Dropout Positive Fixed Linear Regulator
IRUH50P333A1M IRF-IRUH50P333A1M Datasheet
63Kb / 7P
   Ultra Low Dropout Fixed Positive Linear Regulator
IRUH330118AK IRF-IRUH330118AK_12 Datasheet
167Kb / 9P
   Radiation Hardended Ultra Low Dropout Fixed Positive Linear Regulator
IRUH330118BK IRF-IRUH330118BK Datasheet
168Kb / 9P
   Radiation Hardended Ultra Low Dropout Fixed Positive Linear Regulator
IRUH330133BK IRF-IRUH330133BK Datasheet
169Kb / 9P
   Radiation Hardended Ultra Low Dropout Fixed Positive Linear Regulator
IRUH330125BK IRF-IRUH330125BK Datasheet
168Kb / 9P
   Radiation Hardended Ultra Low Dropout Fixed Positive Linear Regulator
IRUH50PA23B1M IRF-IRUH50PA23B1M Datasheet
108Kb / 7P
   Ultra Low Dropout Positive Adjustable Linear Regulator
IRUH33PA13B20 IRF-IRUH33PA13B20 Datasheet
108Kb / 7P
   Ultra Low Dropout Positive Adjustable Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com