Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32602L2684 Datasheet(PDF) 7 Page - EPCOS

Part # B32602L2684
Description  Film Capacitors Metallized Polyester Film Capacitors (MKT)
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32602L2684 Datasheet(HTML) 7 Page - EPCOS

Back Button B32602L2684 Datasheet HTML 3Page - EPCOS B32602L2684 Datasheet HTML 4Page - EPCOS B32602L2684 Datasheet HTML 5Page - EPCOS B32602L2684 Datasheet HTML 6Page - EPCOS B32602L2684 Datasheet HTML 7Page - EPCOS B32602L2684 Datasheet HTML 8Page - EPCOS B32602L2684 Datasheet HTML 9Page - EPCOS B32602L2684 Datasheet HTML 10Page - EPCOS B32602L2684 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Ordering codes and packing units (lead spacing 15 mm)
VRMS
f
≤1 kHz
V AC
VR
V DC
CR
nF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Ammo
pack
pcs./MOQ
Reel
pcs./
MOQ
Untaped
pcs./
MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further E series and intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Packaging code:
K =
±10%
J =
±5%
289 = Ammo pack
189 = Reel
000 = Untaped (lead length 6
1 mm)
600
1600
4.7
6.5
× 11.5 × 18.0 B32602L1472+*** 3400
4400
4000
5.6
6.5
× 11.5 × 18.0 B32602L1562+*** 3400
4400
4000
6.2
6.5
× 12.0 × 18.0 B32602L1622+*** 3400
4400
4000
6.8
6.5
× 12.5 × 18.0 B32602L1682+*** 3400
4400
4000
8.2
7.0
× 12.5 × 18.0 B32602L1822+*** 3200
4000
4000
10
7.0
× 13.5 × 18.0 B32602L1103+*** 3200
4000
4000
12
8.0
× 14.0 × 18.0 B32602L1123+*** 3200
4000
4000
15
8.5
× 14.5 × 18.0 B32602L1153+*** 2600
3400
4000
22
9.5
× 15.5 × 18.0 B32602L1223+*** 2400
3200
2000
33
12.0
× 17.0 × 18.0 B32602L1333+*** 1800
2400
2000
700
2000
1.0
6.5
× 12.0 × 18.0 B32602L8102+*** 3400
4400
4000
1.2
6.5
× 12.0 × 18.0 B32602L8122+*** 3400
4400
4000
1.5
6.5
× 12.0 × 18.0 B32602L8152+*** 3400
4400
4000
2.2
7.0
× 12.0 × 18.0 B32602L8222+*** 3200
4000
4000
2.7
7.0
× 12.0 × 18.0 B32602L8272+*** 3200
4000
4000
3.3
7.0
× 12.0 × 18.0 B32602L8332+*** 3200
4000
4000
3.9
7.0
× 12.0 × 18.0 B32602L8392+*** 3200
4000
4000
4.1
7.0
× 12.0 × 18.0 B32602L8412+*** 3200
4000
4000
4.7
7.0
× 12.0 × 18.0 B32602L8472+*** 3200
4000
4000
5.6
7.0
× 12.5 × 18.0 B32602L8562+*** 3200
4000
4000
6.2
7.0
× 13.0 × 18.0 B32602L8622+*** 3200
4000
4000
6.8
7.0
× 13.5 × 18.0 B32602L8682+*** 3200
4000
4000
8.2
7.5
× 14.0 × 18.0 B32602L8822+*** 3000
4000
4000
10
8.5
× 14.5 × 18.0 B32602L8103+*** 2600
3400
4000
12
9.0
× 15.0 × 18.0 B32602L8123+*** 2400
3200
4000
15
9.5
× 16.0 × 18.0 B32602L8153+*** 2400
3200
2000
22
11.5
× 17.0 × 18.0 B32602L8223+*** 2000
2600
2000
B32602L
High V AC (wound)
Page 7 of 25
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32602L2684

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32612 EPCOS-B32612 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32612A0103 EPCOS-B32612A0103 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32612A0104 EPCOS-B32612A0104 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32612A0153 EPCOS-B32612A0153 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32612A0223 EPCOS-B32612A0223 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
More results

Similar Description - B32602L2684

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32520 TDK-B32520 Datasheet
1Mb / 49P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32671L_672L EPCOS-B32671L_672L Datasheet
552Kb / 31P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32794_798 EPCOS-B32794_798 Datasheet
304Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32572 TDK-B32572 Datasheet
276Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32522C1225K EPCOS-B32522C1225K Datasheet
1Mb / 31P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32612_614 EPCOS-B32612_614 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32651_656 EPCOS-B32651_656 Datasheet
652Kb / 40P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32520_529 EPCOS-B32520_529 Datasheet
881Kb / 46P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32231 TDK-B32231 Datasheet
339Kb / 17P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32559C TDK-B32559C Datasheet
410Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com