Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL36411DRZ-TS Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL36411DRZ-TS
Description  Quad Lane Extender
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL36411DRZ-TS Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL36411DRZ-TS Datasheet HTML 4Page - Intersil Corporation ISL36411DRZ-TS Datasheet HTML 5Page - Intersil Corporation ISL36411DRZ-TS Datasheet HTML 6Page - Intersil Corporation ISL36411DRZ-TS Datasheet HTML 7Page - Intersil Corporation ISL36411DRZ-TS Datasheet HTML 8Page - Intersil Corporation ISL36411DRZ-TS Datasheet HTML 9Page - Intersil Corporation ISL36411DRZ-TS Datasheet HTML 10Page - Intersil Corporation ISL36411DRZ-TS Datasheet HTML 11Page - Intersil Corporation ISL36411DRZ-TS Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ISL36411
8
FN6965.1
March 25, 2010
ISL36411 CML Input and Output Buffers
The input and output buffers for the high-speed data
channels in the ISL36411 are implemented using CML
(shown in Figures 4 and 5).
LINE SILENCE/QUIESCENT MODE
Line silence is commonly broken by the limiting
amplification in other equalizers. This disruption can be
detrimental in many systems that rely on line silence as
part of the protocol. The ISL36411 contains special lane
management capabilities to detect and preserve periods
of line silence while still providing the fidelity-enhancing
benefits of limiting amplification during active data
transmission. Line silence is detected by measuring the
amplitude of the equalized signal and comparing that to
a threshold set by the voltage at the DT pin. When the
amplitude falls below the threshold, the output driver
stages are muted and held at their nominal common
mode voltage1.
LOS Bar Indicator
Pins LOSB[k] are used to output the state of the muting
circuitry to serve as a loss of signal indicator for channel
k. This signal is directly derived from the muting signal
off the DT-threshold signal detector output. The LOS
signal goes LOW when the power signal is below the DT
threshold and HIGH when the power goes above the DT
threshold. This feature is meant to be used in optical
systems (e.g. QSFP) where there are no quiescent or
electrical-idle states. In these cases, the DT threshold is
used to determine the sensitivity of the LOS indicator.
Detection Thereshold (DT) Pin Functionality
The ISL36411 is capable of maintaining periods of line
silence by monitoring the channel for loss of signal (LOS)
conditions and subsequently muting the output driver
when such a condition is detected. A reference voltage
applied to the detection threshold (DT) pins is used to set
the LOS threshold of the internal signal detection
circuitry (one pin for a pair of channels). The DT voltage
is set with an external pull-up resistor, RDT. For typical
applications, a 15kΩ resistor is recommended for
channels with loss greater than 12dB at 5GHz, and a
0.9kΩ resistor is recommended for lower loss channels.
Other values of the resistor may also be applicable;
therefore DT settings should be verified on an
application-specific basis.
PCB Layout Considerations
Because of the high speed of the ISL36411 signals,
careful PCB layout is critical to maximize performance.
The following guidelines should be adhered to as closely
as possible:
• All high speed differential pair traces should have a
characteristic impedance of 50Ω with respect to
ground plane and 100Ω with respect to each other.
• Avoid using vias for high speed traces as this will
create discontinuity in the traces’ characteristic
impedance.
• Input and output traces need to have DC blocking
capacitors (100nF). Capacitors should be placed as
close to the chip as possible.
• For each differential pair, the positive trace and the
negative trace need to be of the same length in order
to avoid intra-pair skew. A Serpentine technique may
be used to match trace lengths.
• Maintain a constant solid ground plane underneath
the high-speed differential traces.
• Each VDD pin should be connected to 1.2V and also
bypassed to ground through a 10nF and a 100pF
capacitor in parallel. Minimize the trace length and
avoid vias between the VDD pin and the bypass
capacitors in order to maximize the power supply
noise rejection.
• If 4 channels of the device are set to the same boost,
then the quantity of CP resistors can be reduced by
tying both CP pins together.
FIGURE 4. CML INPUT EQUIVALENT CIRCUIT
FIGURE 5. CML OUTPUT EQUIVALENT CIRCUIT
1. The output common mode voltage remains constant during both active data transmission and output muting modes
IN[P]
IN[N]
1
st Filter
Stage
VDD
50O
50O
Ω
Ω


Similar Part No. - ISL36411DRZ-TS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL36411DRZ-TS RENESAS-ISL36411DRZ-TS Datasheet
640Kb / 12P
   Quad Lane Extender
More results

Similar Description - ISL36411DRZ-TS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
QLX4600-SL30 INTERSIL-QLX4600-SL30 Datasheet
1,011Kb / 23P
   Quad Lane Extender
QLX4300-S45 INTERSIL-QLX4300-S45 Datasheet
2Mb / 21P
   Quad Lane Extender
QLX4600-S30 INTERSIL-QLX4600-S30 Datasheet
1Mb / 23P
   Quad Lane Extender
logo
Renesas Technology Corp
QLX4600-SL30 RENESAS-QLX4600-SL30 Datasheet
1Mb / 23P
   Quad Lane Extender
QLX4600-S30 RENESAS-QLX4600-S30 Datasheet
1Mb / 23P
   Quad Lane Extender
ISL36411 RENESAS-ISL36411 Datasheet
640Kb / 12P
   Quad Lane Extender
logo
Intersil Corporation
QLX411GRX INTERSIL-QLX411GRX Datasheet
382Kb / 11P
   Quad Lane Extender
logo
Renesas Technology Corp
QLX4300-S45 RENESAS-QLX4300-S45 Datasheet
2Mb / 21P
   Quad Lane Extender
QLX4270-DP RENESAS-QLX4270-DP Datasheet
390Kb / 7P
   DisplayPort Lane Extender
logo
Intersil Corporation
QLX4270-DP INTERSIL-QLX4270-DP Datasheet
184Kb / 7P
   DisplayPort Lane Extender
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com