Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL95870AIRUZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL95870AIRUZ
Description  PWM DC/DC Controller with VID Inputs for Portable GPU Core-Voltage Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL95870AIRUZ Datasheet(HTML) 1 Page - Intersil Corporation

  ISL95870AIRUZ Datasheet HTML 1Page - Intersil Corporation ISL95870AIRUZ Datasheet HTML 2Page - Intersil Corporation ISL95870AIRUZ Datasheet HTML 3Page - Intersil Corporation ISL95870AIRUZ Datasheet HTML 4Page - Intersil Corporation ISL95870AIRUZ Datasheet HTML 5Page - Intersil Corporation ISL95870AIRUZ Datasheet HTML 6Page - Intersil Corporation ISL95870AIRUZ Datasheet HTML 7Page - Intersil Corporation ISL95870AIRUZ Datasheet HTML 8Page - Intersil Corporation ISL95870AIRUZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
1
PWM DC/DC Controller with VID Inputs for
Portable GPU Core-Voltage Regulator
ISL95870, ISL95870A, ISL95870B
The ISL95870, ISL95870A, ISL95870B ICs are
Single-Phase Synchronous-Buck PWM regulators
featuring Intersil’s proprietary R4 Technology™. The wide
3.3V to 25V input voltage range is ideal for systems that
run on battery or AC-adapter power sources. The
ISL95870A and ISL95870B are low-cost solutions for
applications requiring dynamically selected slew-rate
controlled output voltages. The soft-start and dynamic
setpoint slew-rates are capacitor programmed. Voltage
identification logic-inputs select four (ISL95870A,
ISL95870B) resistor-programmed setpoint reference
voltages that directly set the output voltage of the
converter between 0.5V and 1.5V, and up to 5V with a
feedback voltage divider.
Compared with R3 modulator, the R4 modulator has
equivalent light-load efficiency, faster transient
performance, accurately regulated frequency control and
all internal compensation. These updates, together with
integrated MOSFET drivers and schottky bootstrap diode,
allow for a high-performance regulator that is highly
compact and needs few external components. The
differential remote sensing for output voltage and
selectable switching frequency are another two new
functions. For maximum efficiency, the converter
automatically enters diode-emulation mode (DEM)
during light-load conditions such as system standby.
Features
• Input Voltage Range: 3.3V to 25V
• Output Voltage Range: 0.5V to 5V
• Precision Regulation
- Proprietary R4™ Frequency Control Loop
- ±0.5% System Accuracy Over -10°C to +100°C
• Optimal Transient Response
- Intersil’s R4™ Modulator Technology
• Output Remote Sense
• Extremely Flexible Output Voltage Programmability
- 2-Bit VID Selects Four Independent Setpoint
Voltages for ISL95870B
- 2-Bit VID Selects Four Dependent or Three
Independent Setpoint Voltages for ISL95870A
- Simple Resistor Programming of Setpoint Voltages
• Selectable 300kHz, 500kHz, 600kHz or 1MHz PWM
Frequency in Continuous Conduction
• Automatic Diode Emulation Mode for Highest Efficiency
• Power-Good Monitor for Soft-Start and Fault Detection
Applications*(see page 26)
• Mobile PC Graphical Processing Unit VCC Rail
• Mobile PC I/O Controller Hub (ICH) VCC Rail
• Mobile PC Memory Controller Hub (GMCH) VCC Rail
FIGURE 1. ISL95870 APPLICATION SCHEMATIC WITH ONE OUTPUT VOLTAGE SETPOINT AND DCR CURRENT SENSE
RTN
GND
SREF
EN
CBOOT
L
O
CSEN
QHS
QLS
3.3V TO 25V
0.5V TO 5V
RO
CO
CIN
VIN
VOUT
CVCC
CPVCC
GPIO
11
UGATE
BOOT
2
1
12
9
PGOOD
PHASE
4
3
10
+5V
RVCC
RTN1
RFB
ROFS
RFB1
RTN1
0
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2009. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
December 22, 2009
FN6899.0


Similar Part No. - ISL95870AIRUZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL95870AIRUZ-T RENESAS-ISL95870AIRUZ-T Datasheet
1Mb / 28P
   PWM DC/DC Controller with VID Inputs for Portable GPU Core-Voltage Regulator
More results

Similar Description - ISL95870AIRUZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL62873 INTERSIL-ISL62873 Datasheet
534Kb / 17P
   PWM DC/DC Controller with VID Inputs for Portable GPU Core-Voltage Regulator
logo
Renesas Technology Corp
ISL62871 RENESAS-ISL62871 Datasheet
1Mb / 25P
   PWM DC/DC Controller With VID Inputs For Portable GPU Core-Voltage Regulator
logo
Intersil Corporation
ISL62875 INTERSIL-ISL62875 Datasheet
695Kb / 22P
   PWM DC/DC Controller with VID Inputs for Portable GPU Core-Voltage Regulator
logo
Renesas Technology Corp
ISL62873 RENESAS-ISL62873 Datasheet
919Kb / 17P
   PWM DC/DC Controller with VID Inputs for Portable GPU Core-Voltage Regulator
ISL62875 RENESAS-ISL62875 Datasheet
1Mb / 22P
   PWM DC/DC Controller with VID Inputs for Portable GPU Core-Voltage Regulator
logo
Intersil Corporation
ISL95874 INTERSIL-ISL95874 Datasheet
854Kb / 29P
   PWM DC/DC Controller with VID Inputs for Portable GPU Core-Voltage Regulator
ISL62871 INTERSIL-ISL62871 Datasheet
771Kb / 25P
   PWM DC/DC Controller With VID Inputs For Portable GPU Core-Voltage Regulator
logo
Renesas Technology Corp
ISL95870 RENESAS-ISL95870 Datasheet
1Mb / 28P
   PWM DC/DC Controller with VID Inputs for Portable GPU Core-Voltage Regulator
ISL95874 RENESAS-ISL95874 Datasheet
1Mb / 29P
   PWM DC/DC Controllers with VID Inputs for Portable GPU Core-Voltage Regulator
logo
Altera Corporation
EC7100VQI ALTERA-EC7100VQI Datasheet
1,004Kb / 21P
   PWM DC/DC Controller with VS Inputs for FPGA Power Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com