Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32621A4223 Datasheet(PDF) 4 Page - EPCOS

Part # B32621A4223
Description  Film Capacitors Metallized Polyester Film Capacitors (MKT)
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32621A4223 Datasheet(HTML) 4 Page - EPCOS

  B32621A4223 Datasheet HTML 1Page - EPCOS B32621A4223 Datasheet HTML 2Page - EPCOS B32621A4223 Datasheet HTML 3Page - EPCOS B32621A4223 Datasheet HTML 4Page - EPCOS B32621A4223 Datasheet HTML 5Page - EPCOS B32621A4223 Datasheet HTML 6Page - EPCOS B32621A4223 Datasheet HTML 7Page - EPCOS B32621A4223 Datasheet HTML 8Page - EPCOS B32621A4223 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Ordering codes and packing units (lead spacing 7.5 mm)
VR
V DC
VRMS
f
≤1 kHz
V AC
CR
nF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Ammo
pack
pcs./MOQ
Reel
pcs./
MOQ
Untaped
pcs./
MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further E series and intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Packaging code:
K =
±10%
J =
±5%
289 = Ammo pack
189 = Reel
000 = Untaped (lead length 6
1 mm)
160
90
33
4.0
× 8.5 × 10.0
B32620A5333+*** 8000
7200
6000
47
4.0
× 8.5 × 10.0
B32620A5473+*** 8000
7200
6000
68
5.0
× 10.5 × 10.0
B32620A5683+*** 6400
5600
4000
100
5.0
× 10.5 × 10.0
B32620A5104+*** 6400
5600
4000
150
6.0
× 12.0 × 10.3
B32620A5154+*** 5200
4400
3000
250
140
22
4.0
× 8.5 × 10.0
B32620A3223+*** 8000
7200
6000
33
4.0
× 8.5 × 10.0
B32620A3333+*** 8000
7200
6000
47
5.0
× 10.5 × 10.0
B32620A3473+*** 6400
5600
4000
68
5.0
× 10.5 × 10.0
B32620A3683+*** 6400
5600
4000
100
6.0
× 12.0 × 10.3
B32620A3104+*** 5200
4400
3000
400
200
6.8
4.0
× 8.5 × 10.0
B32620A4682+*** 8000
7200
6000
10
4.0
× 8.5 × 10.0
B32620A4103+*** 8000
7200
6000
15
5.0
× 10.5 × 10.0
B32620A4153+*** 6400
5600
4000
22
5.0
× 10.5 × 10.0
B32620A4223+*** 6400
5600
4000
33
6.0
× 12.0 × 10.3
B32620A4333+*** 5200
4400
3000
630
400
1.5
4.0
× 8.5 × 10.0
B32620A6152+*** 8000
7200
6000
2.2
4.0
× 8.5 × 10.0
B32620A6222+*** 8000
7200
6000
3.3
4.0
× 8.5 × 10.0
B32620A6332+*** 8000
7200
6000
4.7
4.0
× 8.5 × 10.0
B32620A6472+*** 8000
7200
6000
6.8
5.0
× 10.5 × 10.0
B32620A6682+*** 6400
5600
4000
10
5.0
× 10.5 × 10.0
B32620A6103+*** 6400
5600
4000
15
6.0
× 12.0 × 10.3
B32620A6153+*** 5200
4400
3000
1000
500
1.5
4.0
× 8.5 × 10.0
B32620A0152+*** 8000
7200
6000
2.2
4.0
× 8.5 × 10.0
B32620A0222+*** 8000
7200
6000
3.3
5.0
× 10.5 × 10.0
B32620A0332+*** 6400
5600
4000
4.7
5.0
× 10.5 × 10.0
B32620A0472+*** 6400
5600
4000
6.8
6.0
× 12.0 × 10.3
B32620A0682+*** 5200
4400
3000
B32620
High pulse (stacked)
Page 4 of 30
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32621A4223

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32621A6223J EPCOS-B32621A6223J Datasheet
525Kb / 30P
   Metallized Polypropylene Film Capacitors (MKP)
More results

Similar Description - B32621A4223

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32520 TDK-B32520 Datasheet
1Mb / 49P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32671L_672L EPCOS-B32671L_672L Datasheet
552Kb / 31P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32794_798 EPCOS-B32794_798 Datasheet
304Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32601L_602L EPCOS-B32601L_602L Datasheet
484Kb / 25P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32572 TDK-B32572 Datasheet
276Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32522C1225K EPCOS-B32522C1225K Datasheet
1Mb / 31P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32612_614 EPCOS-B32612_614 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32651_656 EPCOS-B32651_656 Datasheet
652Kb / 40P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32520_529 EPCOS-B32520_529 Datasheet
881Kb / 46P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32231 TDK-B32231 Datasheet
339Kb / 17P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32559C TDK-B32559C Datasheet
410Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com