Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6236 Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL6236
Description  High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6236 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL6236 Datasheet HTML 6Page - Intersil Corporation ISL6236 Datasheet HTML 7Page - Intersil Corporation ISL6236 Datasheet HTML 8Page - Intersil Corporation ISL6236 Datasheet HTML 9Page - Intersil Corporation ISL6236 Datasheet HTML 10Page - Intersil Corporation ISL6236 Datasheet HTML 11Page - Intersil Corporation ISL6236 Datasheet HTML 12Page - Intersil Corporation ISL6236 Datasheet HTML 13Page - Intersil Corporation ISL6236 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
10
FN6373.2
February 1, 2007
FIGURE 9. VOUT2 = 1.05V POWER DISSIPATION vs LOAD
(300kHz)
FIGURE 10. VOUT1 = 1.5V POWER DISSIPATION vs LOAD
(200kHz)
FIGURE 11. VOUT2 = 3.3V POWER DISSIPATION vs LOAD
(500kHz)
FIGURE 12. VOUT1 = 5V POWER DISSIPATION vs LOAD
(400kHz)
FIGURE 13. VOUT2 = 1.05V OUTPUT VOLTAGE REGULATION
vs VIN (PWM MODE)
FIGURE 14. VOUT2 = 1.05V OUTPUT VOLTAGE REGULATION
vs VIN (SKIP MODE)
Typical Performance Curves
Circuit of Figure 66, Figure 67, and Figure 68, no load on LDO, OUT1, OUT2, VREF3, and REF,
VIN = 12V, EN2=EN1=VCC, VBYP = 5V, PVCC = 5V, VEN LDO =5V, TA = -40°C to +100°C,
unless otherwise noted. Typical values are at TA = +25°C. (Continued)
0.0
0.5
1.0
1.5
2.0
2.5
0.001
0.010
0.100
1.000
10.000
OUTPUT LOAD (A)
7 VIN SKIP MODE
7 VIN PWM MODE
7 VIN ULTRA SKIP MODE
12 VIN SKIP MODE
12 VIN PWM MODE
25 VIN SKIP MODE
25 VIN PWM MODE
25 VIN ULTRA SKIP MODE
12 VIN ULTRA SKIP MODE
0.0
0.5
1.0
1.5
2.0
2.5
0.001
0.010
0.100
1.000
10.000
OUTPUT LOAD (A)
7 VIN SKIP MODE
7 VIN PWM MODE
7 VIN ULTRA SKIP MODE
12 VIN SKIP MODE
12 VIN PWM MODE
25 VIN SKIP MODE
25 VIN PWM MODE
25 VIN ULTRA SKIP MODE
12 VIN ULTRA SKIP MODE
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0.001
0.010
0.100
1.000
10.000
OUTPUT LOAD (A)
7 VIN SKIP MODE
7 VIN PWM MODE
7 VIN ULTRA SKIP MODE
12 VIN SKIP MODE
12 VIN PWM MODE
25 VIN SKIP MODE
25 VIN PWM MODE
25 VIN ULTRA SKIP MODE
12 VIN ULTRA SKIP MODE
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0.001
0.010
0.100
1.000
10.000
OUTPUT LOAD (A)
7 VIN SKIP MODE
7 VIN PWM MODE
7 VIN ULTRA SKIP MODE
12 VIN SKIP MODE
12 VIN PWM MODE
25 VIN SKIP MODE
25 VIN PWM MODE
25 VIN ULTRA SKIP MODE
12 VIN ULTRA SKIP MODE
1.048
1.050
1.052
1.054
1.056
1.058
1.060
1.062
1.064
5
7
9
11
1315
17
1921
23
25
INPUT VOLTAGE (V)
MID LOAD PWM
MAX LOAD PWM
NO LOAD PWM
1.048
1.050
1.052
1.054
1.056
1.058
1.060
1.062
1.064
1.066
1.068
5
7
9
11
131517
1921
23
25
INPUT VOLTAGE (V)
NO LOAD PWM
MID LOAD PWM
MAX LOAD PWM
MAX LOAD PWM
ISL6236


Similar Part No. - ISL6236

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6236 RENESAS-ISL6236 Datasheet
3Mb / 36P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Intersil Corporation
ISL6236A INTERSIL-ISL6236A Datasheet
3Mb / 37P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Renesas Technology Corp
ISL6236A RENESAS-ISL6236A Datasheet
3Mb / 37P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Intersil Corporation
ISL6236AIRZ INTERSIL-ISL6236AIRZ Datasheet
3Mb / 37P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Renesas Technology Corp
ISL6236AIRZ RENESAS-ISL6236AIRZ Datasheet
3Mb / 37P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
More results

Similar Description - ISL6236

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17003 MAXIM-MAX17003 Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
19-0765; Rev 0; 3/07
MAX17003ETJ MAXIM-MAX17003ETJ Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 3/07
logo
Intersil Corporation
ISL6236A INTERSIL-ISL6236A Datasheet
3Mb / 37P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003A MAXIM-MAX17003A Datasheet
617Kb / 36P
   High-Efficiency, Quad-Output, Main Power- Supply Controllers for Notebook Computers
Rev 0; 6/07
MAX8732A MAXIM-MAX8732A Datasheet
1Mb / 33P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 5/05
MAX8732 MAXIM-MAX8732 Datasheet
1Mb / 32P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 8/04
logo
Renesas Technology Corp
ISL6236A RENESAS-ISL6236A Datasheet
3Mb / 37P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
ISL6236 RENESAS-ISL6236 Datasheet
3Mb / 36P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Intersil Corporation
ISL6237 INTERSIL-ISL6237 Datasheet
2Mb / 35P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Maxim Integrated Produc...
MAX8744A MAXIM-MAX8744A Datasheet
607Kb / 36P
   High-Efficiency, Quad Output, Main Power- Supply Controllers for Notebook Computers
Rev 0; 6/07
logo
Renesas Technology Corp
ISL6237 RENESAS-ISL6237 Datasheet
3Mb / 35P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com