Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6236AIRZ-T Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL6236AIRZ-T
Description  High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6236AIRZ-T Datasheet(HTML) 1 Page - Intersil Corporation

  ISL6236AIRZ-T Datasheet HTML 1Page - Intersil Corporation ISL6236AIRZ-T Datasheet HTML 2Page - Intersil Corporation ISL6236AIRZ-T Datasheet HTML 3Page - Intersil Corporation ISL6236AIRZ-T Datasheet HTML 4Page - Intersil Corporation ISL6236AIRZ-T Datasheet HTML 5Page - Intersil Corporation ISL6236AIRZ-T Datasheet HTML 6Page - Intersil Corporation ISL6236AIRZ-T Datasheet HTML 7Page - Intersil Corporation ISL6236AIRZ-T Datasheet HTML 8Page - Intersil Corporation ISL6236AIRZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
1
®
FN6453.0
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2007. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
ISL6236A
High-Efficiency, Quad-Output, Main Power
Supply Controllers for Notebook
Computers
The ISL6236A dual step-down, switch-mode power-supply
(SMPS) controller generates logic-supply voltages in
battery-powered systems. The ISL6236A includes two
pulse-width modulation (PWM) controllers, 5V/3.3V and
1.5V/1.05V. The output of SMPS1 can also be adjusted from
0.7V to 5.5V. The SMPS2 output can be adjusted from 0V to
2.5V by setting REFIN2 voltage. An optional external charge
pump can be monitored through SECFB. This device features
a linear regulator providing 3.3V/5V, or adjustable from 0.7V to
4.5V output via LDOREFIN. The linear regulator provides up
to 100mA output current with automatic linear-regulator
bootstrapping to the BYP input. When in switchover, the LDO
output can source up to 200mA. The ISL6236A includes
on-board power-up sequencing, the power-good (POK )
outputs, digital soft-start, and internal soft-stop output
discharge that prevents negative voltages on shutdown.
A constant on-time PWM control scheme operates without
sense resistors and provides 100ns response to load
transients while maintaining a relatively constant switching
frequency. The unique ultrasonic pulse-skipping mode
maintains the switching frequency above 25kHz, which
eliminates noise in audio applications. Other features include
pulse skipping, which maximizes efficiency in light-load
applications, and fixed-frequency PWM mode, which reduces
RF interference in sensitive applications.
Features
• Wide Input Voltage Range 4.5V to 25V
• Dual Fixed 1.05V/3.3V and 1.5V/5.0V Outputs or
Adjustable 0.7V to 5.5V (SMPS1) and 0V to 2.5V
(SMPS2), ±1.5% Accuracy
• Secondary Feedback Input (Maintains Charge Pump
Voltage)
• 1.7ms Digital Soft-Start and Independent Shutdown
• Fixed 3.3V/5.0V, or Adjustable Output 0.7V to 4.5V,
±1.5% (LDO): 200mA
• 3.3V Reference Voltage ±2.0%: 5mA
• 2.0V Reference Voltage ±1.0%: 50µA
• Constant ON-TIME Control with 100ns Load-Step
Response
• Frequency Selectable
•rDS(ON) Current Sensing
• Programmable Current Limit with Foldback Capability
• Selectable PWM, Skip or Ultrasonic Mode
• BOOT Voltage Monitor with Automatic Refresh
• Independent POK1 and POK2 Comparators
• Soft-Start with Pre-Biased Output and Soft-Stop
• Independent ENABLE
• High Efficiency - up to 97%
• Very High Light Load Efficiency (Skip Mode)
• 5mW Quiescent Power Dissipation
• Thermal Shutdown
• Extremely Low Component Count
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• Notebook and Sub-Notebook Computers
• PDAs and Mobile Communication Devices
• 3-Cell and 4-Cell Li+ Battery-Powered Devices
• DDR1, DDR2, and DDR3 Power Supplies
• Graphic Cards
• Game Consoles
• Telecommunications
Ordering Information
PART
NUMBER
PART
MARKING
TEMP
RANGE
(°C)
PACKAGE
PKG.
DWG. #
ISL6236AIRZ
(Note)
ISL6236 AIRZ -40 to +100 32 Ld 5x5 QFN
(Pb-free)
L32.5x5B
ISL6236AIRZ-T
(Note)
ISL6236 AIRZ -40 to +100 32 Ld 5x5 QFN
(Pb-free)
(Tape and Reel)
L32.5x5B
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which are RoHS compliant and compatible with both
SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the
Pb-free requirements of IPC/JEDEC J STD-020.
Data Sheet
March 14, 2007


Similar Part No. - ISL6236AIRZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6236AIRZ-T RENESAS-ISL6236AIRZ-T Datasheet
3Mb / 37P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
More results

Similar Description - ISL6236AIRZ-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17003 MAXIM-MAX17003 Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
19-0765; Rev 0; 3/07
MAX17003ETJ MAXIM-MAX17003ETJ Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 3/07
MAX17003A MAXIM-MAX17003A Datasheet
617Kb / 36P
   High-Efficiency, Quad-Output, Main Power- Supply Controllers for Notebook Computers
Rev 0; 6/07
MAX8732A MAXIM-MAX8732A Datasheet
1Mb / 33P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 5/05
MAX8732 MAXIM-MAX8732 Datasheet
1Mb / 32P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 8/04
logo
Renesas Technology Corp
ISL6236A RENESAS-ISL6236A Datasheet
3Mb / 37P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
ISL6236 RENESAS-ISL6236 Datasheet
3Mb / 36P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Intersil Corporation
ISL6237 INTERSIL-ISL6237 Datasheet
2Mb / 35P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Maxim Integrated Produc...
MAX8744A MAXIM-MAX8744A Datasheet
607Kb / 36P
   High-Efficiency, Quad Output, Main Power- Supply Controllers for Notebook Computers
Rev 0; 6/07
logo
Renesas Technology Corp
ISL6237 RENESAS-ISL6237 Datasheet
3Mb / 35P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com