Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6237IRZ-T Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL6237IRZ-T
Description  High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6237IRZ-T Datasheet(HTML) 5 Page - Intersil Corporation

  ISL6237IRZ-T Datasheet HTML 1Page - Intersil Corporation ISL6237IRZ-T Datasheet HTML 2Page - Intersil Corporation ISL6237IRZ-T Datasheet HTML 3Page - Intersil Corporation ISL6237IRZ-T Datasheet HTML 4Page - Intersil Corporation ISL6237IRZ-T Datasheet HTML 5Page - Intersil Corporation ISL6237IRZ-T Datasheet HTML 6Page - Intersil Corporation ISL6237IRZ-T Datasheet HTML 7Page - Intersil Corporation ISL6237IRZ-T Datasheet HTML 8Page - Intersil Corporation ISL6237IRZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
5
FN6418.4
March 18, 2008
LDO Short-Circuit Current
LDO = GND, BYP = GND
200
400
mA
Undervoltage-Lockout Fault Threshold
Rising edge of PVCC
4.35
4.5
V
Falling edge of PVCC
3.9
4.05
V
LDO 5V Bootstrap Switch Threshold to BYP
Rising edge at BYP regulation point
LDOREFIN = GND
4.53
4.68
4.83
V
LDO 3.3V Bootstrap Switch Threshold to
BYP
Rising edge at BYP regulation point
LDOREFIN = VCC
3.0
3.1
3.2
V
LDO 5V Bootstrap Switch Equivalent
Resistance
LDO to BYP, BYP = 5V, LDOREFIN > (VCC - 1V) (Note 3)
0.7
1.5
Ω
LDO 3.3V Bootstrap Switch Equivalent
Resistance
LDO to BYP, BYP = 3.3V, LDOREFIN < 0.3V (Note 3)
1.5
3.0
Ω
REF Output Voltage
No external load
1.980
2.000
2.020
V
REF Load Regulation
0 < ILOAD < 50µA
10
mV
REF Sink Current
REF in regulation
10
µA
VIN Operating Supply Current
Both SMPSs on, FB1 = SKIP = GND, REFIN2 = VCC
VOUT1 = BYP = 5.3V, VOUT2 = 3.5V
25
50
µA
VIN Standby Supply Current
VIN = 5.5V to 25V, both SMPSs off, EN_LDO = VCC
180
250
µA
VIN Shutdown Supply Current
VIN = 4.5V to 25V, EN1 = EN2 = EN_LDO = 0V
20
30
µA
Quiescent Power Consumption
Both SMPSs on, FB1 = SKIP = GND, REFIN2 = VCC,
VOUT1 = BYP = 5.3V, VOUT2 = 3.5V
57
mW
FAULT DETECTION
Overvoltage Trip Threshold
FB1 with respect to nominal regulation point
+8
+11
+14
%
REFIN2 with respect to nominal regulation point
+12
+16
+20
%
Overvoltage Fault Propagation Delay
FB1 or REFIN2 delay with 50mV overdrive
10
µs
POK_ Threshold
FB1 or REFIN2 with respect to nominal output, falling
edge, typical hysteresis = 1%
-12
-9
-6
%
POK_ Propagation Delay
Falling edge, 50mV overdrive
10
µs
POK_ Output Low Voltage
ISINK = 4mA
0.2
V
POK_ Leakage Current
High state, forced to 5.5V
1
µA
Thermal-Shutdown Threshold
+150
°C
Output Undervoltage Shutdown Threshold
FB1 or REFIN2 with respect to nominal output voltage
65
70
75
%
Output Undervoltage Shutdown Blanking
Time
From EN_ signal
10
20
30
ms
INPUTS AND OUTPUTS
FB1 Input Voltage
Low level
0.3
V
High level
VCC - 1.0
V
REFIN2 Input Voltage
OUT2 Dynamic Range, VOUT2 =VREFIN2
0.5
2.50
V
Fixed OUT2 = 1.05V
3.0
VCC - 1.1
V
Fixed OUT2 = 3.3V
VCC - 1.0
V
LDOREFIN Input Voltage
Fixed LDO = 5V
0.30
V
LDO Dynamic Range, VLDO =2x VLDOREFIN
0.35
2.25
V
Fixed LDO = 3.3V
VCC - 1.0
V
Electrical Specifications
No load on LDO, OUT1, OUT2, and REF, VIN = 12V, EN2 = EN1 = VCC, VBYP = 5V, PVCC = 5V,
VEN_LDO =5V, TA = -40°C to +100°C, unless otherwise noted. Typical values are at TA = +25°C. (Continued)
PARAMETER
CONDITIONS
MIN
(Note 4)
TYP
MAX
(Note 4)
UNITS
ISL6237


Similar Part No. - ISL6237IRZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6237IRZ-T INTERSIL-ISL6237IRZ-T Datasheet
259Kb / 6P
   PCN13024 ??ASECL Reliability Qualification Summary
logo
Renesas Technology Corp
ISL6237IRZ-T RENESAS-ISL6237IRZ-T Datasheet
3Mb / 35P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
More results

Similar Description - ISL6237IRZ-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17003 MAXIM-MAX17003 Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
19-0765; Rev 0; 3/07
MAX17003ETJ MAXIM-MAX17003ETJ Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 3/07
logo
Intersil Corporation
ISL6236A INTERSIL-ISL6236A Datasheet
3Mb / 37P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003A MAXIM-MAX17003A Datasheet
617Kb / 36P
   High-Efficiency, Quad-Output, Main Power- Supply Controllers for Notebook Computers
Rev 0; 6/07
MAX8732A MAXIM-MAX8732A Datasheet
1Mb / 33P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 5/05
MAX8732 MAXIM-MAX8732 Datasheet
1Mb / 32P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 8/04
logo
Renesas Technology Corp
ISL6236A RENESAS-ISL6236A Datasheet
3Mb / 37P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
ISL6236 RENESAS-ISL6236 Datasheet
3Mb / 36P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Maxim Integrated Produc...
MAX8744A MAXIM-MAX8744A Datasheet
607Kb / 36P
   High-Efficiency, Quad Output, Main Power- Supply Controllers for Notebook Computers
Rev 0; 6/07
logo
Renesas Technology Corp
ISL6237 RENESAS-ISL6237 Datasheet
3Mb / 35P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com