Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9440B Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL9440B
Description  Triple Step-Down PWM and Single Linear Controller with Programmable Soft-Start
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9440B Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL9440B Datasheet HTML 3Page - Intersil Corporation ISL9440B Datasheet HTML 4Page - Intersil Corporation ISL9440B Datasheet HTML 5Page - Intersil Corporation ISL9440B Datasheet HTML 6Page - Intersil Corporation ISL9440B Datasheet HTML 7Page - Intersil Corporation ISL9440B Datasheet HTML 8Page - Intersil Corporation ISL9440B Datasheet HTML 9Page - Intersil Corporation ISL9440B Datasheet HTML 10Page - Intersil Corporation ISL9440B Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
FN6799.0
January 15, 2009
Maximum Duty Cycle (ISL9440C)
86
%
Minimum Duty Cycle (ISL9440C)
6%
FB Bias Current (Note 6)
50
nA
Peak-to-Peak Sawtooth Amplitude (Note 6)
VIN = 12V
1.6
V
VIN = 5.5V
0.667
V
Ramp Offset
1
V
PWM GATE DRIVER CHANNEL 1, 2 (UGATE1, 2; LGATE 1, 2) (Note 6)
Source Current
800
mA
Sink Current
2000
mA
Upper Drive Pull-Up
VCC_5V = 5.0V
4
8
Ω
Upper Drive Pull-Down
VCC_5V = 5.0V
1.6
3
Ω
Lower Drive Pull-Up
VCC_5V = 5.0V
4
8
Ω
Lower Drive Pull-Down
VCC_5V = 5.0V
0.9
2
Ω
Rise Time
COUT = 1000pF
18
ns
Fall Time
COUT = 1000pF
18
ns
PWM GATE DRIVER CHANNEL 3 (UGATE3; LGATE 3) (Note 6)
Sink/Source Current
400
mA
Upper Drive Pull-Up
VCC_5V = 5.0V
8.0
12
Ω
Upper Drive Pull-Down
VCC_5V = 5.0V
3.2
6.0
Ω
Lower Drive Pull-Up
VCC_5V = 5.0V
8
12
Ω
Lower Drive Pull-Down
VCC_5V = 5.0V
1.8
3.5
Ω
Rise Time
COUT = 1000pF
18
ns
Fall Time
COUT = 1000pF
18
ns
LOW DROP OUT CONTROLLER
Drive Sink Current
LDOFB = 0.76V
50
mA
FB Threshold Voltage
IG4 = 21mA
0.800
V
Amplifier Trans-conductance
2A/V
LDOFB Input Leakage Current (Note 6)
LDOFB = 0.8V
50
nA
ENABLE1, ENABLE2, ENABLE3 THRESHOLD and SOFT-START CURRENT
EN/SSx Enable Threshold
1.1
1.3
1.55
V
EN/SSx Soft-Start Charge Current
VEN/SSx = 1.3V
1.1
1.55
2.0
µA
POWER-GOOD MONITORS
PGOOD Upper Threshold, PWM 1, 2 and 3
105.5
111
115.5
%
PGOOD Lower Threshold, PWM 1, 2 and 3
87
91
96
%
PGOOD for Linear Controller
70
75
80
%
PGOOD Low Level Voltage
I_SINK = 4mA
0.4
V
PGOOD Leakage Current
PGOOD = 5V
0.025
1
µA
Electrical Specifications
Recommended operating conditions unless otherwise noted. Refer to Block Diagram and Typical Application
Schematic. VIN = 5.6V to 24V, or VCC_5V = 5V ±10%, C_VCC_5V = 4.7µF, TA = -40°C to +85°C, Typical
values are at TA = +25°C; Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise
specified. Temperature limits established by characterization and are not production tested. (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ISL9440B, ISL9440C


Similar Part No. - ISL9440B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9440B INTERSIL-ISL9440B Datasheet
1Mb / 11P
   Triple PWM Step-Down Synchronous Buck Controller and One LDO
ISL9440B INTERSIL-ISL9440B Datasheet
1Mb / 14P
   Triple PWM Step-Down Synchronous Buck Controller and One LDO
ISL9440B INTERSIL-ISL9440B Datasheet
1,020Kb / 11P
   Triple PWM Step-Down Synchronous Buck Controller and One LDO
logo
Renesas Technology Corp
ISL9440B RENESAS-ISL9440B Datasheet
2Mb / 25P
   Triple Step-Down PWM and Single Linear Controller with Programmable Soft-Start
logo
Intersil Corporation
ISL9440BEVAL1Z INTERSIL-ISL9440BEVAL1Z Datasheet
1Mb / 14P
   Triple PWM Step-Down Synchronous Buck Controller and One LDO
More results

Similar Description - ISL9440B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9440B RENESAS-ISL9440B Datasheet
2Mb / 25P
   Triple Step-Down PWM and Single Linear Controller with Programmable Soft-Start
ISL9440 RENESAS-ISL9440 Datasheet
1Mb / 20P
   Triple, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
logo
Intersil Corporation
ISL9440 INTERSIL-ISL9440 Datasheet
979Kb / 20P
   Triple, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
logo
Linear Technology
LT3742 LINER-LT3742_1 Datasheet
312Kb / 26P
   Dual, 2-Phase Step-Down Switching Controller Programmable Soft-Start
logo
Semtech Corporation
SC4521 SEMTECH-SC4521 Datasheet
322Kb / 18P
   3A Step-Down Switching Regulator with Programmable Soft Start
logo
Anpec Electronics Corop...
APW7060 ANPEC-APW7060 Datasheet
179Kb / 16P
   Dual Controllers - Step Down Synchronous PWM and Linear Controller
logo
Intersil Corporation
HIP6521 INTERSIL-HIP6521_06 Datasheet
354Kb / 13P
   PWM and Triple Linear Power Controller
logo
Renesas Technology Corp
HIP6521 RENESAS-HIP6521 Datasheet
643Kb / 13P
   PWM and Triple Linear Power Controller
logo
Intersil Corporation
HIP6521 INTERSIL-HIP6521 Datasheet
156Kb / 13P
   PWM and Triple Linear Power Controller
logo
Texas Instruments
TPS74801 TI-TPS74801 Datasheet
369Kb / 19P
[Old version datasheet]   1.5A LDO Linear Regulator with Programmable Soft-Start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com