Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9440BIRZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL9440BIRZ
Description  Triple Step-Down PWM and Single Linear Controller with Programmable Soft-Start
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9440BIRZ Datasheet(HTML) 4 Page - Intersil Corporation

  ISL9440BIRZ Datasheet HTML 1Page - Intersil Corporation ISL9440BIRZ Datasheet HTML 2Page - Intersil Corporation ISL9440BIRZ Datasheet HTML 3Page - Intersil Corporation ISL9440BIRZ Datasheet HTML 4Page - Intersil Corporation ISL9440BIRZ Datasheet HTML 5Page - Intersil Corporation ISL9440BIRZ Datasheet HTML 6Page - Intersil Corporation ISL9440BIRZ Datasheet HTML 7Page - Intersil Corporation ISL9440BIRZ Datasheet HTML 8Page - Intersil Corporation ISL9440BIRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
FN6799.0
January 15, 2009
Typical Application - ISL9440B
+
PGOOD
+19V
UGATE2
PHASE2
I
SL9440B
+
CIN1
R5
C6
30
25
29
6
LGATE2
15
ISEN2 R4
C3
BOOT2
VIN
24
32
R6
31
FB1
UGATE1
PHASE1
+
C5
LGATE1
ISEN1
R3
C2
BOOT1
R2
OCSET3
VCC_5V
3
1
28
27
26
4
L2
13
SGND
Q2
VOUT1
R1
Q4
FB2
VOUT2
Q4
R9
R10
C12
VOUT4
R15
+2.5V, 800mA
+3.3V, 15A
+3.3V
CIN3
CIN5
L1
C1
+ 5.0V, 15A
R12
C11
VCC_5V
V
R17
VOUT2
150µF
150k
1.5µH
2.2µH
RJK0301DPB
RJK0301DPB
100k
10k
31.6k
2.0k
2.0k
20k
105k
0.22µF
10µF
4.7µF
21.5k
10k
100µF
Si4423DY
330F
10µF
0.22µF
0.22µF
51
330µF
UGATE3
PHASE3
+
R7
C9
19
LGATE3
ISEN3
R11
C8
BOOT3
18
R8
22
21
20
L3
16
Q6
FB3
VOUT3
+12V, 12A
3.3µH
10k
140k
1.5k
180µF
0.22µF
CIN7
10µF
+19V
7
OCSET1
R13
150k
12
OCSET2
R14
150k
9
10
G4
LDOFB
11
5
14
17
PGND
23
2
PGOOD
8
RST
VCC_5V
V
R16
100k
+
C4
330µF
+ C7
330µF
CINF
0.47µF
+
330pF
CFF3
RST
EN/SS1
EN/SS2
EN/SS3
CSS3
CSS2
22nF
22nF
CSS1
22nF
CIN2
150µF
+
CIN4
10µF
CFF1
220pF
CFF2
220pF
RJK0305DPB
Q1
Q3
RJK0305DPB
Q5
RJK0301DPB
RJK0304DPB
CIN6
10µF
RINF
1
+
C10
180µF
ISL9440B, ISL9440C


Similar Part No. - ISL9440BIRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9440BIRZ RENESAS-ISL9440BIRZ Datasheet
2Mb / 25P
   Triple Step-Down PWM and Single Linear Controller with Programmable Soft-Start
More results

Similar Description - ISL9440BIRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9440B RENESAS-ISL9440B Datasheet
2Mb / 25P
   Triple Step-Down PWM and Single Linear Controller with Programmable Soft-Start
ISL9440 RENESAS-ISL9440 Datasheet
1Mb / 20P
   Triple, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
logo
Intersil Corporation
ISL9440 INTERSIL-ISL9440 Datasheet
979Kb / 20P
   Triple, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
logo
Linear Technology
LT3742 LINER-LT3742_1 Datasheet
312Kb / 26P
   Dual, 2-Phase Step-Down Switching Controller Programmable Soft-Start
logo
Semtech Corporation
SC4521 SEMTECH-SC4521 Datasheet
322Kb / 18P
   3A Step-Down Switching Regulator with Programmable Soft Start
logo
Anpec Electronics Corop...
APW7060 ANPEC-APW7060 Datasheet
179Kb / 16P
   Dual Controllers - Step Down Synchronous PWM and Linear Controller
logo
Intersil Corporation
HIP6521 INTERSIL-HIP6521_06 Datasheet
354Kb / 13P
   PWM and Triple Linear Power Controller
logo
Renesas Technology Corp
HIP6521 RENESAS-HIP6521 Datasheet
643Kb / 13P
   PWM and Triple Linear Power Controller
logo
Intersil Corporation
HIP6521 INTERSIL-HIP6521 Datasheet
156Kb / 13P
   PWM and Triple Linear Power Controller
logo
Texas Instruments
TPS74801 TI-TPS74801 Datasheet
369Kb / 19P
[Old version datasheet]   1.5A LDO Linear Regulator with Programmable Soft-Start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com