Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL60002DIH310Z-TK Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL60002DIH310Z-TK
Description  Precision, Low Noise FGA Voltage References
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL60002DIH310Z-TK Datasheet(HTML) 5 Page - Intersil Corporation

  ISL60002DIH310Z-TK Datasheet HTML 1Page - Intersil Corporation ISL60002DIH310Z-TK Datasheet HTML 2Page - Intersil Corporation ISL60002DIH310Z-TK Datasheet HTML 3Page - Intersil Corporation ISL60002DIH310Z-TK Datasheet HTML 4Page - Intersil Corporation ISL60002DIH310Z-TK Datasheet HTML 5Page - Intersil Corporation ISL60002DIH310Z-TK Datasheet HTML 6Page - Intersil Corporation ISL60002DIH310Z-TK Datasheet HTML 7Page - Intersil Corporation ISL60002DIH310Z-TK Datasheet HTML 8Page - Intersil Corporation ISL60002DIH310Z-TK Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
5
FN8082.16
May 4, 2009
Absolute Maximum Ratings
Thermal Information
Max Voltage VIN to GND . . . . . . . . . . . . . . . . . . . . . . -0.5V to +6.5V
Max Voltage VOUT to GND (10s): . . . . . . . . . . -0.5V to +VOUT + 1V
Voltage on “DNC” pins . . . . . No connections permitted to these pins
ESD Ratings
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .5500V
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .550V
Charged Device Model. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2kV
Recommended Operating Conditions
Temperature Range
Industrial. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
3.3V Version . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +105°C
Thermal Resistance (Typical, Note 1)
θ
JA (°C/W)
3 Ld SOT-23. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
202.70
Continuous Power Dissipation (TA = +85°C) . . . . . . . . . . . . . .99mW
Maximum Junction Temperature (Plastic Package) . . . . . . . +107°C
Storage Temperature Range . . . . . . . . . . . . . . . . . . -65°C to +150°C
Pb-free Reflow Profile (Note 2) . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
1.
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
2. Post-reflow drift for the ISL60002 devices will range from 100
μV to 1.0mV based on experimental results with devices on FR4 double sided
boards. The design engineer must take this into account when considering the reference voltage after assembly.
Electrical Specifications ISL60002-10, VOUT = 1.024V (Additional specifications on page 8, “Common Electrical Specifications”)
Operating Conditions: VIN = 3.0V, IOUT = 0mA, COUT = 0.001µF,
TA = -40 to +85°C, unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOUT
Output Voltage
1.024
V
VOA
VOUT Accuracy (Note 3)
TA = +25°C
ISL60002B10
-1.0
+1.0
mV
ISL60002C10
-2.5
+2.5
mV
ISL60002D10
-5.0
+5.0
mV
VIN
Input Voltage Range
2.7
5.5
V
Electrical Specifications ISL60002-11, VOUT = 1.200V (Additional specifications on page 8, “Common Electrical Specifications”)
Operating Conditions: VIN = 3.0V, IOUT = 0mA, COUT = 0.001µF, TA =-40 to
+85°C, unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOUT
Output Voltage
1.200
V
VOA
VOUT Accuracy (Note 3)
TA = +25°C
ISL60002B11
-1.0
+1.0
mV
ISL60002C11
-2.5
+2.5
mV
ISL60002D11
-5.0
+5.0
mV
VIN
Input Voltage Range
2.7
5.5
V
Electrical Specifications ISL60002-12, VOUT = 1.250V (Additional specifications on page 8, “Common Electrical Specifications”)
Operating Conditions: VIN = 3.0V, IOUT = 0mA, COUT = 0.001µF,
TA = -40 to +85°C, unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOUT
Output Voltage
1.250
V
VOA
VOUT Accuracy (Note 3)
TA = +25°C
ISL60002B12
-1.0
+1.0
mV
ISL60002C12
-2.5
+2.5
mV
ISL60002D12
-5.0
+5.0
mV
VIN
Input Voltage Range
2.7
5.5
V
ISL60002


Similar Part No. - ISL60002DIH310Z-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL60002DIH310Z-TK INTERSIL-ISL60002DIH310Z-TK Datasheet
2Mb / 31P
   Precision Low Power FGA??Voltage References
ISL60002DIH310Z-TK INTERSIL-ISL60002DIH310Z-TK Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
ISL60002DIH310Z-TK INTERSIL-ISL60002DIH310Z-TK Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
ISL60002DIH310Z-TK INTERSIL-ISL60002DIH310Z-TK Datasheet
2Mb / 36P
   Precision Low Power FGA??Voltage References
logo
Renesas Technology Corp
ISL60002DIH310Z-TK RENESAS-ISL60002DIH310Z-TK Datasheet
2Mb / 40P
   Precision Low Power FGA Voltage References
More results

Similar Description - ISL60002DIH310Z-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Intersil Corporation
ISL21009 INTERSIL-ISL21009 Datasheet
326Kb / 13P
   Precision, Low Noise FGA??Voltage References
ISL21007 INTERSIL-ISL21007_11 Datasheet
1Mb / 20P
   Precision, Low Noise FGA??Voltage References
ISL21007_0712 INTERSIL-ISL21007_0712 Datasheet
879Kb / 18P
   Precision, Low Noise FGA?줧oltage References
ISL21009_0709 INTERSIL-ISL21009_0709 Datasheet
640Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009MEP INTERSIL-ISL21009MEP Datasheet
557Kb / 14P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009 INTERSIL-ISL21009_09 Datasheet
721Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
ISL21032 RENESAS-ISL21032 Datasheet
446Kb / 7P
   Precision 0.600V Low Voltage FGA??References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com