Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL54206A Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL54206A
Description  MP3/USB 2.0 High Speed Switch with Negative Signal Handling
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54206A Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL54206A Datasheet HTML 7Page - Intersil Corporation ISL54206A Datasheet HTML 8Page - Intersil Corporation ISL54206A Datasheet HTML 9Page - Intersil Corporation ISL54206A Datasheet HTML 10Page - Intersil Corporation ISL54206A Datasheet HTML 11Page - Intersil Corporation ISL54206A Datasheet HTML 12Page - Intersil Corporation ISL54206A Datasheet HTML 13Page - Intersil Corporation ISL54206A Datasheet HTML 14Page - Intersil Corporation ISL54206A Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
ISL54206A
11
FN6515.2
September 30, 2010
LOGIC CONTROL
The state of the ISL54206A device is determined by the
voltage at the IN pin (pin 2) and the CTRL pin (pin 10).
Refer to “Truth Table” on page 2. These logic pins are
1.8V logic compatible when VDD is in the range of 2.7V to
3.6V and can be controlled by a standard µprocessor.
The CTRL pin is internally pulled low through a 4MΩ
resistor to ground and can be left floating or tri-stated by
the µprocessor. The CTRL control pin is only active when
IN is logic “0”.
The IN pin does not have an internal pull-down resistor
and must not be allowed to float. It must be driven High
or Low.
The voltage at the IN pin can exceed the VDD voltage by
as much as 2.55V. This allows the VBUS voltage from a
computer or USB hub (4.4V to 5.25V) to drive the IN pin
while the VDD voltage is in the range of 2.7V to 3.6V. An
external pull-down resistor is required from the IN pin to
ground when directly driving the IN pin with the
computer VBUS voltage. See “USING THE COMPUTER
VBUS VOLTAGE TO DRIVE THE “IN” PIN” on page 11.
Logic Control Voltage Levels
IN = Logic “0” (Low) when IN 0.5V
IN = Logic “1” (High) when IN 1.4V
CTRL = Logic “0” (Low) when 0.5V or floating.
CTRL = Logic “1” (High) when 1.4V
Audio Mode
If the IN pin = Logic “0” and CTRL pin = Logic “1,” the part
will be in the Audio mode. In Audio mode, the L (left) and R
(right) 3Ω audio switches are ON and the D- and D+ 5Ω
USB switches are OFF (high impedance).
When nothing is plugged into the common connector or a
headphone is plugged into the common connector, the
µprocessor will sense that there is no voltage at the
VBUS pin of the connector and will drive and hold the IN
control pin of the ISL54206A low. As long as the
CTRL = Logic “1,” the ISL54206A part will be in the audio
mode and the audio drivers of the media player can drive
the headphones and play music.
USB Mode
If the IN pin = Logic “1” and CTRL pin = Logic “0” or
Logic “1” the part will go into USB mode. In USB mode,
the D- and D+ 5Ω switches are ON and the L and R 3Ω
audio switches are OFF (high impedance).
When a USB cable from a computer or USB hub is
connected at the common connector, the µprocessor will
sense the presence of the 5V VBUS and drive the IN pin
voltage high. The ISL54206A part will go into the USB
mode. In USB mode, the computer or USB hub
transceiver and the MP3 player or cell phone USB
transceiver are connected and digital data will be able to
be transmitted back and forth.
When the USB cable is disconnected, the µprocessor will
sense that the 5V VBUS voltage is no longer connected
and will drive the IN pin low and put the part back into
the Audio or Low Power Mode.
Low Power Mode
If the IN pin = Logic “0” and CTRL pin = Logic “0,” the
part will be in the Low Power mode. In the Low Power
mode, the audio switches and the USB switches are OFF
(high impedance). In this state, the device draws
typically 1nA of current.
USING THE COMPUTER VBUS VOLTAGE TO DRIVE
THE “IN” PIN
External IN Pull-Down Resistor
Rather than using a microprocessor to control the IN
logic pin you can directly drive the IN pin using the VBUS
voltage from the computer or USB hub. In order to do
this, you must connect an external resistor from the IN
pin to ground.
When a headphone or nothing is connected at the
common connector, the external pull-down will pull the
IN pin low putting the ISL54206A in the Audio mode or
Low Power mode depending on the condition of the CTRL
pin.
When a USB cable is connected at the common
connector, the voltage at the IN pin will be driven to 5V
and the part will automatically go into the USB mode.
When the USB cable is disconnected from the common
connector, the voltage at the IN pin will be pulled low by
the pull-down resistor and return to the Audio Mode or
Low Power Mode depending on the condition of the CTRL
pin.
Note: The voltage at the IN pin can exceed the VDD
voltage by as much as 2.55V. This allows the VBUS
voltage from a computer or USB hub (4.4V to 5.25V) to
drive the IN pin while the VDD voltage is in the range of
2.7V to 3.6V.
External IN Series Resistor
The ISL54206A contains a clamp circuit between IN and
VDD. Whenever the IN voltage is greater than the VDD
voltage by more than 2.55V, current will flow through
this clamp circuitry into the VDD power supply bus.
During normal USB operation, VDD is in the range of 2.7V
to 3.6V and IN (VBUS voltage from computer or USB
hub) is in the range of 4.4V to 5.25V, the clamp circuit is
not active and no current will flow through the clamp into
the VDD supply.
In a USB application, the situation can exist where the
VBUS voltage from the computer could be applied at the
IN pin before the VDD voltage is up to its normal
operating voltage range and current will flow through the
clamp into the VDD power supply bus. This current could
be quite high when VDD is OFF or at 0V and could
potentially damage other components connected in the
circuit. In the application circuit, a 22kΩ resistor has
been put in series with the IN pin to limit the current to a
safe level during this situation.


Similar Part No. - ISL54206A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 20P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A INTERSIL-ISL54206A Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL54206A RENESAS-ISL54206A Datasheet
1Mb / 20P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Intersil Corporation
ISL54206AEVAL1Z INTERSIL-ISL54206AEVAL1Z Datasheet
1Mb / 20P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
More results

Similar Description - ISL54206A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54206 INTERSIL-ISL54206 Datasheet
342Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54205B RENESAS-ISL54205B Datasheet
1Mb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Intersil Corporation
ISL54205B INTERSIL-ISL54205B Datasheet
706Kb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54212 INTERSIL-ISL54212 Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54206 RENESAS-ISL54206 Datasheet
751Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A RENESAS-ISL54206A Datasheet
1Mb / 20P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54212 RENESAS-ISL54212 Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Intersil Corporation
ISL54206A_1010 INTERSIL-ISL54206A_1010 Datasheet
1Mb / 20P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54205A INTERSIL-ISL54205A Datasheet
357Kb / 14P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com