Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL60002BIH311Z-TK Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL60002BIH311Z-TK
Description  Precision, Low Noise FGA Voltage References
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL60002BIH311Z-TK Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL60002BIH311Z-TK Datasheet HTML 4Page - Intersil Corporation ISL60002BIH311Z-TK Datasheet HTML 5Page - Intersil Corporation ISL60002BIH311Z-TK Datasheet HTML 6Page - Intersil Corporation ISL60002BIH311Z-TK Datasheet HTML 7Page - Intersil Corporation ISL60002BIH311Z-TK Datasheet HTML 8Page - Intersil Corporation ISL60002BIH311Z-TK Datasheet HTML 9Page - Intersil Corporation ISL60002BIH311Z-TK Datasheet HTML 10Page - Intersil Corporation ISL60002BIH311Z-TK Datasheet HTML 11Page - Intersil Corporation ISL60002BIH311Z-TK Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
8
FN8082.16
May 4, 2009
Common Electrical Specifications ISL60002 -10, -11, -12, -18, -20, and-25 Operating Conditions: VIN = 3.0V, IOUT =0mA,
COUT = 0.001µF, TA = -40 to +85°C, unless
otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
TC VOUT
Output Voltage Temperature
Coefficient (Note 3)
20
ppm/°C
IIN
Supply Current
350
900
nA
ΔVOUT/ΔVIN
Line Regulation
+2.7V
≤ VIN ≤ +5.5V
80
250
µV/V
ΔV
OUT/ΔIOUT
Load Regulation
0mA
≤ I
SOURCE ≤ 7mA
25
100
µV/mA
-7mA
≤ ISINK ≤ 0mA
50
150
µV/mA
ΔVOUT/ΔTA
Thermal Hysteresis (Note 4)
ΔTA = +125°C
100
ppm
ΔV
OUT/Δt
Long Term Stability (Note 5)
TA = +25°C; First 1khrs
50
ppm
ISC
Short Circuit Current (to GND)
(Note 6)
TA = +25°C
50
mA
VN
Output Voltage Noise
0.1Hz
≤ f ≤ 10Hz
30
µVP-P
NOTES:
3. Over the specified temperature range. Temperature coefficient is measured by the box method whereby the change in VOUT is divided by the
temperature range: (-40°C to +85°C = +125°C, or -40°C to +105°C = +145°C for the ISL60002-33).
4. Thermal Hysteresis is the change in VOUT measured @ TA = +25°C after temperature cycling over a specified range, ΔTA, VOUT is read initially
at TA = +25°C for the device under test. The device is temperature cycled and a second VOUT measurement is taken at +25°C. The difference
between the initial VOUT reading and the second VOUT reading is then expressed in ppm. For ΔTA = +125°C, the device under is cycled from
+25°C to +85°C to -40°C to +25°C, and for
ΔTA = +145°C, the device under is cycled from +25°C to +105°C to -40°C to +25°C
5. Long term drift is logarithmic in nature and diminishes over time. Drift after the first 1000 hours will be approximately 10ppm.
6. Short Circuit Current (to VCC) for ISL60002-25 at VIN = 5.0V and +25°C is typically around 30mA. Shorting VOUT to VCC is not recommended
due to risk of resetting the part.
ISL60002


Similar Part No. - ISL60002BIH311Z-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL60002BIH311Z-TK INTERSIL-ISL60002BIH311Z-TK Datasheet
2Mb / 31P
   Precision Low Power FGA??Voltage References
ISL60002BIH311Z-TK INTERSIL-ISL60002BIH311Z-TK Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
ISL60002BIH311Z-TK INTERSIL-ISL60002BIH311Z-TK Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
ISL60002BIH311Z-TK INTERSIL-ISL60002BIH311Z-TK Datasheet
2Mb / 36P
   Precision Low Power FGA??Voltage References
logo
Renesas Technology Corp
ISL60002BIH311Z-TK RENESAS-ISL60002BIH311Z-TK Datasheet
2Mb / 40P
   Precision Low Power FGA Voltage References
More results

Similar Description - ISL60002BIH311Z-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Intersil Corporation
ISL21009 INTERSIL-ISL21009 Datasheet
326Kb / 13P
   Precision, Low Noise FGA??Voltage References
ISL21007 INTERSIL-ISL21007_11 Datasheet
1Mb / 20P
   Precision, Low Noise FGA??Voltage References
ISL21007_0712 INTERSIL-ISL21007_0712 Datasheet
879Kb / 18P
   Precision, Low Noise FGA?줧oltage References
ISL21009_0709 INTERSIL-ISL21009_0709 Datasheet
640Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009MEP INTERSIL-ISL21009MEP Datasheet
557Kb / 14P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009 INTERSIL-ISL21009_09 Datasheet
721Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
ISL21032 RENESAS-ISL21032 Datasheet
446Kb / 7P
   Precision 0.600V Low Voltage FGA??References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com