Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL54211IRUZ-T Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL54211IRUZ-T
Description  MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54211IRUZ-T Datasheet(HTML) 2 Page - Intersil Corporation

  ISL54211IRUZ-T Datasheet HTML 1Page - Intersil Corporation ISL54211IRUZ-T Datasheet HTML 2Page - Intersil Corporation ISL54211IRUZ-T Datasheet HTML 3Page - Intersil Corporation ISL54211IRUZ-T Datasheet HTML 4Page - Intersil Corporation ISL54211IRUZ-T Datasheet HTML 5Page - Intersil Corporation ISL54211IRUZ-T Datasheet HTML 6Page - Intersil Corporation ISL54211IRUZ-T Datasheet HTML 7Page - Intersil Corporation ISL54211IRUZ-T Datasheet HTML 8Page - Intersil Corporation ISL54211IRUZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
FN6662.1
August 25, 2008
Pinouts (Note 1)
ISL54211
(10 LD 1.8mmx1.4mm µTQFN)
TOP VIEW
ISL54211
(10 LD 3.0mmx3.0mm TDFN)
TOP VIEW
NOTE:
1. Switches Shown for IN = Logic “0” and CTRL = Logic “1”.
9
10
6
7
8
4
3
5
2
1
VDD
IN
COM -
COM +
D-
L
D+
R
GND
CTRL
CLICK/POP
2
4
5
D-
COM -
L
IN
3
7
8
D+
COM +
R
9
6
VDD
1
GND
10
CTRL
LOGIC
CONTROL
200k
Ω
200k
Ω
4M
Ω
4M
Ω
CLICK/
POP
Truth Table
ISL54211
IN
CTRL
L, R
D+, D-
00
OFF
OFF
0
1
ON
OFF
1X
OFF
ON
IN, CTRL: Logic “0” when
≤ 0.5V or Floating, Logic “1” when ≥ 1.4V
with 2.7V to 3.6V supply.
Pin Descriptions
ISL54211
µTQFN
TDFN
NAME
FUNCTION
1
2
IN
Digital Control Input
2
3
COM-
Voice and Data Common Pin
3
4
COM+
Voice and Data Common Pin
4
5
GND
Ground Connection
5
6
R
Audio Right Input
6
7
L
Audio Left Input
7
8
D+
USB Differential Input
8
9
D-
USB Differential Input
9
10
CTRL
Digital Control Input (Audio Enable)
10
1
VDD
Power Supply
Ordering Information
PART NUMBER
PART MARKING
TEMP. RANGE
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL54211IRUZ-T* (Note 3)
1
-40 to +85
10 Ld 1.8x1.4mm µTQFN
L10.1.8x1.4A
ISL54211IRTZ (Note 2)
4211
-40 to +85
10 Ld 3mmx3mm TDFN
L10.3x3A
ISL54211IRTZ-T* (Note 2)
4211
-40 to +85
10 Ld 3mmx3mm TDFN
L10.3x3A
*Please refer to TB347 for details on reel specifications.
NOTES:
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100%
matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations).
Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC
J STD-020.
3. These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and NiPdAu
plate - e4 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
ISL54211


Similar Part No. - ISL54211IRUZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54211IRUZ-T INTERSIL-ISL54211IRUZ-T Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
August 25, 2008
logo
Renesas Technology Corp
ISL54211IRUZ-T RENESAS-ISL54211IRUZ-T Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
More results

Similar Description - ISL54211IRUZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54210IRTZ INTERSIL-ISL54210IRTZ Datasheet
1Mb / 21P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
March 18, 2010
ISL54211IRUZ-T INTERSIL-ISL54211IRUZ-T Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
August 25, 2008
ISL54210 INTERSIL-ISL54210 Datasheet
1Mb / 21P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
logo
Renesas Technology Corp
ISL54210 RENESAS-ISL54210 Datasheet
1Mb / 21P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
ISL54211 RENESAS-ISL54211 Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
logo
Intersil Corporation
ISL54206 INTERSIL-ISL54206 Datasheet
342Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54205B RENESAS-ISL54205B Datasheet
1Mb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Intersil Corporation
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54205B INTERSIL-ISL54205B Datasheet
706Kb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com