Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL59832IRZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL59832IRZ
Description  Dual Channel, Single Supply Video Reconstruction Filter with Charge Pump
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59832IRZ Datasheet(HTML) 2 Page - Intersil Corporation

  ISL59832IRZ Datasheet HTML 1Page - Intersil Corporation ISL59832IRZ Datasheet HTML 2Page - Intersil Corporation ISL59832IRZ Datasheet HTML 3Page - Intersil Corporation ISL59832IRZ Datasheet HTML 4Page - Intersil Corporation ISL59832IRZ Datasheet HTML 5Page - Intersil Corporation ISL59832IRZ Datasheet HTML 6Page - Intersil Corporation ISL59832IRZ Datasheet HTML 7Page - Intersil Corporation ISL59832IRZ Datasheet HTML 8Page - Intersil Corporation ISL59832IRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
FN6267.1
June 11, 2008
Absolute Maximum Ratings (T
A = +25°C)
Thermal Information
VS to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4V
VIN to GND. . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to VS + 0.3V
Maximum Continuous Output Current . . . . . . . . . . . . . . . . . . ±50mA
Maximum Current into Any Pin . . . . . . . . . . . . . . . . . . . . . . . ±50mA
ESD Rating
Human Body Model (Per MIL-STD-883 Method 3015.7) . . .3500V
Machine Model (Per EIAJ ED-4701 Method C-111) . . . . . . . .350V
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
or Thermal Resistance (Typical, Note 1)
θ
JA (°C/W)
16 Lead TQFN Package . . . . . . . . . . . . . . . . . . . . .
46
Maximum Junction Temperature (Plastic Package) . . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . . -65°C to +150°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
NOTES:
1.
θ
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
2. Parameters with MIN and/or MAX limits are 100% tested at +27°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
Electrical Specifications
VS = VCP = 3.3V, CF = 0.1µF, CS = 0.22µF, CFIL = 0.4µF, CIN1 = CIN2 = 0.1µF, RL1 = RL2 = 150Ω,
Typical TA = +27°C.
SYMBOL
PARAMETER
CONDITIONS
MIN
(Note 2)
TYP
MAX
(Note 2)
UNIT
DC CHARACTERISTICS
VS, VCP
Supply Range
guaranteed by PSRR
3.0
3.3
3.6
V
VEEOUT
Charge Pump Output
-1.75
-1.5
-1.25
V
IS
Supply Current
No load
14
16
mA
ICP
Charge Pump Supply Current
No load
17
20
mA
IPD
Power-Down Current
ENABLE = 0.4V
0.3
2.5
µA
IIN
Input Pull-down Current
Channel 1, VIN = 0.5V
0.4
4
10
µA
IB
Input Bias Current
Channel 2, VIN = 0.5V,
SYNC_IN = 0V
-10
-3
10
µA
AV
DC Gain
1.94
2
2.05
V/V
VIN_MAX
Max DC Input Range
DC-Coupled Input, guaranteed by DC
gain test
1.4
V
VCLAMPOUT1
Output Sync Tip Clamp Level
(Channel 1)
VIN ≤ 0, AC-coupled input
-650
-590
-525
mV
VCLAMPOUT2
Keyed Clamp Level
(Channel 2)
Output level when SYNC_IN = 2.0V
-60
-25
0
mV
VCLAMPIN
Input Clamp Level
Input floating
0
30
70
mV
VCLAMPIN2
Input Keyed Clamp Level
(Channel 2)
Input floating, input level when SYNC_IN
≥ 2.0V
275
300
375
mV
VOS
Output Level Shift
(Channel 1)
VIN > 0, output shifted relative to input,
DC-coupled input
-685
-620
-550
mV
Output Level Shift
(Channel 2)
VIN > 0, output shifted relative to input,
DC-coupled input
-380
-330
-280
mV
ISL59832


Similar Part No. - ISL59832IRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL59832IRZ RENESAS-ISL59832IRZ Datasheet
1Mb / 15P
   Dual Channel, Single Supply Video Reconstruction Filter with Charge Pump
More results

Similar Description - ISL59832IRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL59832 RENESAS-ISL59832 Datasheet
1Mb / 15P
   Dual Channel, Single Supply Video Reconstruction Filter with Charge Pump
ISL59831 RENESAS-ISL59831 Datasheet
979Kb / 12P
   Single Supply Video Driver with Reconstruction Filter and Charge Pump
Mar 29, 2007
ISL59834 RENESAS-ISL59834 Datasheet
1Mb / 17P
   Quad Channel, Single Supply, Video Reconstruction Filter with On-Board Charge Pump
logo
Intersil Corporation
ISL59831 INTERSIL-ISL59831 Datasheet
613Kb / 11P
   Single Supply Video Driver with Reconstruction Filter and Charge Pump
ISL59834 INTERSIL-ISL59834 Datasheet
1Mb / 17P
   Quad Channel, Single Supply, Video Reconstruction Filter with On-Board Charge Pump
logo
Renesas Technology Corp
ISL59833 RENESAS-ISL59833 Datasheet
719Kb / 15P
   200MHz Single Supply Video Driver With Charge Pump
logo
Intersil Corporation
ISL59833 INTERSIL-ISL59833 Datasheet
339Kb / 15P
   200MHz Single Supply Video Driver With Charge Pump
ISL59833IAZ INTERSIL-ISL59833IAZ Datasheet
342Kb / 15P
   200MHz Single Supply Video Driver With Charge Pump
March 5, 2007
logo
Maxim Integrated Produc...
MAX7445 MAXIM-MAX7445_V01 Datasheet
208Kb / 8P
   4-Channel Video Reconstruction Filter
19-2948; Rev 1; 10/05
MAX7445 MAXIM-MAX7445 Datasheet
249Kb / 8P
   4-Channel Video Reconstruction Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com