Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL62883 Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL62883
Description  Multiphase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL62883 Datasheet(HTML) 4 Page - Intersil Corporation

  ISL62883 Datasheet HTML 1Page - Intersil Corporation ISL62883 Datasheet HTML 2Page - Intersil Corporation ISL62883 Datasheet HTML 3Page - Intersil Corporation ISL62883 Datasheet HTML 4Page - Intersil Corporation ISL62883 Datasheet HTML 5Page - Intersil Corporation ISL62883 Datasheet HTML 6Page - Intersil Corporation ISL62883 Datasheet HTML 7Page - Intersil Corporation ISL62883 Datasheet HTML 8Page - Intersil Corporation ISL62883 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
4
FN6891.2
February 25, 2010
VSSP2
Current return path for the Phase-2 converter low-side
MOSFET gate driver. Connect the VSSP2 pin to the
source of the Phase-2 low-side MOSFET through a low
impedance path, preferably in parallel with the trace
connecting the LGATE2 pin to the gate of the Phase-2
low-side MOSFET.
PHASE2
Current return path for the Phase-2 high-side MOSFET
gate driver. Connect the PHASE2 pin to the node
consisting of the high-side MOSFET source, the low-side
MOSFET drain, and the output inductor of phase 2.
UGATE2
Output of the Phase-2 high-side MOSFET gate driver.
Connect the UGATE2 pin to the gate of the Phase-2
high-side MOSFET.
BOOT2
Connect an MLCC capacitor across the BOOT2 and the
PHASE2 pins. The boot capacitor is charged through an
internal boot diode connected from the VCCP pin to the
BOOT2 pin, each time the PHASE2 pin drops below VCCP
minus the voltage dropped across the internal boot
diode.
VID0, VID1, VID2, VID3, VID4, VID5, VID6
VID input with VID0 = LSB and VID6 = MSB.
VR_ON
Voltage regulator enable input. A high level logic signal
on this pin enables the regulator.
DPRSLPVR
Deeper sleep enable signal. A high level logic signal on
this pin indicates that the microprocessor is in deeper
sleep mode.
CLK_EN#
Open drain output to enable system PLL clock. It goes
low 13 switching cycles after Vcore is within 10% of
Vboot.
NC
No Connect.
BOTTOM (on ISL62883B)
The bottom pad of ISL62883B is electrically connected to
the GND pin inside the IC.
ISL62883, ISL62883B


Similar Part No. - ISL62883

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL62883 RENESAS-ISL62883 Datasheet
1Mb / 37P
   Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs
logo
Intersil Corporation
ISL62883 INTERSIL-ISL62883 Datasheet
1Mb / 37P
   Multiphase PWM Regulator for IMVP-6.5™ Mobile CPUs
June 21, 2011
ISL62883 INTERSIL-ISL62883 Datasheet
1Mb / 37P
   Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs
June 21, 2011
logo
Renesas Technology Corp
ISL62883B RENESAS-ISL62883B Datasheet
1Mb / 37P
   Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs
logo
Intersil Corporation
ISL62883B INTERSIL-ISL62883B Datasheet
1Mb / 37P
   Multiphase PWM Regulator for IMVP-6.5™ Mobile CPUs
June 21, 2011
More results

Similar Description - ISL62883

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL62882 RENESAS-ISL62882 Datasheet
1Mb / 41P
   Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
ISL62883C RENESAS-ISL62883C Datasheet
142Kb / 1P
   Multiphase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
Sep 1, 2022
logo
Intersil Corporation
ISL62882CHRTZ INTERSIL-ISL62882CHRTZ Datasheet
96Kb / 3P
   Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
ISL62882 INTERSIL-ISL62882 Datasheet
1Mb / 42P
   Multiphase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
ISL62883C INTERSIL-ISL62883C Datasheet
1Mb / 43P
   Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
ISL62882IRTZ INTERSIL-ISL62882IRTZ Datasheet
1Mb / 42P
   Multiphase PWM Regulator for IMVP-6.5™ Mobile CPUs and GPUs
June 21, 2011
logo
Renesas Technology Corp
ISL62883 RENESAS-ISL62883 Datasheet
1Mb / 37P
   Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs
logo
Intersil Corporation
ISL62883HRTZ-T INTERSIL-ISL62883HRTZ-T Datasheet
1Mb / 37P
   Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs
June 21, 2011
ISL62881HRTZ INTERSIL-ISL62881HRTZ Datasheet
1Mb / 35P
   Single-Phase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
June 16, 2011
logo
Renesas Technology Corp
ISL62881 RENESAS-ISL62881 Datasheet
1Mb / 35P
   Single-Phase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com