Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL54210EVAL1Z Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL54210EVAL1Z
Description  MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54210EVAL1Z Datasheet(HTML) 5 Page - Intersil Corporation

  ISL54210EVAL1Z Datasheet HTML 1Page - Intersil Corporation ISL54210EVAL1Z Datasheet HTML 2Page - Intersil Corporation ISL54210EVAL1Z Datasheet HTML 3Page - Intersil Corporation ISL54210EVAL1Z Datasheet HTML 4Page - Intersil Corporation ISL54210EVAL1Z Datasheet HTML 5Page - Intersil Corporation ISL54210EVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL54210EVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL54210EVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL54210EVAL1Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
5
FN6661.2
March 18, 2010
Discharge Pull-Down
Resistance, RL, RR
VDD = 3.6V, VBUS = 3.2V,
CTRL = 0.5V, VCOM- or VCOM+ =
-0.85V, 0.85V, VL or VR = -0.85V,
0.85V, VD+ and VD- = floating;
measure current through the
discharge pull-down resistor and
calculate resistance value.
+25
-
40
-
Ω
USB Switches (D+, D-)
Analog Signal Range,
VANALOG
VDD = 2.7V to 3.6V, VBUS = 5.0V,
CTRL = 0V or VDD
Full
0
-
VDD
V
ON-Resistance, rON
VDD = 3.3V, VBUS = 4.4V,
CTRL = 1.4V, ICOMx =1mA, VD+ or
VD- = 3.3V (see Figure 3, Note 15)
+25
-
25
35
Ω
Full
-
-
40
Ω
ON-Resistance, rON
VDD = 3.3V, VBUS = 4.4V, CTRL = 0V
or VDD, ICOMx = 40mA, VD+ or
VD-= 0V to 400mV
(see Figure 3, Note 15)
25
-
5.4
6
Ω
Full
-
-
7.5
Ω
rON Matching Between
Channels, ΔrON
VDD = 3.3V, VBUS = 4.4V, CTRL = 0V
or VDD, ICOMx =40mA, VD+ or
VD-=Voltage at max rON
(Notes 15, 16)
25
-
0.02
0.25
Ω
Full
-
-
0.25
Ω
rON Flatness, RFLAT(ON)
VDD = 3.3V, VBUS = 4.4V, CTRL = 0V
or VDD, ICOMx = 40mA, VD+ or
VD-= 0V to 400mV (Notes 14, 15)
25
-
0.45
0.55
Ω
Full
-
-
0.6
Ω
OFF Leakage Current,
ID+(OFF) or ID-(OFF)
VDD = 3.6V, VBUS = 0V, CTRL = 3.6V,
VCOM- or VCOM+ =0.5V, 0V, VD+ or
VD- = 0V, 0.5V, VL and VR =float
25
-10
4
10
nA
Full
-50
-
50
nA
ON Leakage Current, IDX
VDD = 3.6V, VBUS = 5.25V, CTRL
=0V or VDD, VD+ or VD- = 2.7V,
VCOM- or VCOM+ = Float, VL and
VR = float; measuring current
through 200k resistor at COM side
25
-20
11
20
µA
Full
-30
-
30
µA
DYNAMIC CHARACTERISTICS
USB Turn-ON Time, tON
VDD = 2.7V, RL = 50Ω, CL = 10pF
(see Figure 1)
25
-
43
-
ns
USB Turn-OFF Time, tOFF
VDD = 2.7V, RL = 50Ω, CL = 10pF
(see Figure 1)
25
-
14.5
-
ns
Audio Turn-ON Time, tON
VDD = 2.7V, RL = 50Ω, CL = 10pF
(see Figure 1)
25
-
7.5
-
µs
Audio Turn-OFF Time, tOFF VDD =2.7V, RL = 50Ω, CL = 10pF
(see Figure 1)
25
-
130
-
ns
Skew, tSKEW
VDD = 3.0V, VBUS = 5.0V, CTRL = 0V
or 3V, RL =45Ω, CL = 10pF, tR = tF =
750ps at 480Mbps,
(Duty Cycle = 50%) (see Figure 6)
25
-
50
-
ps
Total Jitter, tJ
VDD =3.0V, VBUS = 5.0V, CTRL = 0V
or 3V, RL =50Ω, CL = 10pF, tR = tF =
750ps at 480Mbps
25
-
210
-
ps
Propagation Delay, tPD
VDD = 3.0V, VBUS = 5.0V, CTRL = 0V
or 3V, RL =45Ω, CL = 10pF
(see Figure 6)
25
-
250
-
ps
Electrical Specifications - 2.7V to 3.6V Supply Test Conditions: VDD = +3.0V, GND = 0V, VBUSH = 3.8V, VBUSL = 3.2V,
VCTRLH =1.4V, VCTRLL = 0.5V, (Note 11), Unless Otherwise Specified.
Boldface limits apply over the operating temperature range,
-40°C to +85°C. (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 12, 13)
TYP
MAX
(Notes 12, 13) UNITS
ISL54210


Similar Part No. - ISL54210EVAL1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54210EVAL1Z INTERSIL-ISL54210EVAL1Z Datasheet
1Mb / 21P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
March 18, 2010
logo
Renesas Technology Corp
ISL54210EVAL1Z RENESAS-ISL54210EVAL1Z Datasheet
1Mb / 21P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
More results

Similar Description - ISL54210EVAL1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54210IRTZ INTERSIL-ISL54210IRTZ Datasheet
1Mb / 21P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
March 18, 2010
ISL54211IRUZ-T INTERSIL-ISL54211IRUZ-T Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
August 25, 2008
logo
Renesas Technology Corp
ISL54210 RENESAS-ISL54210 Datasheet
1Mb / 21P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
logo
Intersil Corporation
ISL54211 INTERSIL-ISL54211 Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
logo
Renesas Technology Corp
ISL54211 RENESAS-ISL54211 Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
logo
Intersil Corporation
ISL54206 INTERSIL-ISL54206 Datasheet
342Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54205B RENESAS-ISL54205B Datasheet
1Mb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Intersil Corporation
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54205B INTERSIL-ISL54205B Datasheet
706Kb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com