Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL54214IRUZ-T Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL54214IRUZ-T
Description  USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T Dual 3-to-1 Multiplexer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54214IRUZ-T Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL54214IRUZ-T Datasheet HTML 3Page - Intersil Corporation ISL54214IRUZ-T Datasheet HTML 4Page - Intersil Corporation ISL54214IRUZ-T Datasheet HTML 5Page - Intersil Corporation ISL54214IRUZ-T Datasheet HTML 6Page - Intersil Corporation ISL54214IRUZ-T Datasheet HTML 7Page - Intersil Corporation ISL54214IRUZ-T Datasheet HTML 8Page - Intersil Corporation ISL54214IRUZ-T Datasheet HTML 9Page - Intersil Corporation ISL54214IRUZ-T Datasheet HTML 10Page - Intersil Corporation ISL54214IRUZ-T Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
ISL54214
7
FN6816.3
June 28, 2010
1D+/1D- OFF Capacitance,
C1D+OFF, C1D-OFF
f = 1MHz, VDD = 3.0V, C0 = VDD, C1 = VDD, VD- or
VD+ =VCOMx = 0V, (see Figure 5)
25
-
3
-
pF
L/R OFF Capacitance, CLOFF,
CROFF
f = 1MHz, VDD = 3.0V, C0 = 0V, C1 = VDD, L or
R = COMx = 0V, (see Figure 5)
25
-
5
-
pF
2D+/2D- OFF Capacitance,
C2D+OFF, C2D-OFF
f = 1MHz, VDD = 3.3V, C0 = VDD, C1 = VDD, Tx or
Rx = COMx = 0V, (See Figure 5)
25
-
3
-
pF
COM ON Capacitance, CCOM-
(ON), CCOM+(ON)
f = 1MHz, VDD = 3.0V, USB Mode (C0 = 0V, C1 = VDD),
D- or D+ = COMx = 0V, (see Figure 5)
25
-
8
-
pF
POWER SUPPLY CHARACTERISTICS
Power Supply Range, VDD
Full
2.7
4.6
V
Positive Supply Current, IDD
(ALL OFF Mode)
VDD = 3.6V, C1 = GND, C0 = GND
25
-
6.2
8
µA
Full
-
-
15
µA
Positive Supply Current, IDD
(USB1 Mode)
VDD = 3.6V, C1 = GND, C0 = VDD
25
-
6.5
8
µA
Full
-
-
15
µA
Positive Supply Current, IDD
(USB2 Mode)
VDD = 3.6V, C1 = VDD, C0 = GND
25
-
6.2
8
µA
Full
-
-
15
µA
Positive Supply Current, IDD
(Audio Mode)
VDD = 3.6V, Audio Mode (C0 = C1 = VDD)25
-
9
14
µA
Full
-
-
20
µA
Positive Supply Current, IDD
(MUTE Mode)
VDD = 3.6V, C1 = VDD, C0 = GND
25
-
6.6
8
µA
Full
-
-
15
µA
Power OFF COMx Current, ICOMx VDD = 0V, C0 = C1 = Float, COMx = 5.25V
25
-
-
4
µA
Power OFF Logic Current, IC0, IC1 VDD = 0V, C0 = C1 = 5.25V
25
-
11
-
µA
Power OFF D+/D- Current, IXD+,
IXD-
VDD = 0V, C0 = C1 = Float, XD- = XD+ = 5.25V
25
-
5
-
µA
DIGITAL INPUT CHARACTERISTICS
C0, C1 Voltage Low, VC0L, VC1L VDD = 2.7V to 3.6V
Full
-
-
0.5
V
C0, C1 Voltage High, VC0H, VC1H VDD = 2.7V to 3.6V
Full
1.4
-
5.25
V
C0, C1 Input Current, IC0L, IC1L VDD = 3.6V, C0 = C1 = 0V or Float
Full
-50
6.2
50
nA
C0, C1 Input Current, IC0H, IC1H VDD = 3.6V, C0 = C1 = 3.6V
Full
-2
1.6
2
µA
C0, C1 Pull-Down Resistor, RCx
VDD = 3.6V, C0 = C1 = 3.6V, Measure current into C0 or C1
pin and calculate resistance value.
Full
-
4
-
NOTES:
11. Vlogic = Input voltage to perform proper function.
12. The algebraic convention, whereby the most negative value is a minimum and the most positive a maximum, is used in this data
sheet.
13. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by
characterization and are not production tested.
14. Flatness is defined as the difference between maximum and minimum value of on-resistance over the specified analog signal
range.
15. Limits established by characterization and are not production tested.
16. rON matching between channels is calculated by subtracting the channel with the highest max rON value from the channel with
lowest max rON value, between L and R or between 1D+ and 1D- or between 2D+ and 2D-.
Electrical Specifications - 2.7V to 3.6V Supply Test Conditions: VDD = +3.0V, GND = 0V, VC0H, VC1H = 1.4V, VC0L,
VC1L = 0.5V, (Note 11), Unless Otherwise Specified. (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes
12, 13) TYP
MAX
(Notes
12, 13) UNITS
ISL54214


Similar Part No. - ISL54214IRUZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54214IRUZ-T INTERSIL-ISL54214IRUZ-T Datasheet
1Mb / 22P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3 to 1 Multiplexer)
June 28, 2010
logo
Renesas Technology Corp
ISL54214IRUZ-T RENESAS-ISL54214IRUZ-T Datasheet
1Mb / 22P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3 to 1 Multiplexer)
More results

Similar Description - ISL54214IRUZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54214IRUZ-T INTERSIL-ISL54214IRUZ-T Datasheet
1Mb / 22P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3 to 1 Multiplexer)
June 28, 2010
logo
Renesas Technology Corp
ISL54217 RENESAS-ISL54217 Datasheet
1Mb / 24P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
logo
Intersil Corporation
ISL54217IRUZ-T INTERSIL-ISL54217IRUZ-T Datasheet
1Mb / 24P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
June 17, 2010
ISL54217 INTERSIL-ISL54217 Datasheet
1Mb / 24P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T Dual 3-to-1 Multiplexer
logo
Renesas Technology Corp
ISL54214 RENESAS-ISL54214 Datasheet
1Mb / 22P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3 to 1 Multiplexer)
logo
Intersil Corporation
ISL54217 INTERSIL-ISL54217_09 Datasheet
1Mb / 21P
   USB 2.0 High-Speed x 2Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
ISL54216 INTERSIL-ISL54216 Datasheet
971Kb / 17P
   USB 2.0 High-Speed/UART Dual SP3T (Dual 3 to 1 Multiplexer)
logo
Renesas Technology Corp
ISL54216 RENESAS-ISL54216 Datasheet
1Mb / 17P
   USB 2.0 High-Speed/UART Dual SP3T (Dual 3 to 1 Multiplexer)
logo
Fairchild Semiconductor
FSUSB63 FAIRCHILD-FSUSB63 Datasheet
1Mb / 3P
   3:1 High-Speed USB 2.0 Switch / Multiplexer
logo
ON Semiconductor
FSUSB63 ONSEMI-FSUSB63 Datasheet
874Kb / 11P
   3:1 High-Speed USB 2.0 Switch / Multiplexer
December-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com