Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL3332 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL3332
Description  3.3V, 짹15kV ESD Protected, Two Port, Dua Protocol RS-232/RS-485 Transceivers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3332 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL3332 Datasheet HTML 1Page - Intersil Corporation ISL3332 Datasheet HTML 2Page - Intersil Corporation ISL3332 Datasheet HTML 3Page - Intersil Corporation ISL3332 Datasheet HTML 4Page - Intersil Corporation ISL3332 Datasheet HTML 5Page - Intersil Corporation ISL3332 Datasheet HTML 6Page - Intersil Corporation ISL3332 Datasheet HTML 7Page - Intersil Corporation ISL3332 Datasheet HTML 8Page - Intersil Corporation ISL3332 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1
¬
FN6362.0
ISL3332, ISL3333
3.3V, ±15kV ESD Protected, Two Port, Dual
Protocol (RS-232/RS-485) Transceivers
The ISL3332, ISL3333 are two port interface ICs where each
port can be independently configured as a single
RS-485/422 transceiver, or as a dual (2 Tx, 2 Rx) RS-232
transceiver. With both ports set to the same mode, two
RS-485/RS-422 transceivers, or four RS-232 transceivers
are available.
If either port is in RS-232 mode, the onboard charge pump
generates RS-232 compliant
±5V Tx output levels from a
single VCC supply as low as 3.15V. The transceivers are
RS-232 compliant, with the Rx inputs handling up to
±25V.
In RS-485 mode, the transceivers support both the RS-485
and RS-422 differential communication standards. The
receivers feature "full failsafe" operation, so the Rx outputs
remain in a high state if the inputs are open or shorted
together. The transmitters support up to three data rates, two
of which are slew rate limited for problem free
communications. The charge pump disables when both
ports are in RS-485 mode, thereby saving power, minimizing
noise, and eliminating the charge pump capacitors.
Both RS-232 and RS-485 modes feature loopback and
shutdown functions. Loopback internally connects the Tx
outputs to the corresponding Rx input, to facilitate board
level self test implementation. The outputs remain connected
to the loads during loopback, so connection problems (e.g.,
shorted connectors or cables) can be detected. Shutdown
mode disables the Tx and Rx outputs, disables the charge
pumps, and places the IC in a low current (35µA) mode.
The ISL3333 is a QFN packaged device that includes two
additional user selectable, lower speed and edge rate
options for EMI sensitive designs, or to allow longer bus
lengths. It also features a logic supply pin (VL) that sets the
VOH level of logic outputs, and the switching points of logic
inputs, to be compatible with another supply voltage in mixed
voltage systems. The QFN also adds RS-232 mode Tx EN
pins (DEN), and active low Rx enable pins (RXEN) to
increase design flexibility. In RS-485 applications, active low
Rx enable pins allow Tx/Rx direction control, via a single
signal per port, by connecting the corresponding DE and
RXEN pins together.
For a single port version of these devices, please see the
ISL3330, ISL3331 data sheet.
Features
±15kV (HBM) ESD Protected Bus Pins (RS-232 or
RS-485)
• Operates From a Single 3.3V Supply
• Two Independent Ports, Each User Selectable for RS-232
(2 Transceivers) or RS-485/RS-422 (1 Transceiver)
• True Flow-Through Pinouts Simplify Board Layouts
• Pb-free (RoHS compliant)
• Full Failsafe (Open/Short) Rx in RS-485/422 Mode
• Loopback Mode Facilitates Board Self Test Functions
• User Selectable RS-485 Data Rates (ISL3333 Only)
- Fast Speed . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20Mbps
- Slew Rate Limited. . . . . . . . . . . . . . . . . . . . . . . 460kbps
- Slew Rate Limited. . . . . . . . . . . . . . . . . . . . . . . 115kbps
• Fast RS-232 Data Rate . . . . . . . . . . . . . . . Up to 400kbps
• RS-232 Tx and Rx Enable Pins (ISL3333 Only)
• Small Charge Pump Caps . . . . . . . . . . . . . . . . . 4 x 0.1µF
• Low Current Shutdown Mode. . . . . . . . . . . . . . . . . . .35µA
• QFN Package Saves Board Space (ISL3333 Only)
• Logic Supply Pin (VL) Eases Operation in Mixed Supply
Systems (ISL3333 Only)
Applications
• Gaming Applications (e.g., Slot Machines)
• Single Board Computers
• Factory Automation
• Security Networks
• Industrial/Process Control Networks
• Level Translators (e.g., RS-232 to RS-422)
• Point of Sale Equipment
• Dual Channel RS-485 Interfaces
TABLE 1. SUMMARY OF FEATURES
PART NUMBER
NO. OF
PORTS
PACKAGE OPTIONS
RS-485 DATA
RATE (bps)
RS-232 DATA
RATE (kbps)
VL PIN?
RS-232 Tx
ENABLE?
ACTIVE H or L
Rx ENABLE?
LOW POWER
SHUTDOWN?
ISL3332
2
28 Ld SSOP
20M
400
NO
NO
NONE
YES
ISL3333
2
40 Ld QFN (6 x 6mm) 20M, 460k, 115k
400
YES
YES
L
YES
Data Sheet
May 27, 2008
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2008. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL3332

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3332 INTERSIL-ISL3332 Datasheet
210Kb / 4P
   World?셲 Most Power-Effi cient
ISL3332 INTERSIL-ISL3332 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL3332 RENESAS-ISL3332 Datasheet
1Mb / 26P
   3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL3332 INTERSIL-ISL3332 Datasheet
948Kb / 26P
   3.3V, ±15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
May 27, 2008
ISL3332IAZ INTERSIL-ISL3332IAZ Datasheet
948Kb / 26P
   3.3V, ±15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
May 27, 2008
More results

Similar Description - ISL3332

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL33334E RENESAS-ISL33334E Datasheet
1Mb / 23P
   3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL3332 RENESAS-ISL3332 Datasheet
1Mb / 26P
   3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL3330 RENESAS-ISL3330 Datasheet
1Mb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL3330 INTERSIL-ISL3330 Datasheet
950Kb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol RS-232/RS-485 Transceivers
logo
Renesas Technology Corp
ISL33354E RENESAS-ISL33354E Datasheet
1Mb / 23P
   5V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL81334 INTERSIL-ISL81334_07 Datasheet
1,006Kb / 28P
   짹15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL81387 INTERSIL-ISL81387 Datasheet
1Mb / 27P
   짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
ISL3332IAZ INTERSIL-ISL3332IAZ Datasheet
948Kb / 26P
   3.3V, ±15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
May 27, 2008
logo
Renesas Technology Corp
ISL81387 RENESAS-ISL81387 Datasheet
1Mb / 27P
   짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL81387 INTERSIL-ISL81387_07 Datasheet
998Kb / 27P
   짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com