Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL3153E Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL3153E
Description  짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3153E Datasheet(HTML) 5 Page - Intersil Corporation

  ISL3153E Datasheet HTML 1Page - Intersil Corporation ISL3153E Datasheet HTML 2Page - Intersil Corporation ISL3153E Datasheet HTML 3Page - Intersil Corporation ISL3153E Datasheet HTML 4Page - Intersil Corporation ISL3153E Datasheet HTML 5Page - Intersil Corporation ISL3153E Datasheet HTML 6Page - Intersil Corporation ISL3153E Datasheet HTML 7Page - Intersil Corporation ISL3153E Datasheet HTML 8Page - Intersil Corporation ISL3153E Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5
FN6363.2
July 30, 2009
Absolute Maximum Ratings
Thermal Information
VCC to Ground . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7V
Input Voltages
DI, DE, RE . . . . . . . . . . . . . . . . -0.3V to (VCC + 0.3V)
Input/Output Voltages
A/Y, B/Z, A, B, Y, Z . . . . . . . . . . . . . . . . . -9V to +13V
A/Y, B/Z, A, B, Y, Z (Transient Pulse Through 100Ω,
Note 16) . . . . . . . . . . . . . . . . . . . . . . . . . . . ±100V
RO. . . . . . . . . . . . . . . . . . . . . . . -0.3V to (VCC +0.3V)
Short Circuit Duration
Y, Z . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous
ESD Rating . . . . . . . . . . . . . . . . . See Specification Table
Recommended Operating Conditions
Supply Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V
Temperature Range . . . . . . . . . . . . . . . . -40°C to +85°C
Bus Pin Common Mode Voltage Range . . . . . -7V to +12V
Thermal Resistance (Typical, Note 5)
θJA (°C/W)
8 Ld SOIC . . . . . . . . . . . . . . . . .
105
8 Ld MSOP, PDIP* . . . . . . . . . . . .
140
10 Ld MSOP . . . . . . . . . . . . . . . .
130
14 Ld SOIC . . . . . . . . . . . . . . . .
130
Maximum Junction Temperature (Plastic Package) . +150°C
Maximum Storage Temperature Range . . -65°C to +150°C
Pb-Free Reflow Profile. . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
*Pb-free PDIPs can be used for through-hole wave solder
processing only. They are not intended for use in Reflow
solder processing applications.
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact
product reliability and result in failures not covered by warranty.
NOTE:
5. θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief
TB379 for details.
Electrical Specifications Test Conditions: VCC = 4.5V to 5.5V; Unless Otherwise Specified. Typicals are at VCC = 5V,
TA =+25°C (Note6). Boldface limits apply over the operating temperature range,
-40°C to +85°C.
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 14)
TYP
MAX
(Note 14) UNITS
DC CHARACTERISTICS
Driver Differential VOUT
(No load)
VOD1
Full
-
-
VCC
V
Driver Differential VOUT
(Loaded)
VOD2
RL = 100Ω (RS-422) (Figure 1A)
Full
2.8
3.6
-
V
RL = 54Ω (RS-485) (Figure 1A)
Full
2.4
3.1
VCC
V
RL = 15Ω (Eight 120Ω terminations)
(Note 15)
25
-
1.65
-
V
RL = 60Ω, -7V ≤ VCM ≤ 12V
(Figure 1B)
Full
2.4
3-
V
Change in Magnitude of
Driver Differential VOUT for
Complementary Output
States
ΔVOD
RL = 54Ω or 100Ω (Figure 1A)
Full
-
0.01
0.2
V
Driver Common-Mode VOUT
VOC
RL = 54Ω or 100Ω (Figure 1A)
Full
-
-
3.15
V
Change in Magnitude of
Driver Common-Mode VOUT
for Complementary Output
States
ΔVOC
RL = 54Ω or 100Ω (Figure 1A)
Full
-
0.01
0.2
V
Logic Input High Voltage
VIH
DE, DI, RE
Full
2
--
V
Logic Input Low Voltage
VIL
DE, DI, RE
Full
-
-
0.8
V
DI Input Hysteresis Voltage
VHYS
25
-
100
-
mV
Logic Input Current
IIN1
DE, DI, RE
Full
-2
-
2
µA
Input Current (A, B, A/Y,
B/Z)
IIN2
DE = 0V, VCC = 0V or
5.5V
VIN = 12V
Full
-
70
125
µA
VIN = -7V
Full
-75
55
-
µA
ISL3150E, ISL3152E, ISL3153E, ISL3155E, ISL3156E, ISL3158E


Similar Part No. - ISL3153E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3153E INTERSIL-ISL3153E Datasheet
896Kb / 20P
   짹16.5kV ESD (IEC61000-4-2) Protected, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL3153E INTERSIL-ISL3153E Datasheet
210Kb / 4P
   World?셲 Most Power-Effi cient
ISL3153E INTERSIL-ISL3153E Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL3153E INTERSIL-ISL3153E Datasheet
4Mb / 20P
   Intersil?셲 Solutions for Industrial Process Control
ISL3153E INTERSIL-ISL3153E Datasheet
948Kb / 22P
   짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
More results

Similar Description - ISL3153E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3152EIBZ-T INTERSIL-ISL3152EIBZ-T Datasheet
948Kb / 22P
   짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL3152EIUZ-T INTERSIL-ISL3152EIUZ-T Datasheet
948Kb / 22P
   짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
RS-485 INTERSIL-RS-485 Datasheet
946Kb / 22P
   ±16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
July 30, 2009
ISL3150E INTERSIL-ISL3150E_08 Datasheet
896Kb / 20P
   짹16.5kV ESD (IEC61000-4-2) Protected, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL3150E RENESAS-ISL3150E Datasheet
1Mb / 34P
   Large 3V Output Swing, 16.5kV ESD, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3158AE INTERSIL-ISL3158AE Datasheet
616Kb / 16P
   짹16.5kV ESD (IEC61000-4-2) Protected, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceiver
ISL83080E INTERSIL-ISL83080E_08 Datasheet
869Kb / 20P
   -15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
FN6085 INTERSIL-FN6085 Datasheet
876Kb / 19P
   짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL83080E_0804 INTERSIL-ISL83080E_0804 Datasheet
876Kb / 19P
   짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL83080E RENESAS-ISL83080E Datasheet
1Mb / 21P
   짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com