Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5178ISZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL5178ISZ
Description  700MHz Differential Twisted-Pair Drivers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5178ISZ Datasheet(HTML) 5 Page - Intersil Corporation

  EL5178ISZ Datasheet HTML 1Page - Intersil Corporation EL5178ISZ Datasheet HTML 2Page - Intersil Corporation EL5178ISZ Datasheet HTML 3Page - Intersil Corporation EL5178ISZ Datasheet HTML 4Page - Intersil Corporation EL5178ISZ Datasheet HTML 5Page - Intersil Corporation EL5178ISZ Datasheet HTML 6Page - Intersil Corporation EL5178ISZ Datasheet HTML 7Page - Intersil Corporation EL5178ISZ Datasheet HTML 8Page - Intersil Corporation EL5178ISZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
FN7491.4
August 25, 2010
Pin Descriptions
EL5178
EL5378
PIN NAME
PIN FUNCTION
17, 21, 27
FBP3, FBP2, FBP1
Feedback from non-inverting outputs
2, 6, 10
INP1, INP2, INP3
Non-inverting inputs
3, 7, 11
INN1, INN2, INN3
Inverting inputs, note that on EL5178, this pin is also the REF pin
16, 20, 26
FBN3, FBN2, FBN1
Feedback from inverting outputs
15, 19, 25
OUT3B, OUT2B, OUT1B Inverting outputs
24
VSP
Positive supply
23
VSN
Negative supply
18, 22, 28
OUT3, OUT2, OUT1
Non-inverting outputs
1, 5, 9, 13
NC
No connect; grounded for best crosstalk performance
4, 8, 12
REF1, REF2, REF3
Reference inputs, sets common-mode output voltage
14
EN
ENABLE
1
FBP
Feedback from non-inverting output
2
IN+
Non-inverting input
3
REF
Inverting input, note that on EL5178, this pin is also the REF pin
4
FBN
Feedback from inverting output
5
OUT-
Inverting output
6
VS+
Positive supply
7
VS-
Negative supply
8
OUT+
Non-inverting output
Typical Performance Curves
FIGURE 1. EL5178 FREQUENCY RESPONSE FOR VARIOUS RF
FIGURE 2. EL5178 FREQUENCY RESPONSE FOR VARIOUS
GAIN
VS = ±5V
RLD = 1kΩ
CLD = 0pF
AV = 2
RF = 2kΩ
RF = 1kΩ
RF = 422Ω
FREQUENCY (Hz)
100k
1M
10M
100M
20
10
-15
FREQUENCY (Hz)
15
5
1G
-5
0
-10
VS = ±5V
RLD = 1kΩ
CLD = 0pF
RF = 422Ω
AV = 5
AV = 2
EL5178, EL5378


Similar Part No. - EL5178ISZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5178ISZ INTERSIL-EL5178ISZ Datasheet
720Kb / 18P
   700MHz Differential Twisted-Pair Drivers
EL5178ISZ INTERSIL-EL5178ISZ Datasheet
839Kb / 18P
   700MHz Differential Twisted-Pair Drivers
August 19, 2015
logo
Renesas Technology Corp
EL5178ISZ RENESAS-EL5178ISZ Datasheet
1Mb / 18P
   700MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5178ISZ-T13 INTERSIL-EL5178ISZ-T13 Datasheet
720Kb / 18P
   700MHz Differential Twisted-Pair Drivers
EL5178ISZ-T7 INTERSIL-EL5178ISZ-T7 Datasheet
720Kb / 18P
   700MHz Differential Twisted-Pair Drivers
More results

Similar Description - EL5178ISZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5178 RENESAS-EL5178 Datasheet
1Mb / 18P
   700MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5178ISZ INTERSIL-EL5178ISZ Datasheet
839Kb / 18P
   700MHz Differential Twisted-Pair Drivers
August 19, 2015
EL5178 INTERSIL-EL5178_07 Datasheet
720Kb / 18P
   700MHz Differential Twisted-Pair Drivers
EL5173 INTERSIL-EL5173_06 Datasheet
694Kb / 14P
   450MHz Differential Twisted-Pair Drivers
EL5173 INTERSIL-EL5173_08 Datasheet
371Kb / 15P
   450MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5171 RENESAS-EL5171 Datasheet
751Kb / 15P
   250MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5171 INTERSIL-EL5171 Datasheet
533Kb / 14P
   250MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5173 RENESAS-EL5173 Datasheet
793Kb / 15P
   450MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5171 INTERSIL-EL5171_06 Datasheet
331Kb / 14P
   250MHz Differential Twisted-Pair Drivers
EL5170 INTERSIL-EL5170_06 Datasheet
640Kb / 15P
   100MHz Differential Twisted-Pair Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com