Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5378IUZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL5378IUZ
Description  700MHz Differential Twisted-Pair Drivers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5378IUZ Datasheet(HTML) 1 Page - Intersil Corporation

  EL5378IUZ Datasheet HTML 1Page - Intersil Corporation EL5378IUZ Datasheet HTML 2Page - Intersil Corporation EL5378IUZ Datasheet HTML 3Page - Intersil Corporation EL5378IUZ Datasheet HTML 4Page - Intersil Corporation EL5378IUZ Datasheet HTML 5Page - Intersil Corporation EL5378IUZ Datasheet HTML 6Page - Intersil Corporation EL5378IUZ Datasheet HTML 7Page - Intersil Corporation EL5378IUZ Datasheet HTML 8Page - Intersil Corporation EL5378IUZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
®
FN7491.4
EL5178, EL5378
700MHz Differential Twisted-Pair Drivers
The EL5178 and EL5378 are single and triple high
bandwidth amplifiers with an output in differential form. They
are primarily targeted for applications such as driving
twisted-pair lines in component video applications. The
inputs can be in either single-ended or differential form but
the outputs are always in differential form.
On the EL5178 and EL5378, two feedback inputs provide
the user with the ability to set the gain of each device (stable
at minimum gain of 2).
The output common mode level for each channel is set by
the associated REF pin, which has a -3dB bandwidth of over
110MHz. Generally, these pins are grounded but can be tied
to any voltage reference.
All outputs are short circuit protected to withstand temporary
overload condition.
The EL5178 is available in 8 Ld MSOP and SOIC packages
and EL5378 is available in a 28 Ld QSOP package. All are
specified for operation over the full -40°C to +85°C
temperature range.
Features
• Fully differential inputs, outputs, and feedback
• Differential input range ±2.3V
• 700MHz 3dB bandwidth
• 1000V/µs slew rate
• Low distortion at 5MHz and 20MHz
• Single 5V or dual ±5V supplies
• 60mA maximum output current
• Low power - 12.5mA per channel
• Pb-free available (RoHS compliant)
Applications
• Twisted-pair driver
• Differential line driver
• VGA over twisted-pair
• ADSL/HDSL driver
• Single-ended to differential amplification
• Transmission of analog signals in a noisy environment
Pinouts
EL5178
(8 LD MSOP, SOIC)
TOP VIEW
EL5378
(28 LD QSOP)
TOP VIEW
-
+
FBP
IN+
REF
FBN
OUT+
VS-
VS+
OUT-
1
2
3
4
8
7
6
5
1
2
3
4
28
27
26
25
5
6
7
24
23
22
8
21
9
10
20
19
11
12
13
18
17
16
14
15
-
+
-
+
-
+
OUT1
FBP1
FBN1
OUT1B
VSP
VSN
OUT2
FBP2
FBN2
OUT2B
OUT3
FBP3
FBN3
OUT3B
NC
INP1
INN1
REF1
NC
INP2
INN2
REF2
NC
INP3
INN3
REF3
NC
EN
Data Sheet
August 25, 2010
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2004, 2005, 2007, 2010. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - EL5378IUZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5378IUZ INTERSIL-EL5378IUZ Datasheet
720Kb / 18P
   700MHz Differential Twisted-Pair Drivers
EL5378IUZ INTERSIL-EL5378IUZ Datasheet
839Kb / 18P
   700MHz Differential Twisted-Pair Drivers
August 19, 2015
logo
Renesas Technology Corp
EL5378IUZ RENESAS-EL5378IUZ Datasheet
1Mb / 18P
   700MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5378IUZ-T13 INTERSIL-EL5378IUZ-T13 Datasheet
720Kb / 18P
   700MHz Differential Twisted-Pair Drivers
EL5378IUZ-T7 INTERSIL-EL5378IUZ-T7 Datasheet
720Kb / 18P
   700MHz Differential Twisted-Pair Drivers
More results

Similar Description - EL5378IUZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5178 RENESAS-EL5178 Datasheet
1Mb / 18P
   700MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5178ISZ INTERSIL-EL5178ISZ Datasheet
839Kb / 18P
   700MHz Differential Twisted-Pair Drivers
August 19, 2015
EL5178 INTERSIL-EL5178_07 Datasheet
720Kb / 18P
   700MHz Differential Twisted-Pair Drivers
EL5173 INTERSIL-EL5173_06 Datasheet
694Kb / 14P
   450MHz Differential Twisted-Pair Drivers
EL5173 INTERSIL-EL5173_08 Datasheet
371Kb / 15P
   450MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5171 RENESAS-EL5171 Datasheet
751Kb / 15P
   250MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5171 INTERSIL-EL5171 Datasheet
533Kb / 14P
   250MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5173 RENESAS-EL5173 Datasheet
793Kb / 15P
   450MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5171 INTERSIL-EL5171_06 Datasheet
331Kb / 14P
   250MHz Differential Twisted-Pair Drivers
EL5170 INTERSIL-EL5170_06 Datasheet
640Kb / 15P
   100MHz Differential Twisted-Pair Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com